Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1151 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1151
Description  Dual 15V Zero-Drift Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1151 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1151 Datasheet HTML 4Page - Linear Technology LTC1151 Datasheet HTML 5Page - Linear Technology LTC1151 Datasheet HTML 6Page - Linear Technology LTC1151 Datasheet HTML 7Page - Linear Technology LTC1151 Datasheet HTML 8Page - Linear Technology LTC1151 Datasheet HTML 9Page - Linear Technology LTC1151 Datasheet HTML 10Page - Linear Technology LTC1151 Datasheet HTML 11Page - Linear Technology LTC1151 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LTC1151
8
1151fa
S
APPLICATI
I FOR ATIO
LEAD WIRE/SOLDER
COPPER TRACE JUNCTION
NOMINALLY UNNECESSARY
RESISTOR USED TO
THERMALLY BALANCE
OTHER INPUT RESISTOR
OUTPUT
RESISTOR LEAD, SOLDER,
COPPER TRACE JUNCTION
1151 F01
+
LTC1151
Figure 1. Extra Resistors Cancel Thermal EMF
Resistors are another source of thermal EMF errors.
Table 1 shows the thermal EMF generated for different
resistors. The temperature gradient across the resistor is
important, not the ambient temperature. There are two
junctions formed at each end of the resistor and if these
junctions are at the same temperature, their thermal EMFs
will cancel each other. The thermal EMF numbers are
approximate and vary with resistor value. High values give
higher thermal EMF.
Table 1. Resistor Thermal EMF
RESISTOR TYPE
THERMAL EMF/
°C GRADIENT
Tin Oxide
>1mV/°C
Carbon Composition
∼450µV/°C
Metal Film
∼20µV/°C
Wire Wound
Evenohm, Manganin
∼2µV/°C
PACKAGE-INDUCED OFFSET VOLTAGE
Package-induced thermal EMF effects are another impor-
tant source of errors. They arise at the junctions formed
when wire or printed circuit traces contact a package lead.
Like all the previously mentioned thermal EMF effects,
they are outside the LTC1151’s offset nulling loop and
cannot be cancelled. The input offset voltage specification
of the LTC1151 is actually set by the package-induced
warm-up drift rather than by the circuit itself. The thermal
time constant ranges from 0.5 to 3 minutes, depending on
package type.
ALIASING
Like all sampled data systems, the LTC1151 exhibits
aliasing behavior at input frequencies near the sampling
frequency. The LTC1151 includes a high frequency cor-
rection loop which minimizes this effect. As a result,
aliasing is not a problem for many applications.
For a complete discussion of the correction circuitry and
aliasing behavior, please refer to the LTC1051/LTC1053
data sheet.
LOW SUPPLY OPERATION
The minimum supply for proper operation of the LTC1151
is typically 4.0V (
±2.0V). In single supply applications,
PSRR is guaranteed down to 4.7V (
±2.35V) to ensure
proper operation at minimum TTL supply voltage of 4.75V.


Similar Part No. - LTC1151

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1151 LINER-LTC1151 Datasheet
217Kb / 8P
   Dual 짹15V Zero-Drift Operational Amplifier
LTC1151 LINER-LTC1151 Datasheet
177Kb / 12P
   Dual 짹15V Zero-Drift Operational Amplifier
LTC1151C LINER-LTC1151C Datasheet
217Kb / 8P
   Dual 짹15V Zero-Drift Operational Amplifier
LTC1151CN8 LINER-LTC1151CN8 Datasheet
217Kb / 8P
   Dual 짹15V Zero-Drift Operational Amplifier
LTC1151CN8 LINER-LTC1151CN8 Datasheet
177Kb / 12P
   Dual 짹15V Zero-Drift Operational Amplifier
More results

Similar Description - LTC1151

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2051 LINER-LTC2051 Datasheet
117Kb / 4P
   Dual Zero-Drift Operational Amplifier
LTC1150 LINER-LTC1150_15 Datasheet
244Kb / 16P
   15V Zero-Drift Operational Amplifier with Internal Capacitors
LTC1151 LINER-LTC1151 Datasheet
217Kb / 8P
   Dual 짹15V Zero-Drift Operational Amplifier
LTC1151 LINER-LTC1151_05 Datasheet
177Kb / 12P
   Dual 짹15V Zero-Drift Operational Amplifier
LTC1052 LINER-LTC1052_15 Datasheet
856Kb / 24P
   Zero-Drift Operational Amplifier
logo
Asahi Kasei Microsystem...
AK2970H AKM-AK2970H Datasheet
424Kb / 10P
   Zero Drift Operational Amplifier
logo
ON Semiconductor
NCS325 ONSEMI-NCS325_16 Datasheet
762Kb / 15P
   Zero-Drift Operational Amplifier
October, 2016 ??Rev. 3
NCS333A ONSEMI-NCS333A_18 Datasheet
931Kb / 27P
   Zero-Drift Operational Amplifier
June, 2018 ??Rev. 18
logo
Linear Technology
LTC1052 LINER-LTC1052_09 Datasheet
850Kb / 24P
   Zero-Drift Operational Amplifier
logo
ON Semiconductor
NCS325 ONSEMI-NCS325 Datasheet
717Kb / 10P
   Zero-Drift Operational Amplifier
June, 2014 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com