Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1324 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1324
Description  Single Supply LocalTalk Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1324 Datasheet(HTML) 2 Page - Linear Technology

  LTC1324_15 Datasheet HTML 1Page - Linear Technology LTC1324_15 Datasheet HTML 2Page - Linear Technology LTC1324_15 Datasheet HTML 3Page - Linear Technology LTC1324_15 Datasheet HTML 4Page - Linear Technology LTC1324_15 Datasheet HTML 5Page - Linear Technology LTC1324_15 Datasheet HTML 6Page - Linear Technology LTC1324_15 Datasheet HTML 7Page - Linear Technology LTC1324_15 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LTC1324
2
1324fa
PACKAGE/ORDER INFORMATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VCC) ................................................. 7V
Input Voltage (Logic Inputs)......... – 0.3V to (VCC + 0.3V)
Input Voltage (Receiver Inputs).............................. ±1 5V
Driver Output Voltage (Forced) .............................. ±15V
Driver Short-Circuit Duration .......................... Indefinite
Operating Temperature Range .................... 0°C to 70°C
Storage Temperature Range ..................– 65°C to 150°C
Lead Temperature (Soldering, 10 sec)................... 300°C
(Note 1)
1
2
3
4
5
6
7
8
TOP VIEW
N PACKAGE
16-LEAD PDIP
16
15
14
13
12
11
10
9
NC
SR
TXD
TXDEN
SHDN
RXEN
RXO
GND
VCC
TXDEN
RXEN
NC
TXD
TXD+
RXD
RXD+
DX
RX
SW PACKAGE
16-LEAD PLASTIC SO WIDE
TJMAX = 150°C, θJA = 110°C/ W (N)
TJMAX = 150°C, θJA = 150°C/W (SW)
ORDER PART
NUMBER
LTC1324CN
LTC1324CSW
Consult factory for Industrial and Military grade parts.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supplies
ICC
Normal Operation Supply Current
Shutdown Supply Current
No Load, SHDN = 0V, TXDEN = 0V, RXEN = 0V
No Load, SHDN = VCC
l
l
1
1
2
10
mA
μA
Differential Driver
VOD
Differential Output Voltage
No Load
RL = 50Ω (Figure 1)
l
l
± 4.0
±2.0
V
V
ΔVOD
Change in Magnitude of Differential
Output Voltage
RL = 50Ω (Figure 1)
0.2
V
VOC
Differential Common Mode Output Voltage
RL = 50Ω (Figure 1)
3.0
V
ISS
Short-Circuit Current
0V ≤ VO ≤ 5V
l
35
120
250
mA
IOZ
Three-State Output Current
(TXDEN = VCC and TXDEN = GND) or
SHDN = VCC or Power Off, –10V ≤ VO ≤ 10V
l
±2
±200
μA
Logic Inputs
VIH
Input High Voltage
All Logic Input Pins
l
2.4
V
VIL
Input Low Voltage
All Logic Input Pins
l
0.8
V
IIN
Input Current
SHDN, TXDEN, RXDEN, V = 0V to VCC
l
±1
±20
μA
IDN
Pull-Down Current
RXDEN, TXDEN, SR, V = 0V to VCC
l
15
60
μA
Receiver
RIN
Input Resistance
–7V ≤ VIN ≤ 7V
12
Receiver Threshold Voltage
–7V ≤ VCM ≤ 7V
l
–200
200
mV
Receiver Input Hysteresis
–7V ≤ VCM ≤ 7V
70
mV
VOH
Output High Voltage
IO = –4mA
l
3.5
V
VOL
Output Low Voltage
IO = 4mA
l
0.4
V
ISS
Output Short-Circuit Current
0V ≤ VO ≤ 5V
l
785
mA
IOZ
Output Three-State Current
0V ≤ VO ≤ 5V, RXEN = VCC, RXEN = GND
l
±2
±100
μA
VCC = 5V, TA = 0°C to 70°C (Notes 2, 3), unless otherwise noted.


Similar Part No. - LTC1324_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1324CN LINER-LTC1324CN Datasheet
241Kb / 8P
   Single Supply LocalTalk Transceiver
LTC1324CSW LINER-LTC1324CSW Datasheet
241Kb / 8P
   Single Supply LocalTalk Transceiver
More results

Similar Description - LTC1324_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1324 LINER-LTC1324 Datasheet
241Kb / 8P
   Single Supply LocalTalk Transceiver
LTC1345 LINER-LTC1345 Datasheet
203Kb / 12P
   Single Supply V.35 Transceiver
LTC1345 LINER-LTC1345_15 Datasheet
218Kb / 12P
   Single Supply V.35 Transceiver
logo
Texas Instruments
SN74LVC1T45 TI1-SN74LVC1T45_12 Datasheet
993Kb / 28P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER
SN74AVCH1T45 TI-SN74AVCH1T45 Datasheet
427Kb / 21P
[Old version datasheet]   SINGLE BIT DUAL SUPPLY BUS TRANSCEIVER
SN74LVC1T45-Q1 TI1-SN74LVC1T45-Q1_14 Datasheet
761Kb / 21P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER
logo
National Semiconductor ...
DS8925 NSC-DS8925 Datasheet
311Kb / 16P
   LocalTalk??Dual Driver/Triple Receiver
DS8935 NSC-DS8935 Datasheet
172Kb / 12P
   LocalTalk??Dual Driver/Triple Receiver
logo
Microchip Technology
USB3370 MICROCHIP-USB3370 Datasheet
1Mb / 75P
   Enhanced Single Supply Hi-Speed USB ULPI Transceiver
01/27/15
USB334X MICROCHIP-USB334X Datasheet
1Mb / 92P
   Enhanced Single Supply Hi-Speed USB ULPI Transceiver
10/25/17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com