Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1324 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1324
Description  Single Supply LocalTalk Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1324 Datasheet(HTML) 5 Page - Linear Technology

  LTC1324_15 Datasheet HTML 1Page - Linear Technology LTC1324_15 Datasheet HTML 2Page - Linear Technology LTC1324_15 Datasheet HTML 3Page - Linear Technology LTC1324_15 Datasheet HTML 4Page - Linear Technology LTC1324_15 Datasheet HTML 5Page - Linear Technology LTC1324_15 Datasheet HTML 6Page - Linear Technology LTC1324_15 Datasheet HTML 7Page - Linear Technology LTC1324_15 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LTC1324
5
1324fa
TYPICAL PERFORMANCE CHARACTERISTICS
Driver Differential Output Voltage
vs Temperature
Receiver
⏐tPLH – tPHL
vs Temperature
TEMPERATURE (C)
–55
65
3.1
3.0
2.9
2.8
2.7
2.6
2.5
2.4
2.3
1324 G12
–35
125
–15
525
45
85 105
RL = 100Ω
TEMPERATURE (C)
–55
65
8
7
6
5
4
3
2
1
0
1324 G13
–35
125
–15
525
45
85 105
PIN FUNCTIONS
NC (Pins 1, 13): No Internal Connection.
SR (Pin 2): Slew Rate Control (TTL Compatible). A high
level on this pin forces the RS485 driver into the low slew
rate mode. A low level forces the driver into the high slew
rate or normal mode. Connected to an internal pull-down.
TXD (Pin 3): RS485 Driver Input (TTL Compatible).
TXDEN (Pin 4): Driver Output Enable (TTL Compatible). A
high level on this pin and a low level on TXDEN (Pin 15)
forces the RS485 driver into three-state. A low level en-
ables the driver.
SHDN (Pin 5): Shutdown Input (TTL Compatible). When
this pin is high, the chip is shut down; the driver and re-
ceiver outputs three-state; and the supply current drops
to 1μA. A low level on this pin allows normal operation.
RXEN (Pin 6): Receiver Enable (TTL Compatible). A high
level on this pin and a low level on RXEN (Pin 14) disables
the receiver and three-states the logic outputs. A low level
allows normal operation.
RXDO (Pin 7): RS485 Receiver Output.
GND (Pin 8): Ground.
RXD+ (Pin 9):
RS485 Receiver Noninverting Input. When
this pin is ≥ 200mV above RXD, RXDO will be high. When
this pin is ≥ 200mV below RXD, RXDO will be low.
RXD(Pin 10):
RS485 Receiver Inverting Input.
TXD+ (Pin 11):
RS485 Driver Noninverting Output.
TXD(Pin 12):
RS485 Driver Inverting Output.
RXEN (Pin 14): Receiver Enable (TTL Compatible). A low
level on this pin and a high level on RXEN (Pin 6) disables
the receiver and three-states the logic outputs. A high
level allows normal operation. Connected to an internal
pull-down.
TXDEN (Pin 15): Driver Output Enable (TTL Compatible).
A low level on this pin and a high level on TXDEN (Pin 4)
forces the RS485 driver into three-state. A high level
enables the driver. Connected to an internal pull-down.
VCC (Pin 16): The Positive Supply Input. 4.75V ≤ VCC
5.25V. Requires a 1μF bypass capacitor to ground.


Similar Part No. - LTC1324_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1324CN LINER-LTC1324CN Datasheet
241Kb / 8P
   Single Supply LocalTalk Transceiver
LTC1324CSW LINER-LTC1324CSW Datasheet
241Kb / 8P
   Single Supply LocalTalk Transceiver
More results

Similar Description - LTC1324_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1324 LINER-LTC1324 Datasheet
241Kb / 8P
   Single Supply LocalTalk Transceiver
LTC1345 LINER-LTC1345 Datasheet
203Kb / 12P
   Single Supply V.35 Transceiver
LTC1345 LINER-LTC1345_15 Datasheet
218Kb / 12P
   Single Supply V.35 Transceiver
logo
Texas Instruments
SN74LVC1T45 TI1-SN74LVC1T45_12 Datasheet
993Kb / 28P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER
SN74AVCH1T45 TI-SN74AVCH1T45 Datasheet
427Kb / 21P
[Old version datasheet]   SINGLE BIT DUAL SUPPLY BUS TRANSCEIVER
SN74LVC1T45-Q1 TI1-SN74LVC1T45-Q1_14 Datasheet
761Kb / 21P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER
logo
National Semiconductor ...
DS8925 NSC-DS8925 Datasheet
311Kb / 16P
   LocalTalk??Dual Driver/Triple Receiver
DS8935 NSC-DS8935 Datasheet
172Kb / 12P
   LocalTalk??Dual Driver/Triple Receiver
logo
Microchip Technology
USB3370 MICROCHIP-USB3370 Datasheet
1Mb / 75P
   Enhanced Single Supply Hi-Speed USB ULPI Transceiver
01/27/15
USB334X MICROCHIP-USB334X Datasheet
1Mb / 92P
   Enhanced Single Supply Hi-Speed USB ULPI Transceiver
10/25/17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com