Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1797 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1797
Description  10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1797 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1797 Datasheet HTML 2Page - Linear Technology LT1797 Datasheet HTML 3Page - Linear Technology LT1797 Datasheet HTML 4Page - Linear Technology LT1797 Datasheet HTML 5Page - Linear Technology LT1797 Datasheet HTML 6Page - Linear Technology LT1797 Datasheet HTML 7Page - Linear Technology LT1797 Datasheet HTML 8Page - Linear Technology LT1797 Datasheet HTML 9Page - Linear Technology LT1797 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
LT1797
6
1797fb
TYPICAL PERFORMANCE CHARACTERISTICS
Slew Rate vs Temperature
Gain Bandwidth Product and
Phase Margin vs Supply Voltage
PSRR vs Frequency
CMRR vs Frequency
Gain Bandwidth Product and
Phase Margin vs RF and RG
Output Impedance vs Frequency
Input Noise Current Density
vs Frequency
Gain and Phase Shift
vs Frequency
Gain Bandwidth Product
vs Temperature
FREQUENCY (Hz)
10
1k
10k
100k
1797 G10
100
VS = ±2.5V
1.2
1.0
0.8
0.6
0.4
0.2
0
FREQUENCY (Hz)
0
60
70
–10
–20
50
20
40
30
10
10k
1M
10M
100M
1797 G11
–30
–40
80
100
–60
–80
60
0
40
20
–20
–100
100k
VS = ±2.5V
PHASE
GAIN
TEMPERATURE (°C)
–50
11.5
25
1797 G12
10.0
9.0
–25
0
50
8.5
8.0
12.0
11.0
10.5
9.5
75
100
125
VS = ±5V
VS = ±2.5V
f = 100kHz
TEMPERATURE (°C)
–50
–25
1.0
2.0
3.5
0
50
75
1797 G13
1.5
3.0
2.5
25
100
125
RISING
FALLING
VS = ±2.5V
TOTAL SUPPLY VOLTAGE (V)
0
8
10
12
9
11
13
2
468
1797 G14
10
1
3
579
11 12
35
30
45
55
40
50
60
PHASE MARGIN
GAIN BANDWIDTH PRODUCT
f = 100kHz
RF = RG = 1k
RF = RG = (Ω)
1k
10
12
14
10k
100k
1797 G15
11
13
20
40
60
10
30
50
PHASE MARGIN
GAIN BANDWIDTH PRODUCT
VS = ±5V
FREQUENCY (Hz)
20
80
90
10
0
70
40
60
50
30
1k
100k
1M
10M
1797 G16
–10
10k
VS = ±2.5V
NEGATIVE SUPPLY
POSITIVE SUPPLY
FREQUENCY (Hz)
40
100
110
30
20
90
60
80
70
50
1k
100k
1M
10M
1797 G17
10
10k
VS = ±2.5V
FREQUENCY (Hz)
100
1k
0.01
1
100
10k
100k
1M
10M
1797 G18
0.1
10
GAIN = 100
GAIN = 10
VS = ±2.5V


Similar Part No. - LT1797

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1797 LINER-LT1797 Datasheet
195Kb / 12P
   10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1797 LINER-LT1797 Datasheet
194Kb / 14P
   10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1797CS5 LINER-LT1797CS5 Datasheet
195Kb / 12P
   10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1797CS5-PBF LINER-LT1797CS5-PBF Datasheet
194Kb / 14P
   10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1797CS5-TRPBF LINER-LT1797CS5-TRPBF Datasheet
194Kb / 14P
   10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
More results

Similar Description - LT1797

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1797 LINER-LT1797 Datasheet
195Kb / 12P
   10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1797 LINER-LT1797_1 Datasheet
194Kb / 14P
   10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1880 LINER-LT1880 Datasheet
240Kb / 12P
   SOT-23, Rail-to-Rail Output, Picoamp Input Current Precision Op Amp
LT1880 LINER-LT1880_15 Datasheet
233Kb / 12P
   SOT-23, Rail-to-Rail Output, Picoamp Input Current Precision Op Amp
LT1782 LINER-LT1782_15 Datasheet
519Kb / 16P
   Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
LT1782 LINER-LT1782_1 Datasheet
261Kb / 16P
   Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
LT1782 LINER-LT1782 Datasheet
212Kb / 12P
   Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
LT1783IS5 LINER-LT1783IS5 Datasheet
164Kb / 16P
   1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1783 LINER-LT1783 Datasheet
211Kb / 12P
   1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
logo
Linear Dimensions Semic...
LT1783IS5-TRMPBF LINEAR_DIMENSIONS-LT1783IS5-TRMPBF Datasheet
184Kb / 16P
   1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com