Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KIA1218 Datasheet(PDF) 11 Page - KEC(Korea Electronics)

Part # KIA1218
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT (AUDIO/VIDEO SWITCHING IC FOR TV)
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA1218 Datasheet(HTML) 11 Page - KEC(Korea Electronics)

Back Button KIA1218 Datasheet HTML 7Page - KEC(Korea Electronics) KIA1218 Datasheet HTML 8Page - KEC(Korea Electronics) KIA1218 Datasheet HTML 9Page - KEC(Korea Electronics) KIA1218 Datasheet HTML 10Page - KEC(Korea Electronics) KIA1218 Datasheet HTML 11Page - KEC(Korea Electronics) KIA1218 Datasheet HTML 12Page - KEC(Korea Electronics) KIA1218 Datasheet HTML 13Page - KEC(Korea Electronics) KIA1218 Datasheet HTML 14Page - KEC(Korea Electronics) KIA1218 Datasheet HTML 15Page - KEC(Korea Electronics) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image


Similar Part No. - KIA1218

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KIA1001H KODENSHI-KIA1001H Datasheet
136Kb / 3P
   Photo Interrupter
KIA1002H KODENSHI-KIA1002H Datasheet
137Kb / 3P
   Photo Interrupter
logo
KEC(Korea Electronics)
KIA1117API00 KEC-KIA1117API00 Datasheet
73Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA1117API15 KEC-KIA1117API15 Datasheet
73Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA1117API18 KEC-KIA1117API18 Datasheet
73Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

Similar Description - KIA1218

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA72730 SANYO-LA72730 Datasheet
121Kb / 8P
   Monolithic Linear IC For TV Audio/Video Switch
logo
KEC(Korea Electronics)
KIA6248K KEC-KIA6248K Datasheet
192Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (7.3W DUAL AUDIO POWER IC)
logo
STMicroelectronics
TEA2014 STMICROELECTRONICS-TEA2014 Datasheet
118Kb / 3P
   VIDEO SWITCHING CIRCUIT FOR TV
logo
KEC(Korea Electronics)
KIA6043S KEC-KIA6043S Datasheet
148Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (FM STEREO MULTIPLEX FOR AUDIO)
KIA6924S KEC-KIA6924S Datasheet
295Kb / 12P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (AUDIO MUTING SYSTEM)
KIA6213S KEC-KIA6213S Datasheet
638Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (AUDIO POWER AMPLIFIER)
KIA8231L KEC-KIA8231L Datasheet
172Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (42W BTL X 2CH AUDIO POWER IC)
KIA2078P KEC-KIA2078P Datasheet
65Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (PRESET EZUALIZER IC)
KIA8182FN KEC-KIA8182FN Datasheet
180Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (TV/FM SYSTEM FRONT END)
KIA6010SN KEC-KIA6010SN Datasheet
263Kb / 13P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (FM NOISE CANCELLER FOR CAR AUDIO)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com