Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1340 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1340
Description  Low Noise, Voltage-Boosted Varactor Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1340 Datasheet(HTML) 7 Page - Linear Technology

  LTC1340 Datasheet HTML 1Page - Linear Technology LTC1340 Datasheet HTML 2Page - Linear Technology LTC1340 Datasheet HTML 3Page - Linear Technology LTC1340 Datasheet HTML 4Page - Linear Technology LTC1340 Datasheet HTML 5Page - Linear Technology LTC1340 Datasheet HTML 6Page - Linear Technology LTC1340 Datasheet HTML 7Page - Linear Technology LTC1340 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
LTC1340
APPLICATIONS INFORMATION
should require no additional filtering. Additional filtering
to reduce feedthrough noise is possible by inserting a
resistor or a ferrite bead between OUT and COUT.
Hookup
The two sections of the LTC1340 are carefully shielded
from each other inside the chip, but care must also be
taken in the external hookup to minimize noise at the
amplifier output. The two halves of the chip should only
meet electrically where the CP and AVCC pins connect
together and at the common point of AGND and PGND.
Separate PGND and AGND as much as possible. AGND is
the amplifier ground. Connect it to a ground plane and as
close to the VCO ground as possible. Bypass VCC and CP
to PGND with a 0.1
µF capacitor. Select high quality, low
ESR and low ESL surface mount ceramic capacitors for
both the CP and the VCC bypass capacitors. Poor grade
capacitors will result in unacceptable ripple amplitude or
ringing characteristics. Connect both terminals of the
bypass capacitors as close to the chip as possible to
minimize charge pump output ripple amplitude and ground
currents in the rest of the system. Keep IN and OUT away
from VCC, CP and AVCC as much as possible. Crosstalk
from VCC, CP and AVCC PCB traces to IN and OUT PCB
traces can be minimized by routing AGND PCB traces as
shield as shown in Figures 1 and 2. Connect the 1nF output
capacitor close to the varactor diode and return it to the
AGND plane. The SHDN and IN pins, should not be allowed
to go below PGND potential as the ESD diode forms an
NPN and bleeds the charge pump output.
Amplifier transconductance is typically 1800
µmho. With a
1nF external capacitor at the amplifier output, the band-
width is 125kHz. The amplifier transconductance varies
with temperature and process. The minimum recom-
mended COUT is 220pF with a typical bandwidth of 566kHz.
The slew rate of the amplifier is:
SR = IOUT/COUT
The amplifier typically sinks or sources 20
µA, allowing it
to slew a 1nF output capacitance at 20V/ms, or 5V in
250
µs.
The on-chip amplifier feedback network is set for a DC gain
of 2.3 with an input offset of 0.35V as shown in the typical
curves. The amplifier allows a rail-to-rail input swing with
a 3V supply and provides a 5V swing at the output. The
output swings to within millivolts of the AVCC voltage and
to about 100mV above AGND. The input stage of the
amplifier is powered from AVCC and accepts full GND to
VCC rail-to-rail input signals without exceeding the input
common mode range. The output noise of the amplifier is
typically 15
µVRMS at frequencies between 1kHz and
100kHz.
There are two feedthrough signals at the amplifier OUT pin
from the charge pump, the main component at 4MHz and
the second harmonic signal at 8MHz. The 4MHz
feedthrough is typically below 50
µVwithCOUTequalto1nF
and CCP equal to 0.1µF. The feedthrough signal decreases
in amplitude when larger COUT is used. Most systems
Figure 1. Suggested Surface Mount PCB Layout for LTC1340CS8
0.1
µF
0.1
µF
LTC1340CS8
1nF
VARACTOR
DIODE
1340 F01
PIN 1
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.


Similar Part No. - LTC1340

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1340 LINER-LTC1340 Datasheet
240Kb / 8P
   Low Noise, Voltage-Boosted Varactor Driver
LTC1340CMS8 LINER-LTC1340CMS8 Datasheet
240Kb / 8P
   Low Noise, Voltage-Boosted Varactor Driver
LTC1340CS8 LINER-LTC1340CS8 Datasheet
240Kb / 8P
   Low Noise, Voltage-Boosted Varactor Driver
More results

Similar Description - LTC1340

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1340 LINER-LTC1340 Datasheet
240Kb / 8P
   Low Noise, Voltage-Boosted Varactor Driver
logo
Zetex Semiconductors
ZV950V2 ZETEX-ZV950V2 Datasheet
62Kb / 6P
   SILICON LOW VOLTAGE HYPERABRUPT VARACTOR DIODES
logo
Tyco Electronics
MA4ST1300 MACOM-MA4ST1300 Datasheet
81Kb / 5P
   Low Voltage/Low Rs Silicon Hyperabrupt Varactor Diode
logo
M/A-COM Technology Solu...
MA4ST1300 MA-COM-MA4ST1300_15 Datasheet
86Kb / 5P
   Low Voltage / Low Rs Silicon Hyperabrupt Varactor Diode
MA4ST1300 MA-COM-MA4ST1300 Datasheet
85Kb / 5P
   Low Voltage / Low Rs Silicon Hyperabrupt Varactor Diode
logo
Major-Power Technology ...
MA7151F MPOWER-MA7151F Datasheet
484Kb / 11P
   Low Noise & Low voltage Single-Coil Fan/Motor Driver
MA7152F MPOWER-MA7152F Datasheet
293Kb / 10P
   Low Noise & Low voltage Single-Coil Fan/Motor Driver
logo
Melexis Microelectronic...
US168 MELEXIS-US168 Datasheet
624Kb / 13P
   Low Noise & Low voltage Single-Coil Fan/Motor Driver
US168 MELEXIS-US168_14 Datasheet
1Mb / 13P
   Low Noise & Low voltage Single-Coil Fan & Motor Driver
logo
Major-Power Technology ...
MA7150F MPOWER-MA7150F Datasheet
417Kb / 7P
   Low Noise & Low voltage Single-Coil Fan/Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com