Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1345 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1345
Description  Single Supply V.35 Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1345 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1345 Datasheet HTML 4Page - Linear Technology LTC1345 Datasheet HTML 5Page - Linear Technology LTC1345 Datasheet HTML 6Page - Linear Technology LTC1345 Datasheet HTML 7Page - Linear Technology LTC1345 Datasheet HTML 8Page - Linear Technology LTC1345 Datasheet HTML 9Page - Linear Technology LTC1345 Datasheet HTML 10Page - Linear Technology LTC1345 Datasheet HTML 11Page - Linear Technology LTC1345 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LTC1345
APPLICATIONS INFORMATION
RS422/RS485 Applications
The receivers on the LTC1345 are ideal for RS422 and
RS485 applications. Using the test circuit in Figure 9, the
LTC1345 receivers are able to successfully reconstruct
the data stream with the common-mode voltage meeting
RS422 and RS485 requirements (12V to – 7V).
Figures 10 and 11 show that the LTC1345 receivers are
very capable of reconstructing data at rates up to 10Mbaud.
Figure 10. – 7V Common Mode
LTC1345 • F10
RECEIVER
OUTPUT
5V/DIV
B
A
–10V
–5V
0V
0
5
Figure 11. 12V Common Mode
RECEIVER
OUTPUT
5V/DIV
15V
5
0
LTC1345 • F11
10V
5V
0V
RECEIVER
INPUT
5V/DIV
B
A
RECEIVER
INPUT
5V/DIV
LTC485
12V TO – 7V
COMMON-MODE VOLTAGE
VCC1
5V
100
100
ABX
B
AX
GND
LTC1345 • F09
LTC1345
VCC2
5V
GND
TTL
IN
TTL
OUT
– +
Figure 9 RS422/RS485 Receiver Interface


Similar Part No. - LTC1345

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1345 LINER-LTC1345 Datasheet
203Kb / 12P
   Single Supply V.35 Transceiver
LTC1345CNW LINER-LTC1345CNW Datasheet
203Kb / 12P
   Single Supply V.35 Transceiver
LTC1345CSW LINER-LTC1345CSW Datasheet
203Kb / 12P
   Single Supply V.35 Transceiver
LTC1345INW LINER-LTC1345INW Datasheet
203Kb / 12P
   Single Supply V.35 Transceiver
LTC1345ISW LINER-LTC1345ISW Datasheet
203Kb / 12P
   Single Supply V.35 Transceiver
More results

Similar Description - LTC1345

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1345 LINER-LTC1345 Datasheet
203Kb / 12P
   Single Supply V.35 Transceiver
logo
Exar Corporation
XR-T3590 EXAR-XR-T3590 Datasheet
689Kb / 16P
   SINGLE CHIP V.35 TRANSCEIVER
XR-T3591 EXAR-XR-T3591 Datasheet
690Kb / 16P
   SINGLE CHIP V.35 TRANSCEIVER
XRT3591 EXAR-XRT3591 Datasheet
354Kb / 16P
   SINGLECHIP V. 35 TRANSCEIVER
logo
Sipex Corporation
SP322 SIPEX-SP322 Datasheet
438Kb / 13P
   Programmable V.11/V.35 Transceiver
SP322 SIPEX-SP322_05 Datasheet
352Kb / 13P
   Programmable V.11/V.35 Transceiver
SP322 SIPEX-SP322 Datasheet
318Kb / 14P
   Programmable V.11/V.35 Transceiver
logo
Linear Technology
LTC1324 LINER-LTC1324 Datasheet
241Kb / 8P
   Single Supply LocalTalk Transceiver
LTC1324 LINER-LTC1324_15 Datasheet
161Kb / 8P
   Single Supply LocalTalk Transceiver
LTC1346A LINER-LTC1346A Datasheet
316Kb / 12P
   10Mbps DCE/DTE V.35 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com