Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1348 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1348
Description  3.3V/5V Low Power RS232 3-Driver/5-Receiver Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1348 Datasheet(HTML) 8 Page - Linear Technology

  LTC1348_15 Datasheet HTML 1Page - Linear Technology LTC1348_15 Datasheet HTML 2Page - Linear Technology LTC1348_15 Datasheet HTML 3Page - Linear Technology LTC1348_15 Datasheet HTML 4Page - Linear Technology LTC1348_15 Datasheet HTML 5Page - Linear Technology LTC1348_15 Datasheet HTML 6Page - Linear Technology LTC1348_15 Datasheet HTML 7Page - Linear Technology LTC1348_15 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
LTC1348
© LINEAR TECHNOLOGY CORPORATION 1994
1348fa LT/GP 0197 5K REV A • PRINTED IN USA
PACKAGE DESCRIPTION Dimensions in inches (millimeters) unless otherwise noted.
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1137A
3-DR/5-RX RS232 Transceiver
±15kV IEC-801-2 ESD Protection
LTC1327
3-DR/5-RX RS562 Transceiver
3.3V Operation
LT1330
3-DR/5-RX RS232
3V Logic Interface
LT1331
3-DR/5-RX RS232/RS562 Transceiver
5V RS232 or 3V RS562 Operation
LTC1347
3-DR/5-RX Micropower RS232 Transceiver
5 Receivers Active in Shutdown
S28 (WIDE) 0396
0
° – 8° TYP
NOTE 1
0.009 – 0.013
(0.229 – 0.330)
0.016 – 0.050
(0.406 – 1.270)
0.291 – 0.299**
(7.391 – 7.595)
× 45°
0.010 – 0.029
(0.254 – 0.737)
0.037 – 0.045
(0.940 – 1.143)
0.004 – 0.012
(0.102 – 0.305)
0.093 – 0.104
(2.362 – 2.642)
0.050
(1.270)
TYP
0.014 – 0.019
(0.356 – 0.482)
NOTE 1
0.697 – 0.712*
(17.70 – 18.08)
1
23
4
5
6
78
0.394 – 0.419
(10.007 – 10.643)
910
25
26
11
12
22
21
20
19
18
17
16
15
23
24
14
13
27
28
NOTE:
1. PIN 1 IDENT, NOTCH ON TOP AND CAVITIES ON THE BOTTOM OF PACKAGES ARE THE MANUFACTURING OPTIONS.
THE PART MAY BE SUPPLIED WITH OR WITHOUT ANY OF THE OPTIONS
DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**
G Package
28-Lead Plastic SSOP (0.209)
(LTC DWG # 05-08-1640)
G28 SSOP 0694
0.005 – 0.009
(0.13 – 0.22)
0
° – 8°
0.022 – 0.037
(0.55 – 0.95)
0.205 – 0.212**
(5.20 – 5.38)
0.301 – 0.311
(7.65 – 7.90)
12 3
4
5
6 7 8
9 10 11 12
14
13
0.397 – 0.407*
(10.07 – 10.33)
25
26
22 21 20 19 18 17 16 15
23
24
27
28
0.068 – 0.078
(1.73 – 1.99)
0.002 – 0.008
(0.05 – 0.21)
0.0256
(0.65)
BSC
0.010 – 0.015
(0.25 – 0.38)
DIMENSIONS DO NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSIONS DO NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**
SW Package
28-Lead Plastic Small Outline (Wide 0.300)
(LTC DWG # 05-08-1620)
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417q (408)432-1900
FAX: (408) 434-0507q TELEX: 499-3977 q www.linear-tech.com


Similar Part No. - LTC1348_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1348C LINER-LTC1348C Datasheet
243Kb / 8P
   3.3V/5V Low Power RS232 3-Driver/5-Receiver Transceiver
LTC1348CG LINER-LTC1348CG Datasheet
243Kb / 8P
   3.3V/5V Low Power RS232 3-Driver/5-Receiver Transceiver
LTC1348CSW LINER-LTC1348CSW Datasheet
243Kb / 8P
   3.3V/5V Low Power RS232 3-Driver/5-Receiver Transceiver
LTC1348I LINER-LTC1348I Datasheet
243Kb / 8P
   3.3V/5V Low Power RS232 3-Driver/5-Receiver Transceiver
LTC1348IG LINER-LTC1348IG Datasheet
243Kb / 8P
   3.3V/5V Low Power RS232 3-Driver/5-Receiver Transceiver
More results

Similar Description - LTC1348_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1348 LINER-LTC1348 Datasheet
243Kb / 8P
   3.3V/5V Low Power RS232 3-Driver/5-Receiver Transceiver
LTC1338 LINER-LTC1338 Datasheet
222Kb / 8P
   5V Low Power RS232 5-Driver/3-Receiver Transceiver
LTC1338 LINER-LTC1338_15 Datasheet
208Kb / 8P
   5V Low Power RS232 5-Driver/3-Receiver Transceiver
LTC1337 LINER-LTC1337 Datasheet
233Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver
LTC1337 LINER-LTC1337_15 Datasheet
133Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver
LTC1337 LINER-LTC1337_1 Datasheet
128Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver
LTC1347 LINER-LTC1347 Datasheet
221Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver with 5 Receivers Active in Shutdown
LTC1347 LINER-LTC1347_1 Datasheet
119Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver with 5 Receivers Active in Shutdown
LTC1347 LINER-LTC1347_15 Datasheet
125Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver with 5 Receivers Active in Shutdown
LTC1349 LINER-LTC1349 Datasheet
221Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver with 2 Receivers Active in SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com