Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1383 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1383
Description  5V Low Power RS232 Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1383 Datasheet(HTML) 2 Page - Linear Technology

  LTC1383 Datasheet HTML 1Page - Linear Technology LTC1383 Datasheet HTML 2Page - Linear Technology LTC1383 Datasheet HTML 3Page - Linear Technology LTC1383 Datasheet HTML 4Page - Linear Technology LTC1383 Datasheet HTML 5Page - Linear Technology LTC1383 Datasheet HTML 6Page - Linear Technology LTC1383 Datasheet HTML 7Page - Linear Technology LTC1383 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
LTC1383
1383fa
Supply Voltage (VCC) ................................................ 6V
Input Voltage
Driver ....................................... – 0.3V to VCC + 0.3V
Receiver ............................................... – 25V to 25V
Digital Input ............................... – 0.3V to VCC + 0.3V
Output Voltage
Driver .................................................... – 25V to 25V
Receiver .................................... – 0.3V to VCC + 0.3V
Short-Circuit Duration
V+ ................................................................... 30 sec
V................................................................... 30 sec
Driver Output .............................................. Indefinite
Receiver Output .......................................... Indefinite
Operating Temperature Range
LTC1383C ............................................... 0°C to 70°C
LTC1383I ............................................ – 40°C to 85°C
Storage Temperature Range ................ – 65°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300°C
ORDER PART
NUMBER
TJMAX = 125°C, θJA = 70°C/W (N)
TJMAX = 125°C, θJA = 90°C/W (S)
LTC1383CN
LTC1383CS
LTC1383IN
LTC1383IS
Consult LTC Marketing for parts specified with wider operating
temperature ranges.
DC ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Any Driver
Output Voltage Swing
3k to GND
Positive
5.0
7.0
V
Negative
– 5.0
– 6.5
V
Logic Input Voltage Level
Input Low Level (VOUT = High)
1.4
0.8
V
Input High Level (VOUT = Low)
2.0
1.4
V
Logic Input Current
VIN = VCC
5
µA
VIN = 0V
–20
– 40
µA
Output Short-Circuit Current
VOUT = 0V
±9
±12
mA
Any Receiver
Input Voltage Thresholds
Input Low Threshold
0.8
1.3
V
Input High Threshold
1.7
2.4
V
Hysteresis
0.1
0.4
1
V
Input Resistance
– 10V ≤ VIN ≤ 10V
3
5
7
kΩ
Output Voltage
Output Low, IOUT = – 1.6mA (VCC = 5V)
0.2
0.4
V
Output High, IOUT = 160µA (VCC = 5V)
3.0
3.2
V
Output Short-Circuit Current
Sinking Current, VOUT = VCC
–15
– 40
mA
Sourcing Current VOUT = 0V
10
20
mA
Power Supply Generator
V+ Output Voltage
IOUT = 0mA
8.0
V
IOUT = 8mA
7.5
V
VOutput Voltage
IOUT = 0mA
– 8.0
V
IOUT = – 8mA
– 7.0
V
1
2
3
4
5
6
7
8
TOP VIEW
S PACKAGE
16-LEAD PLASTIC SO
16
15
14
13
12
11
10
9
C1+
V+
C1
C2+
C2
V
TR2 OUT
RX2 IN
VCC
GND
TR1 OUT
RX1 IN
RX1 OUT
TR1 IN
TR2 IN
RX2 OUT
N PACKAGE
16-LEAD PDIP
The denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, C1 = C2 = C3 = C4 = 0.1µF, unless noted.
PACKAGE/ORDER I FOR ATIO
ABSOLUTE
AXI U
RATI GS


Similar Part No. - LTC1383

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1383 LINER-LTC1383 Datasheet
212Kb / 8P
   5V Low Power RS232 Transceiver
LTC1383 LINER-LTC1383 Datasheet
114Kb / 8P
   5V Low Power RS232 Transceiver
LTC1383 LINER-LTC1383 Datasheet
236Kb / 12P
   Low Power 5V RS232 Dual Driver/Receiver with
LTC1383 LINER-LTC1383 Datasheet
115Kb / 8P
   5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
LTC1383CN LINER-LTC1383CN Datasheet
212Kb / 8P
   5V Low Power RS232 Transceiver
More results

Similar Description - LTC1383

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1383 LINER-LTC1383 Datasheet
212Kb / 8P
   5V Low Power RS232 Transceiver
LTC1383 LINER-LTC1383_1 Datasheet
114Kb / 8P
   5V Low Power RS232 Transceiver
LTC1382 LINER-LTC1382 Datasheet
211Kb / 8P
   5V Low Power RS232 Transceiver with Shutdown
LTC1382 LINER-LTC1382_15 Datasheet
119Kb / 8P
   5V Low Power RS232 Transceiver with Shutdown
LTC1382 LINER-LTC1382_1 Datasheet
114Kb / 8P
   5V Low Power RS232 Transceiver with Shutdown
LTC1338 LINER-LTC1338_15 Datasheet
208Kb / 8P
   5V Low Power RS232 5-Driver/3-Receiver Transceiver
LTC1338 LINER-LTC1338 Datasheet
222Kb / 8P
   5V Low Power RS232 5-Driver/3-Receiver Transceiver
LTC1337 LINER-LTC1337 Datasheet
233Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver
LT1537 LINER-LT1537 Datasheet
250Kb / 8P
   Advanced Low Power 5V RS232 Transceiver with Small Capacitors
LTC1337 LINER-LTC1337_15 Datasheet
133Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com