Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KIA278R25PI Datasheet(PDF) 4 Page - KEC(Korea Electronics)

Part # KIA278R25PI
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 2A OUTPUT LOW DROP VOLTAGE REGULATOR)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA278R25PI Datasheet(HTML) 4 Page - KEC(Korea Electronics)

  KIA278R25PI Datasheet HTML 1Page - KEC(Korea Electronics) KIA278R25PI Datasheet HTML 2Page - KEC(Korea Electronics) KIA278R25PI Datasheet HTML 3Page - KEC(Korea Electronics) KIA278R25PI Datasheet HTML 4Page - KEC(Korea Electronics) KIA278R25PI Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2001. 6. 28
4/5
KIA278R25PI~KIA278R37PI
Revision No : 3
-100
-25
JUNCTION TEMPERATURE T ( C)
j
j
o
Fig.5-1 T - V (KIA278R25)
0
25
50
75
100
125
-50
0
50
100
150
V
=4.2V
I =0.5A
IN
O
j
JUNCTION TEMPERATURE T ( C)
Fig.5-3 T - V (KIA278R33)
j
o
0
0
OUTPUT CURRENT I (A)
O
Fig.4 I - V
1.0
2.0
3.0
4.0
20
40
60
80
100
O
O
JUNCTION TEMPERATURE T ( C)
j
Fig.5-4 T - V (KIA278R35)
j
o
25
JUNCTION TEMPERATURE T ( C)
-25
-100
-50
0
50
0100
50
75
j
125
Fig.5-2 T - V (KIA278R30)
150
100
I =0.5A
V =4.7V
O
IN
-100
-25
0
25
50
75
100
125
-50
0
50
100
150
V
=5.0V
I =0.5A
IN
O
25
-25
-100
-50
0
50
0100
50
75
125
150
100
I =0.5A
V =5.2V
O
IN
j
o
AMBIENT TEMPERATURE Ta ( C)
Fig.3 Ta - P
Note) Oblique line portion : Overheat
protection may operate in this
area.
D
0
-25
0
50
100
150
5
10
15
20
P 1:No heat sink
p 2:With infinite heat sink
D
D
P 1
P 2
D
D


Similar Part No. - KIA278R25PI

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA278R25PI KEC-KIA278R25PI Datasheet
502Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R25PI KEC-KIA278R25PI_15 Datasheet
502Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

Similar Description - KIA278R25PI

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA278R05PI KEC-KIA278R05PI Datasheet
118Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 2A OUTPUT LOW DROP VOLTAGE REGULATOR)
KIA378R05PI KEC-KIA378R05PI Datasheet
118Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 3A OUTPUT LOW DROP VOLTAGE REGULATOR)
KIA78R05API KEC-KIA78R05API Datasheet
1Mb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL LOW DROP VOLTAGE REGULATOR)
KIA78R25API KEC-KIA78R25API Datasheet
105Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL LOW DROP VOLTAGE REGULATOR)
KIA378R25PI KEC-KIA378R25PI Datasheet
97Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 3A OUTPUT LOW DROP VOLTAGE REGULATOR)
KIA78R05PI KEC-KIA78R05PI Datasheet
129Kb / 6P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL LOW DROP VOLTAGE REGULATOR)
KIA78D25F KEC-KIA78D25F Datasheet
402Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (3 TERMINAL LOW DROP OUTPUT VOLTAGE REGULATOR)
KIA78R05F KEC-KIA78R05F Datasheet
122Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (5 TERMINAL LOW DROP VOLTAGE REGULATOR)
KIA78R25F KEC-KIA78R25F Datasheet
103Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (5 TERMINAL LOW DROP VOLTAGE REGULATOR)
logo
Unisonic Technologies
378R33 UTC-378R33 Datasheet
200Kb / 9P
   4 TERMINAL 2A OUTPUT LOW DROP VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com