Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA1A4M Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # FA1A4M
Description  MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE NPN TRANSISTOR MINI MOLD
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FA1A4M Datasheet(HTML) 4 Page - Renesas Technology Corp

  FA1A4M_15 Datasheet HTML 1Page - Renesas Technology Corp FA1A4M_15 Datasheet HTML 2Page - Renesas Technology Corp FA1A4M_15 Datasheet HTML 3Page - Renesas Technology Corp FA1A4M_15 Datasheet HTML 4Page - Renesas Technology Corp FA1A4M_15 Datasheet HTML 5Page - Renesas Technology Corp FA1A4M_15 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
FA1A4M
2
TYPICAL CHARACTERISTICS (TA = 25
°C)
250
200
150
100
50
50
100
150
200
250
0
TA – Ambient Temperature – ˚C
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
Free air
1.0
0.8
0.6
0.4
0.2
20
40
60
80
100
0
IC – Collector Current – mA
COLLECTOR TO EMITTER VOLTAGE vs.
COLLECTOR CURRENT
10 V
Vin = 5 V
2.0
10
50
5.0
100
1.0
IC – Collector Current – mA
COLLECTOR SATURATION VOLTAGE vs.
COLLECTOR CURRENT
20
TA = 75 ˚C
–25 ˚C
25 ˚C
2.0
1.0
0.5
0.2
0.1
0.05
0.02
IC = 10·IB
2468
10
0
VCE – Collector to Emitter Voltage – V
50
40
30
20
10
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
220
A
200 A
180 A
160 A
140 A
120 A
100 A
IB = 80 A
DC CURRENT GAIN vs.
COLLECTOR CURRENT
100
IC – Collector Current – mA
1.0
2.0
5.0
10
20
50
500
200
100
50
20
10
5
TA =
75
˚C
–25
˚C
25 ˚C
VCE = 5.0 V
INPUT VOLTAGE vs.
COLLECTOR CURRENT
100
IC – Collector Current – mA
1.0
2.0
5.0
10
20
50
50
20
10
5.0
2.0
1.0
0.5
TA = 75 ˚C
–25 ˚C
25 ˚C
VCE = 5.0 V
0.2 V
µ
µ
µ
µ
µ
µ
µ
µ


Similar Part No. - FA1A4M_15

ManufacturerPart #DatasheetDescription
logo
NEC
FA1A4M NEC-FA1A4M Datasheet
43Kb / 4P
   MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE NPN TRANSISTOR MINI MOLD
logo
Renesas Technology Corp
FA1A4M RENESAS-FA1A4M Datasheet
168Kb / 6P
   SILICON TRANSISTOR
1985
More results

Similar Description - FA1A4M_15

ManufacturerPart #DatasheetDescription
logo
NEC
FA1L4Z NEC-FA1L4Z Datasheet
164Kb / 4P
   MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE NPN TRANSISTOR MINI MOLD
FA1A4Z NEC-FA1A4Z Datasheet
153Kb / 4P
   MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE NPN TRANSISTOR MINI MOLD
FA1F4N NEC-FA1F4N Datasheet
173Kb / 4P
   MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE NPN TRANSISTOR MINI MOLD
FA1L3Z NEC-FA1L3Z Datasheet
164Kb / 4P
   MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE NPN TRANSISTOR MINI MOLD
FA1L4L NEC-FA1L4L Datasheet
160Kb / 4P
   MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE NPN TRANSISTOR MINI MOLD
FA1A4M NEC-FA1A4M Datasheet
43Kb / 4P
   MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE NPN TRANSISTOR MINI MOLD
FA1F4M NEC-FA1F4M Datasheet
170Kb / 4P
   MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE NPN TRANSISTOR MINI MOLD
FA1L3N NEC-FA1L3N Datasheet
156Kb / 4P
   MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE NPN TRANSISTOR MINI MOLD
FA1L4M NEC-FA1L4M Datasheet
190Kb / 4P
   MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE NPN TRANSISTOR MINI MOLD
FA1A4P NEC-FA1A4P Datasheet
172Kb / 4P
   MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE NPN TRANSISTOR MINI MOLD
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com