Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5502 Datasheet(PDF) 6 Page - Linear Technology

Part # LT5502
Description  400MHz Quadrature IF Demodulator with RSSI
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5502 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT5502_15 Datasheet HTML 2Page - Linear Technology LT5502_15 Datasheet HTML 3Page - Linear Technology LT5502_15 Datasheet HTML 4Page - Linear Technology LT5502_15 Datasheet HTML 5Page - Linear Technology LT5502_15 Datasheet HTML 6Page - Linear Technology LT5502_15 Datasheet HTML 7Page - Linear Technology LT5502_15 Datasheet HTML 8Page - Linear Technology LT5502_15 Datasheet HTML 9Page - Linear Technology LT5502_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LT5502
6
APPLICATIO S I FOR ATIO
The LT5502 consists of the following sections: IF limiter,
I/Q demodulators, quadrature LO carrier generator, inte-
grated lowpass filters (LPFs), and bias circuitry.
An IF signal is fed to the inputs of the IF limiter. The limited
IF signal is then demodulated into I/Q baseband signals
using the quadrature LO carriers that are generated from
the divide-by-two circuit. The demodulated I/Q signals are
passed through 5th order LPFs and buffered with an
output driver.
IF Limiter
The IF limiter has 84dB small-signal gain with a frequency
range of 70MHz to 400MHz. It consists of two cascaded
stages of IF amplifiers/limiters. The differential outputs of
the first stage are connected internally to the differential
inputs of the second stage. An interstage filtering is
possible in between (Pin 12 and Pin 13) with minimum off-
chip components. It can be a simple parallel LC tank circuit
L1 and C8 as shown in Figure 3. The 22nF blocking
capacitor, C19, is used for the proper operation of the
internal DC offset canceling circuit. To achieve the best
receiver sensitivity, a differential configuration at the IF
input is recommended due to its better immunity to 2XLO
signal coupling to the IF limiter. Otherwise, the 2XLO
interference, presented at the IF inputs, may saturate the
IF limiter and reduce the gain of the wanted IF signal. The
receiver’s 3dB input-limiting sensitivity will be affected
correspondingly. The interstage bandpass filter will mini-
mize both 2XLO feedthrough and the receiver’s noise
bandwidth. Therefore, the receiver’s input sensitivity can
be improved. Without the interstage filter, the second
stage will be limited by the broadband noise amplified by
the first stage. The noise bandwidth in this case can be as
high as 500MHz. The 3dB input limiting sensitivity is about
–79dBm at an IF frequency of 280MHz when terminated
with 200
Ω at the input. The differential IF input impedance
is 2.2k
Ω. Therefore, a 240Ω resistor is used for R3 as
shown in Figure 3. Using a bandpass filter with 50MHz
bandwidth, the input sensitivity is improved to –86dBm.
The 1:4 IF input transformer can also be replaced with a
narrow band single-to-differential conversion circuit
using three discreet elements as shown in Figure 1. Their
nominal values are listed in Table 1. Due to the parasitics
of the PCB, their values need to be compensated. The
receiver’s input sensitivity in this case is improved to
–85dBm even without interstage filtering. The matching
circuit is essentially a second order bandpass filter. There-
fore, the requirement for the front-end channel-select
filter can be eased too.
Figure 1. IF Input Matching Network at 280MHz
Table 1. The Component Values of Matching Network
LSH, CS1 and CS2
fIF (MHz)
LSH (nH)
CS1/CS2 (pF)
70
642
13.7
100
422
9.6
150
256
6.4
200
176
4.8
250
130
3.8
300
101
3.2
350
80.4
2.7
400
66.0
2.4
In an application where a lower input sensitivity is satisfac-
tory, one of the IF inputs can be simply AC-terminated with
a 50
Ω resistor and the other AC-grounded. The input
receiver’s sensitivity is about – 76dBm at 280MHz in this
case.
CS1
3.3pF
C5
22nF
CS2
3.3pF
LSH
120nH
IF
INPUT
TO IF+
TO IF
5502 F01
MATCHING NETWORK


Similar Part No. - LT5502_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5502EGN LINER-LT5502EGN Datasheet
237Kb / 12P
   400MHz Quadrature IF Demodulator with RSSI
More results

Similar Description - LT5502_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5502 LINER-LT5502 Datasheet
237Kb / 12P
   400MHz Quadrature IF Demodulator with RSSI
logo
Intersil Corporation
HFA3724 INTERSIL-HFA3724 Datasheet
186Kb / 24P
   400MHz Quadrature IF Modulator/Demodulator
November 1999
HFA3726 INTERSIL-HFA3726 Datasheet
162Kb / 21P
   400MHz Quadrature IF Modulator/Demodulator
November 1999
HFA3761 INTERSIL-HFA3761 Datasheet
68Kb / 9P
   400MHz AGC and Quadrature IF Demodulator
July 1999
HFA3766 INTERSIL-HFA3766 Datasheet
79Kb / 11P
   400MHz AGC Quadrature IF Modulator/Demodulator
January 1999
HFA3765 INTERSIL-HFA3765 Datasheet
658Kb / 6P
   AGC and Quadrature IF Demodulator
logo
Maxim Integrated Produc...
MAX2510 MAXIM-MAX2510 Datasheet
126Kb / 12P
   Low-Voltage IF Transceiver with Limiter/RSSI and Quadrature Modulator
19-1296; Rev 1; 1/98
MAX2510 MAXIM-MAX2510_V01 Datasheet
165Kb / 12P
   Low-Voltage IF Transceiver with Limiter/RSSI and Quadrature Modulator
2018
logo
Analog Devices
ADL5542 AD-ADL5542_15 Datasheet
238Kb / 12P
   Quadrature Demodulator
ADL5387 AD-ADL5387_15 Datasheet
668Kb / 28P
   Quadrature Demodulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com