Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5534 Datasheet(PDF) 4 Page - Linear Technology

Part # LT5534
Description  50MHz to 3GHz RF Power Detector with 60dB Dynamic Range
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5534 Datasheet(HTML) 4 Page - Linear Technology

  LT5534 Datasheet HTML 1Page - Linear Technology LT5534 Datasheet HTML 2Page - Linear Technology LT5534 Datasheet HTML 3Page - Linear Technology LT5534 Datasheet HTML 4Page - Linear Technology LT5534 Datasheet HTML 5Page - Linear Technology LT5534 Datasheet HTML 6Page - Linear Technology LT5534 Datasheet HTML 7Page - Linear Technology LT5534 Datasheet HTML 8Page - Linear Technology LT5534 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
LT5534
4
5534fc
TYPICAL PERFORMANCE CHARACTERISTICS
VOUT Variation vs RF Input Power
Output Voltage vs RF Input Power
VOUT Variation vs RF Input Power
(Test circuit shown in Figure 1)
RF INPUT POWER (dBm)
–60
–3
–2
–1
0
1
3
–50
–40
–30
–20
5534 G04
–10
0
2
TA = –40°C
TA = 85°C
VCC = 3V AT 50MHz
NORMALIZED AT 25°C
RF INPUT POWER (dBm)
–60
0
0.4
0.8
1.2
1.6
2.4
–50
–40
–30
–20
5534 G05
–10
0
2.0
–3
–2
–1
0
1
3
2
TA = 25°C
TA = 85°C
TA = –40°C
VCC = 3V
AT 900MHz
RF INPUT POWER (dBm)
–60
–3
–2
–1
0
1
3
–50
–40
–30
–20
5534 G06
–10
0
2
TA = –40°C
TA = 85°C
VCC = 3V AT 900MHz
NORMALIZED AT 25°C
Output Voltage vs RF Input Power
VOUT Variation vs RF Input Power
Output Voltage vs RF Input Power
RF INPUT POWER (dBm)
–60
0
0.4
0.8
1.2
1.6
2.4
–50
–40
–30
–20
5534 G07
–10
0
2.0
–3
–2
–1
0
1
3
2
TA = 25°C
TA = 85°C
TA = –40°C
VCC = 3V
AT 1.9GHz
RF INPUT POWER (dBm)
–60
–3
–2
–1
0
1
3
–50
–40
–30
–20
5534 G08
–10
0
2
TA = –40°C
TA = 85°C
VCC = 3V AT 1.9GHz
NORMALIZED AT 25°C
RF INPUT POWER (dBm)
–60
0
0.4
0.8
1.2
1.6
2.4
–50
–40
–30
–20
5534 G09
–10
0
2.0
–3
–2
–1
0
1
3
2
TA = 25°C
TA = 85°C
TA = –40°C
VCC = 3V
AT 2.5GHz


Similar Part No. - LT5534

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5534 LINER-LT5534 Datasheet
191Kb / 8P
   50MHz to 3GHz RF Power Detector with 60dB Dynamic Range
LT5534 LINER-LT5534 Datasheet
307Kb / 16P
   800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
LT5534ESC6 LINER-LT5534ESC6 Datasheet
191Kb / 8P
   50MHz to 3GHz RF Power Detector with 60dB Dynamic Range
More results

Similar Description - LT5534

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5534 LINER-LT5534 Datasheet
191Kb / 8P
   50MHz to 3GHz RF Power Detector with 60dB Dynamic Range
LT5538 LINER-LT5538_15 Datasheet
240Kb / 12P
   40MHz to 3.8GHz RF Power Detector with 75dB Dynamic Range
LT5538 LINER-LT5538 Datasheet
242Kb / 12P
   40MHz to 3.8GHz RF Power Detector with 75dB Dynamic Range
LTC5505-1 LINER-LTC5505-1_15 Datasheet
152Kb / 8P
   RF Power Detector with Buffered Output and 40dB Dynamic Range
LTC5505-2 LINER-LTC5505-2_15 Datasheet
152Kb / 8P
   RF Power Detector with Buffered Output and 40dB Dynamic Range
LTC5505-1 LINER-LTC5505-1 Datasheet
147Kb / 8P
   RF Power Detector with Buffered Output and >40dB Dynamic Range
LTC5509 LINER-LTC5509_15 Datasheet
188Kb / 8P
   300MHz to 3GHz RF Power Detector in SC70 Package
LT5537 LINER-LT5537_15 Datasheet
313Kb / 16P
   Wide Dynamic Range RF/IF Log Detector
LT5537 LINER-LT5537 Datasheet
307Kb / 16P
   Wide Dynamic Range RF/IF Log Detector
LTC5582 LINER-LTC5582 Datasheet
395Kb / 16P
   40MHz to 10GHz RMS Power Detector with 57dB Dynamic Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com