Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6650 Datasheet(PDF) 2 Page - Linear Technology

Part # LT6650
Description  Micropower, 400mV Reference with Rail-to-Rail Buffer Amplifier in SOT-23
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6650 Datasheet(HTML) 2 Page - Linear Technology

  LT6650 Datasheet HTML 1Page - Linear Technology LT6650 Datasheet HTML 2Page - Linear Technology LT6650 Datasheet HTML 3Page - Linear Technology LT6650 Datasheet HTML 4Page - Linear Technology LT6650 Datasheet HTML 5Page - Linear Technology LT6650 Datasheet HTML 6Page - Linear Technology LT6650 Datasheet HTML 7Page - Linear Technology LT6650 Datasheet HTML 8Page - Linear Technology LT6650 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LT6650
2
6650fa
Total Supply Voltage (VIN to GND)........................... 20V
FB Voltage (Note 2) ....................... 20V to (GND – 0.3V)
Output Voltage (OUT) .................... 20V to (GND – 0.3V)
Output Short-Circuit Duration .......................... Indefinite
FB Input Current ................................................... 10mA
Operating Temperature Range ............... –40
°C to 125°C
Specified Temperature Range
LT6650CS5 ............................................. 0
°C to 70°C
LT6650IS5 ........................................... –40
°C to 85°C
LT6650HS5 (Note 3) ......................... –40
°C to 125°C
Maximum Junction Temperature .......................... 150
°C
Storage Temperature Range (Note 4) .... –65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART NUMBER
TJMAX = 150°C, θJA = 230°C/W
The temperature grades are identified by a label on the shipping container.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC TSOT-23
1
2
3
FB
GND
DNC*
5
4
OUT
IN
*Do Not Connect
S5 PART MARKING
LBDV
LBDV
LBDV
LT6650CS5
LT6650IS5
LT6650HS5
ELECTRICAL CHARACTERISTICS The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 5V, CIN = 1µF, FB = OUT, no DC load, CL = 1µF, unless
otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOUT
Output Voltage (Notes 4, 5)
LT6650
398
400
402
mV
–0.5
0.5
%
LT6650CS5
397
400
403
mV
–0.75
0.75
%
LT6650IS5
396
400
404
mV
–1
1
%
LT6650HS5
394
400
406
mV
–1.5
1.5
%
VIN
Operating Input Voltage
1.4
18
V
∆VOUT/∆VIN
Line Regulation
1.4V
≤ VIN ≤ 18V
16
mV
150
900
ppm/V
LT6650CS5, LT6650IS5
7.5
mV
1130
ppm/V
LT6650HS5
8.5
mV
1280
ppm/V
∆VOUT/∆IOUT
Load Regulation (Note 6)
Sourcing from 0
µA to –200µA
–0.04
–0.2
mV
500
2500
ppm/mA
–0.4
mV
5000
ppm/mA
Sinking from 0
µA to 200µA
0.24
1
mV
3000
12500
ppm/mA
2mV
20000
ppm/mA
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/


Similar Part No. - LT6650

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6650 LINER-LT6650 Datasheet
440Kb / 12P
   Micropower, 400mV Reference with Rail-to-Rail Buffer Amplifier in SOT-23
LT6650 LINER-LT6650 Datasheet
844Kb / 18P
   SOT-23 Precision Wide Supply High Output Drive Low Noise Reference
logo
Linear Integrated Syste...
LT6650 LINEAR-LT6650 Datasheet
747Kb / 22P
   1.5ppm C Drift, Low Noise, Buffered Reference
logo
Linear Technology
LT6650CS5 LINER-LT6650CS5 Datasheet
440Kb / 12P
   Micropower, 400mV Reference with Rail-to-Rail Buffer Amplifier in SOT-23
LT6650HS5 LINER-LT6650HS5 Datasheet
440Kb / 12P
   Micropower, 400mV Reference with Rail-to-Rail Buffer Amplifier in SOT-23
More results

Similar Description - LT6650

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6650 LINER-LT6650 Datasheet
440Kb / 12P
   Micropower, 400mV Reference with Rail-to-Rail Buffer Amplifier in SOT-23
LT6700-1 LINER-LT6700-1 Datasheet
237Kb / 12P
   Micropower, Low Voltage, SOT-23, Dual Comparator with 400mV Reference
LT1716 LINER-LT1716_15 Datasheet
261Kb / 12P
   SOT-23, 44V, Over-the-Top, Micropower, Precision Rail-to-Rail Comparator
LT1716 LINER-LT1716 Datasheet
353Kb / 12P
   SOT-23, 44V, Over-The-Top, Micropower, Precision Rail-to-Rail Comparator
LT1635 LINER-LT1635_15 Datasheet
241Kb / 12P
   Micropower Rail-to-Rail Op Amp and Reference
LT1635 LINER-LT1635 Datasheet
306Kb / 12P
   Micropower Rail-to-Rail Op Amp and Reference
LT1783IS5 LINER-LT1783IS5 Datasheet
164Kb / 16P
   1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1783 LINER-LT1783 Datasheet
211Kb / 12P
   1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
logo
Linear Dimensions Semic...
LT1783IS5-TRMPBF LINEAR_DIMENSIONS-LT1783IS5-TRMPBF Datasheet
184Kb / 16P
   1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
logo
Linear Technology
LT1783 LINER-LT1783_1 Datasheet
172Kb / 16P
   1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com