Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RH1C Datasheet(PDF) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # RH1C
Description  Fast Switching Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

RH1C Datasheet(HTML) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  RH1C Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD RH1C Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD RH1C Datasheet HTML 3Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD RH1C Datasheet HTML 4Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD RH1C Datasheet HTML 5Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD RH1C Datasheet HTML 6Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD RH1C Datasheet HTML 7Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
WEJ
ELECTRONIC
CO.,LTD
VRRM
IFSM
VFM
IR
V
A
A
IF(AV)
A
RM1ZM
RM11
RM11A
RM11B
RM11C
RU2
RU3
RU3A
RU3AM
RU3M
RU4
RU4A
RU4M
RU4B
RU4C
RU4D
RU4M
RU4Y
RU4YX
RU4Z
S5295G
S5295J
TVR1B
TVR1D
TVR1G
TVR1J
V
Test
A
Test
200
400
600
800
1000
600
400
600
800
1000
400
600
600
800
100
1300
400
100
100
200
400
600
200
100
200
400
600
1.0
1.2
1.2
1.2
1.2
1.0
1.5
1.5
1.5
1.5
1.5
1.5
2.0
1.5
1.5
2.0
2.0
2.0
2.2
2.0
1.0
1.0
0.8
0.5
0.5
0.5
0.5
50
100
100
100
100
35
40
40
40
40
40
40
80
40
40
40
80
80
80
80
35
35
30
30
30
30
30
0.98
0.92
0.92
0.92
0.92
1.2
1.5
1.5
1.1
1.1
1.5
1.5
1.3
1.6
1.6
1.8
1.3
1.3
0.85
1.3
1.2
1.2
1.1
1.2
1.2
1.2
1.2
1.0
1.5
1.5
1.5
1.5
1.0
1.5
1.5
1.5
1.5
3.0
3.0
3.5
3.0
3.0
1.5
3.5
3.5
2.0
3.5
1.0
1.0
0.8
0.5
0.5
0.5
0.5
5
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
IF=20mA
VR=10V
RL=75
SDO-15
SDO-15
SDO-15
SDO-15
DO-15
DO-15
DO-15
DO-15
DO-15
DO-15
DO-15
DO-15
DO-15
DO-15
DO-15
DO-27
DO-27
DO-27
DO-27
DO-41
DO-41
DO-41
DO-41
SM-1-02FRA
Trr
nS
--
--
--
--
--
0.4
0.2
0.25
0.3
0.4
0.2
0.2
0.2
0.3
0.4
0.4
0.2
0.2
0.2
0.2
0.3
0.4
0.6
2
2
2
2
--
--
--
--
--
IF=50mA
VR=10V
RL=75
IF=50mA
VR=10V
RL=75
IF=50mA
VR=10V
RL=75
IF=50mA
VR=10V
RL=75
IF=50mA
VR=10V
IF=20mA
IR=1mA
DO-41/DO-15
DO-15/DO-41
DO-15/DO-41
DO-15/DO-41
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
Forward
Voltage
Package
Style
TYPE
Peak Forward
Surge Current
Half
sine-wave
Superimposed
Maximum
DC
Reverse
Current
O
TA=25 C
Typical
Reverse
Recovery
Time
Maximum
Average
Forward
Rectified
Current
Silicon And Fast Recovery Rectifiers
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - RH1C

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RH1C SANKEN-RH1C Datasheet
19Kb / 1P
   Fast-Recovery Rectifier Diodes
logo
EIC discrete Semiconduc...
RH1C EIC-RH1C Datasheet
64Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
logo
Shenzhen Taychipst Elec...
RH1C TAYCHIPST-RH1C Datasheet
911Kb / 1P
   Fast-Recovery Rectifier Diodes
logo
Sanken electric
RH1C SANKEN-RH1C Datasheet
167Kb / 3P
   Silicon Diode
logo
SUNMATE electronic Co.,...
RH1C SUNMATE-RH1C Datasheet
274Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
More results

Similar Description - RH1C

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
FR255 LRC-FR255_15 Datasheet
206Kb / 7P
   Fast Switching Rectifiers
FR255P LRC-FR255P_15 Datasheet
206Kb / 7P
   Fast Switching Rectifiers
FR256 LRC-FR256_15 Datasheet
206Kb / 7P
   Fast Switching Rectifiers
FR302 LRC-FR302_15 Datasheet
193Kb / 7P
   Fast Switching Rectifiers
FR305 LRC-FR305_15 Datasheet
193Kb / 7P
   Fast Switching Rectifiers
FR306 LRC-FR306_15 Datasheet
193Kb / 7P
   Fast Switching Rectifiers
FR103 LRC-FR103_15 Datasheet
199Kb / 7P
   Fast Switching Rectifiers
FR107 LRC-FR107_15 Datasheet
197Kb / 3P
   Fast Switching Rectifiers
FR157P LRC-FR157P_15 Datasheet
206Kb / 7P
   Fast Switching Rectifiers
FR204 LRC-FR204_15 Datasheet
206Kb / 7P
   Fast Switching Rectifiers
FR105P LRC-FR105P_15 Datasheet
199Kb / 7P
   Fast Switching Rectifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com