Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SJ647 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SJ647
Description  P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SJ647 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SJ647_15 Datasheet HTML 1Page - Renesas Technology Corp 2SJ647_15 Datasheet HTML 2Page - Renesas Technology Corp 2SJ647_15 Datasheet HTML 3Page - Renesas Technology Corp 2SJ647_15 Datasheet HTML 4Page - Renesas Technology Corp 2SJ647_15 Datasheet HTML 5Page - Renesas Technology Corp 2SJ647_15 Datasheet HTML 6Page - Renesas Technology Corp 2SJ647_15 Datasheet HTML 7Page - Renesas Technology Corp 2SJ647_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
MOS FIELD EFFECT TRANSISTOR
2SJ647
P-CHANNEL MOS FIELD EFFECT TRANSISTOR
FOR SWITCHING
DATA SHEET
Document No.
D16530EJ1V0DS00 (1st edition)
Date Published
January 2003 NS CP(K)
Printed in Japan
2003
DESCRIPTION
The 2SJ647 is a switching device which can be driven directly
by a 2.5 V power source.
The 2SJ647 features a low on-state resistance and excellent
switching characteristics, and is suitable for applications such
as power switch of portable machine and so on.
FEATURES
• 2.5 V drive available
• Low on-state resistance
RDS(on)1 = 1.45
Ω MAX. (VGS = −4.5 V, ID = −0.2 A)
RDS(on)2 = 1.55
Ω MAX. (VGS = −4.0 V, ID = −0.2 A)
RDS(on)3 = 2.98
Ω MAX. (VGS = −2.5 V, ID = −0.15 A)
ORDERING INFORMATION
PART NUMBER
PACKAGE
2SJ647
SC-70 (SSP)
Remark Marking: H22
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Drain to Source Voltage (VGS = 0 V)
VDSS
−20
V
Gate to Source Voltage (VDS = 0 V)
VGSS
m12
V
Drain Current (DC) (TA = 25°C)
ID(DC)
m0.4
A
Drain Current (pulse)
Note1
ID(pulse)
m1.6
A
Total Power Dissipation
Note2
PT
0.2
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
−55 to +150
°C
Notes 1. PW
≤ 10
µs, Duty Cycle ≤ 1%
2. Mounted on FR-4 board of 2500 mm
2 x 1.1 mm.
Remark
The diode connected between the gate and source of the transistor serves as a protector against ESD. When
this device actually used, an additional protection circuit is externally required if a voltage exceeding the rated
voltage may be applied to this device.
Caution
This product is electrostatic-sensitive device due to low ESD capability and should be handled with
caution for electrostatic discharge.
VESD ±100 V TYP. at C = 200 pF, R = 0, Single Pulse.
PACKAGE DRAWING (Unit: mm)
2.1 ± 0.1
1.25 ± 0.1
2
1
3
Marking
1 : Source
2 : Gate
3 : Drain
EQUIVALENT CIRCUIT
Source
Body
Diode
Gate
Protection
Diode
Gate
Drain


Similar Part No. - 2SJ647_15

ManufacturerPart #DatasheetDescription
logo
NEC
2SJ647 NEC-2SJ647 Datasheet
62Kb / 6P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
2SJ647 RENESAS-2SJ647 Datasheet
197Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2003
More results

Similar Description - 2SJ647_15

ManufacturerPart #DatasheetDescription
logo
NEC
UPA1916 NEC-UPA1916 Datasheet
62Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA653TT NEC-UPA653TT Datasheet
70Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA678TB NEC-UPA678TB Datasheet
60Kb / 6P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SJ557 NEC-2SJ557 Datasheet
62Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1915 NEC-UPA1915 Datasheet
66Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1856 NEC-UPA1856 Datasheet
77Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
logo
Renesas Technology Corp
PA1815 RENESAS-PA1815_15 Datasheet
200Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1856 RENESAS-PA1856_15 Datasheet
208Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1913 RENESAS-PA1913_15 Datasheet
202Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1914 RENESAS-PA1914_15 Datasheet
201Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SJ648 RENESAS-2SJ648_15 Datasheet
269Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com