Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KIA75S558F Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KIA75S558F
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT (SINGLE LOW NOISE OPERATIONAL AMPLIFIER)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA75S558F Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KIA75S558F Datasheet HTML 1Page - KEC(Korea Electronics) KIA75S558F Datasheet HTML 2Page - KEC(Korea Electronics) KIA75S558F Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2001. 6. 22
1/3
SEMICONDUCTOR
TECHNICAL DATA
KIA75S558F
BIPOLAR LINEAR INTERGRATED CIRCUIT
Revision No : 0
SINGLE LOW NOISE OPERATIONAL AMPLIFIER
Internal Frequency Compensation Type.
Wide Band Range : fT=3MHz (Typ.).
Suitable Application for Active Filter and Equalizer Amplifier.
PIN CONNECTION (TOP VIEW)
12
3
54
OUT
IN (+)
IN (-)
VCC
VEE
_
DIM MILLIMETERS
A
B
D
E
TSV
2.9 0.2
1.6+0.2/-0.1
0.70 0.05
0.4 0.1
2.8+0.2/-0.3
1.9 0.2
0.95
0.16 0.05
0.00-0.10
0.25+0.25/-0.15
C
F
G
H
I
J
K0.60
L0.55
B
E
H
J
J
2
3
15
4
+_
+_
+_
+_
+_
MAXIMUM RATING (Ta=25 )
CHARACTERISTIC
SYMBOL
RATING
UNIT
Supply Voltage
VCC
VEE
36,+18
or
0,-18
V
Differential Voltage
DVIN
30
V
Input Voltage
VIN
VCC VEE
V
Power Dissipation
PD
200
mW
Operating Temperature
Topr
-40 85
Storage Temperature
Tstg
-55 125
12
3
54
Marking (TOP VIEW)
Lot No.
558


Similar Part No. - KIA75S558F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA75S358 KEC-KIA75S358 Datasheet
88Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (SINGLE OPERATIONAL AMPLIFIER)
KIA75S358F KEC-KIA75S358F Datasheet
88Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (SINGLE OPERATIONAL AMPLIFIER)
KIA75S358F KEC-KIA75S358F_15 Datasheet
357Kb / 4P
   BIPOLAR LINEAR INTERGRATED CIRCUIT
KIA75S393F KEC-KIA75S393F Datasheet
79Kb / 3P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (SINGLE COMPARATOR)
More results

Similar Description - KIA75S558F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA4559P KEC-KIA4559P Datasheet
92Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (DUAL LOW NOISE OPERATIONAL AMPLIFIER)
KIA4558P KEC-KIA4558P Datasheet
93Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (DUAL LOW NOISE OPERATIONAL AMPLIFIER)
KIA75S358F KEC-KIA75S358F Datasheet
88Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (SINGLE OPERATIONAL AMPLIFIER)
KIA324P KEC-KIA324P Datasheet
81Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (QUAD OPERATIONAL AMPLIFIER)
KIA358P KEC-KIA358P Datasheet
88Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (DUAL OPERATIONAL AMPLIFIER)
KIA6259P KEC-KIA6259P Datasheet
93Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (LOW NOISE DUAL PRE-AMPLIFIER)
logo
NTE Electronics
NTE894M NTE-NTE894M Datasheet
28Kb / 3P
   Integrated Circuit Low Noise Operational Amplifier
logo
KEC(Korea Electronics)
KIA8207K KEC-KIA8207K Datasheet
205Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (LOW FREQUENCY POWER AMPLIFIER)
logo
NTE Electronics
NTE996 NTE-NTE996 Datasheet
23Kb / 3P
   Linear Integrated Circuit Operational Transconductance Amplifier
NTE857M NTE-NTE857M Datasheet
28Kb / 3P
   Integrated Circuit Low-Noise JFET-Input Operational Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com