Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KIA7806AP Datasheet(PDF) 8 Page - KEC(Korea Electronics)

Part # KIA7806AP
Description  THREE TERMINAL POSITIVE VOLTAGE REGULATORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA7806AP Datasheet(HTML) 8 Page - KEC(Korea Electronics)

Back Button KIA7806AP Datasheet HTML 4Page - KEC(Korea Electronics) KIA7806AP Datasheet HTML 5Page - KEC(Korea Electronics) KIA7806AP Datasheet HTML 6Page - KEC(Korea Electronics) KIA7806AP Datasheet HTML 7Page - KEC(Korea Electronics) KIA7806AP Datasheet HTML 8Page - KEC(Korea Electronics) KIA7806AP Datasheet HTML 9Page - KEC(Korea Electronics) KIA7806AP Datasheet HTML 10Page - KEC(Korea Electronics) KIA7806AP Datasheet HTML 11Page - KEC(Korea Electronics) KIA7806AP Datasheet HTML 12Page - KEC(Korea Electronics) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
2010. 5. 19
8/20
KIA7805AP~KIA7824AP
Revision No : 1
KIA7810AP
ELECTRICAL CHARACTERISTICS (VIN=16V, IOUT=500mA, 0
Tj 125 )
CHARACTERISTIC
SYMBOL
TEST
CIRCUIT
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage
VOUT
Fig. 1
Tj=25 , IOUT=100mA
9.6
10.0
10.4
V
Input Regulation
Reg line
Fig. 1
Tj=25
12.5V
VIN 27V
-
8
200
mV
14V
VIN 20V
-
2.5
100
Load Regulation
Reg load
Fig. 1
Tj=25
5mA
IOUT 1.5A
-
12
200
mV
250mA
IOUT 750mA
-
4
100
Output Voltage
VOUT
Fig. 1
12.5V
VIN 25V
9.5
-
10.5
V
Quiescent Current
IB
Fig. 1
Tj=25 , IOUT=5mA
-
4.3
8.0
mA
Quiescent Current Change
IB
Fig. 1
12.5V
VIN 27V
-
-
1.0
mA
Output Noise Voltage
VNO
Fig. 2
Ta=25
, 10Hz
f
100kHz
-
80
-
Vrms
Ripple Rejection Ratio
RR
Fig. 3
f=120Hz, 13.5V
VIN 23.5V,
55
72
-
dB
Dropout Voltage
VD
Fig. 1
IOUT=1.0A, Tj=25
-
2.0
-
V
Short Circuit Current Limit
ISC
Fig. 1
Tj=25
-
0.9
-
A
Average Temperature
Coefficient of Output Voltage
TCVO
Fig. 1
IOUT=5mA, 0
Tj 125
-
-1.3
-
mV/


Similar Part No. - KIA7806AP

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA7806AP KEC-KIA7806AP Datasheet
150Kb / 20P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7806APC KEC-KIA7806APC Datasheet
456Kb / 20P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7806API KEC-KIA7806API Datasheet
1Mb / 20P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

Similar Description - KIA7806AP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MC7809CT MCC-MC7809CT Datasheet
490Kb / 3P
   Three-Terminal Positive Voltage Regulators
logo
Cystech Electonics Corp...
LM7806J3 CYSTEKEC-LM7806J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
LM7810J3 CYSTEKEC-LM7810J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
logo
Micro Commercial Compon...
MC78M05CT MCC-MC78M05CT Datasheet
583Kb / 4P
   Three-Terminal Positive Voltage Regulators
MC78M15CDT MCC-MC78M15CDT Datasheet
612Kb / 3P
   Three-Terminal Positive Voltage Regulators
logo
New Jersey Semi-Conduct...
MC7800 NJSEMI-MC7800 Datasheet
427Kb / 6P
   THREE-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
First Silicon Co., Ltd
LM7805P FS-LM7805P Datasheet
306Kb / 12P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Toshiba Semiconductor
TA78L05S TOSHIBA-TA78L05S_07 Datasheet
666Kb / 15P
   Three-Terminal Positive Voltage Regulators
logo
Micro Commercial Compon...
MC78M05ACDT MCC-MC78M05ACDT Datasheet
168Kb / 3P
   Three-Terminal Positive Voltage Regulators
MC78M05CDT MCC-MC78M05CDT Datasheet
330Kb / 3P
   Three-Terminal Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com