Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1181A Datasheet(PDF) 4 Page - Linear Technology

Part # LT1181A
Description  Low Power 5V RS232 Dual Driver/Receiver with 0.1F Capacitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1181A Datasheet(HTML) 4 Page - Linear Technology

  LT1181A_15 Datasheet HTML 1Page - Linear Technology LT1181A_15 Datasheet HTML 2Page - Linear Technology LT1181A_15 Datasheet HTML 3Page - Linear Technology LT1181A_15 Datasheet HTML 4Page - Linear Technology LT1181A_15 Datasheet HTML 5Page - Linear Technology LT1181A_15 Datasheet HTML 6Page - Linear Technology LT1181A_15 Datasheet HTML 7Page - Linear Technology LT1181A_15 Datasheet HTML 8Page - Linear Technology LT1181A_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LT1180A/LT1181A
11801afb
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Receiver Input Thresholds
Supply Current
Driver Leakage in Shutdown
TEMPERATURE (°C)
–55
0.50
0.75
1.25
1.50
1.75
3.00
2.25
0
50
75
LT1180A • TPC04
1.00
2.50
2.75
2.00
–25
25
100
125
INPUT HIGH
INPUT LOW
Supply Current vs Data Rate
ON/OFF Thresholds
TEMPERATURE (°C)
–55
2.0
2.5
3.0
25
75
LT1180A • TPC06
1.5
1.0
–25
0
50
100
125
0.5
0
ON THRESHOLD
OFF THRESHOLD
TEMPERATURE (°C)
0.1
10
100
LT1180A • TPC08
1
–55
0
50
75
–25
25
100
125
VOUT = –30V
VOUT = 30V
Driver Short-Circuit Current
DATA RATE (kBAUD)
0
0
10
20
30
40
50
25
50
75
100
LT1180A • TPC05
125
150
2 DRIVERS ACTIVE
RL = 3k
CL = 2500pF
TEMPERATURE (°C)
–55
0
10
25
0
50
75
LT1180A • TPC07
5
20
15
–25
25
100
125
2 DRIVERS LOADED RL = 3k
1 DRIVER LOADED RL = 3k
NO LOAD
Driver Output Voltage
Driver Maximum Output Voltage
vs Load Capacitance
TEMPERATURE (°C)
–55
–10
–8
–4
–2
0
10
4
0
50
75
LT1180A • TPC03
–6
6
8
2
–25
25
100
125
OUTPUT HIGH
OUTPUT LOW
RL = 3k
VCC = 5V
VCC = 4.5V
VCC = 5.5V
VCC = 4.5V
VCC = 5V
VCC = 5.5V
LOAD CAPACITANCE (nF)
0
5.0
5.5
6.0
6.5
7.0
7.5
8.0
24
6
8
LT1180A • TPC01
10
1357
9
20kBAUD
60kBAUD
120kBAUD
LOAD CAPACITANCE (nF)
0
–7.0
–6.5
–6.0
–5.5
–5.0
–4.5
–4.0
24
6
8
LT1180A • TPC02
10
1357
9
120kBAUD
60kBAUD
20kBAUD
Driver Minimum Output Voltage
vs Load Capacitance
TEMPERATURE (
°C)
–55
20
25
30
25
75
LT1180A • TPC09
15
10
–25
0
50
100
125
5
0
ISC
+
ISC


Similar Part No. - LT1181A_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1181AC LINER-LT1181AC Datasheet
285Kb / 12P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors
LT1181ACN LINER-LT1181ACN Datasheet
285Kb / 12P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors
logo
Linear Integrated Syste...
LT1181ACN LINEAR-LT1181ACN Datasheet
201Kb / 12P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors
logo
Linear Technology
LT1181ACSW LINER-LT1181ACSW Datasheet
285Kb / 12P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors
logo
Linear Integrated Syste...
LT1181ACSW LINEAR-LT1181ACSW Datasheet
201Kb / 12P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors
More results

Similar Description - LT1181A_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1180A LINER-LT1180A_15 Datasheet
207Kb / 12P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1F Capacitors
LT1281A LINER-LT1281A_15 Datasheet
233Kb / 8P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1F Capacitors
LT1381 LINER-LT1381_15 Datasheet
170Kb / 8P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1F Capacitors
LT1280A LINER-LT1280A_15 Datasheet
233Kb / 8P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1F Capacitors
LT1280A LINER-LT1280A Datasheet
250Kb / 8P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors
logo
Linear Integrated Syste...
LT1180 LINEAR-LT1180_1 Datasheet
201Kb / 12P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors
logo
Linear Technology
LT1781IS LINER-LT1781IS Datasheet
236Kb / 12P
   Low Power 5V RS232 Dual Driver/Receiver with
LT1381 LINER-LT1381 Datasheet
185Kb / 8P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors
LT1180A LINER-LT1180A Datasheet
285Kb / 12P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors
LT1080 LINER-LT1080_15 Datasheet
168Kb / 12P
   Advanced Low Power 5V RS232 Dual Driver/Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com