Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KIA78S05P Datasheet(PDF) 8 Page - KEC(Korea Electronics)

Part # KIA78S05P
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATORS)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78S05P Datasheet(HTML) 8 Page - KEC(Korea Electronics)

Back Button KIA78S05P Datasheet HTML 4Page - KEC(Korea Electronics) KIA78S05P Datasheet HTML 5Page - KEC(Korea Electronics) KIA78S05P Datasheet HTML 6Page - KEC(Korea Electronics) KIA78S05P Datasheet HTML 7Page - KEC(Korea Electronics) KIA78S05P Datasheet HTML 8Page - KEC(Korea Electronics) KIA78S05P Datasheet HTML 9Page - KEC(Korea Electronics) KIA78S05P Datasheet HTML 10Page - KEC(Korea Electronics) KIA78S05P Datasheet HTML 11Page - KEC(Korea Electronics) KIA78S05P Datasheet HTML 12Page - KEC(Korea Electronics) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
2011. 4. 5
8/15
KIA78S05P~KIA78S24P
Revision No : 3
ELECTRICAL CHARACTERISTICS
KIA78S15P
(Unless otherwise specified, VIN=23V, IOUT=40mA, CIN=0.33μF, COUT=0.1μF, 0℃≦Tj≦125℃)
CHARACTERISTIC
SYMBOL
TEST
CIRCUIT
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage
VOUT
1
Tj=25℃
14.4
15
15.6
V
Input Regulation
Reg line
1
Tj=25℃
17.5V
≦VIN≦30V
-
130
300
mV
20V
≦VIN≦30V
-
110
250
Load Regulation
Reg load
1
Tj=25℃
1.0mA
≦IOUT≦100mA
-
25
150
mV
1.0mA
≦IOUT≦40mA
-
12
75
Output Voltage
VOUT
1
17.5V
≦VIN≦30V
1.0mA
≦IOUT≦40mA
14.25
-
15.75
V
VIN=23V, 1.0mA≦IOUT≦70mA
14.25
-
15.75
Quiescent Current
IB
1
Tj=25℃
-
3.3
6.5
mA
Tj=125℃
-
-
6.0
Quiescent Current Change
ΔIB
1
20V
≦VIN≦30V
-
-
1.5
mA
1.0mA
≦IOUT≦40mA
-
-
0.1
Output Noise Voltage
VNO
1
Ta=25
℃, 10Hz≦f≦100kHz
-
90
-
μVrms
Long Term Stability
ΔVOUT/Δt
1
-
30
-
mV/
1.0kHrs
Ripple Rejection Ratio
RR
2
f=120Hz, 18.5V
≦VIN≦28.5V,
Tj=25℃
34
40
-
dB
Dropout Voltage
|VIN-VOUT
1
Tj=25℃
-
1.7
-
V
Average Temperature
Coefficient of Output Voltage
TCVO
1
IOUT=5mA
-
-1.3
-
mV/


Similar Part No. - KIA78S05P

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA78S05P KEC-KIA78S05P Datasheet
468Kb / 16P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

Similar Description - KIA78S05P

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA79M05F KEC-KIA79M05F Datasheet
444Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATORS)
KIA78M05P KEC-KIA78M05P Datasheet
170Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATORS)
KIA78M05T KEC-KIA78M05T Datasheet
422Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATORS)
KIA79M05PI KEC-KIA79M05PI Datasheet
447Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATORS)
KIA79M05P KEC-KIA79M05P Datasheet
182Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL NEGATIVE VOLTAGE REGULATORS)
KIA79S05P KEC-KIA79S05P Datasheet
242Kb / 12P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL NEGATIVE VOLTAGE REGULATORS)
KIA79M05T KEC-KIA79M05T Datasheet
444Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL NEGATIVE VOLTAGE REGULATORS)
KIA78L05BP KEC-KIA78L05BP Datasheet
350Kb / 16P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATOR)
KIA78L05F KEC-KIA78L05F Datasheet
346Kb / 16P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATOR)
KIA78M05F KEC-KIA78M05F Datasheet
422Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATOR)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com