Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KIA78L24F Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KIA78L24F
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATOR)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78L24F Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KIA78L24F Datasheet HTML 1Page - KEC(Korea Electronics) KIA78L24F Datasheet HTML 2Page - KEC(Korea Electronics) KIA78L24F Datasheet HTML 3Page - KEC(Korea Electronics) KIA78L24F Datasheet HTML 4Page - KEC(Korea Electronics) KIA78L24F Datasheet HTML 5Page - KEC(Korea Electronics) KIA78L24F Datasheet HTML 6Page - KEC(Korea Electronics) KIA78L24F Datasheet HTML 7Page - KEC(Korea Electronics) KIA78L24F Datasheet HTML 8Page - KEC(Korea Electronics) KIA78L24F Datasheet HTML 9Page - KEC(Korea Electronics) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2014. 2. 26
2/16
KIA78L05F~KIA78L24F
Revision No : 6
ELECTRICAL CHARACTERISTICS
KIA78L05F
(Unless otherwise specified, VIN=10V, IOUT=40mA, CIN=0.33μ
F, COUT=0.1μ
F, 0
℃≦T
j≦125℃)
CHARACTERISTIC
SYMBOL
TEST
CIRCUIT
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage
VOUT
1
Tj=25℃
4.75
5.0
5.25
V
Input Regulation
Reg line
1
Tj=25℃
7.0V
≦V
IN≦20V
-
55
150
mV
8.0V
≦V
IN≦20V
-
45
100
Load Regulation
Reg load
1
Tj=25℃
1.0mA
≦I
OUT≦100mA
-
11
60
mV
1.0mA
≦I
OUT≦40mA
-
5.0
30
Output Voltage
VOUT
1
7.0V
≦V
IN≦20V,
1.0mA
≦I
OUT≦40mA
4.65
-
5.3
V
VIN=10V, 1.0mA≦IOUT≦70mA
4.65
-
5.3
Quiescent Current
IB
1
Tj=25℃
-
3.1
6.0
mA
Tj=125℃
-
-
5.5
Quiescent Current Change
ΔI
B
1
8.0V
≦V
IN≦20V
-
-
1.5
mA
1.0mA
≦I
OUT≦40mA
-
-
0.1
Output Noise Voltage
VNO
1
Ta=25
℃, 10Hz≦f≦100kHz
-
40
-
μV
rms
Long Term Stability
ΔV
OUT/Δt
1
-
12
-
mV/
1.0kHrs
Ripple Rejection Ratio
RR
2
f=120Hz,
8.0V
≦V
IN≦18V, Tj=25℃
41
49
-
dB
Dropout Voltage
| VIN-VOUT |
1
Tj=25℃
-
1.7
-
V
Average Temperature
Coefficient of Output Voltage
TCVO
1
IOUT=5mA
-
-0.6
-
mV/


Similar Part No. - KIA78L24F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA78L24F KEC-KIA78L24F Datasheet
450Kb / 16P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

Similar Description - KIA78L24F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA78L05BP KEC-KIA78L05BP Datasheet
350Kb / 16P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATOR)
KIA78M05F KEC-KIA78M05F Datasheet
422Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATOR)
KIA78DL05F KEC-KIA78DL05F Datasheet
349Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE LOW DROPOUT VOLTAGE REGULATOR)
KIA78DL05PI KEC-KIA78DL05PI Datasheet
323Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE LOW DROPOUT VOLTAGE REGULATOR)
KIA79M05F KEC-KIA79M05F Datasheet
444Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATORS)
KIA78M05P KEC-KIA78M05P Datasheet
170Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATORS)
KIA78M05T KEC-KIA78M05T Datasheet
422Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATORS)
KIA78S05P KEC-KIA78S05P Datasheet
345Kb / 16P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATORS)
KIA79M05PI KEC-KIA79M05PI Datasheet
447Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATORS)
logo
AiT Semiconductor Inc.
A78MXX AITSEMI-A78MXX Datasheet
522Kb / 10P
   BIPOLAR LINEAR REGULATOR THREE TERMINAL POSITIVE VOLTAGE REGULATOR
REV2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com