Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RH1814M Datasheet(PDF) 7 Page - Linear Technology

Part # RH1814M
Description  Quad 3mA, 100MHz, 750V/s Operational Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1814M Datasheet(HTML) 7 Page - Linear Technology

  RH1814M_15 Datasheet HTML 1Page - Linear Technology RH1814M_15 Datasheet HTML 2Page - Linear Technology RH1814M_15 Datasheet HTML 3Page - Linear Technology RH1814M_15 Datasheet HTML 4Page - Linear Technology RH1814M_15 Datasheet HTML 5Page - Linear Technology RH1814M_15 Datasheet HTML 6Page - Linear Technology RH1814M_15 Datasheet HTML 7Page - Linear Technology RH1814M_15 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
RH1814M
7
1814mfb
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
TYPICAL PERFORMANCE CHARACTERISTICS
Input Offset Voltage
Input Bias Current
Input Offset Current
TOTAL DOSE KRAD (Si)
1
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
10
100
1000
RH1814M G04
VS = ±5V
VCM = 0V
TOTAL DOSE KRAD (Si)
1
7
6
5
4
3
2
1
0
10
100
1000
RH1814M G05
VS = ±5V
VCM = 0V
TOTAL DOSE KRAD (Si)
1
1.5
1.0
0.5
0
–0.5
–1.0
10
100
1000
RH1814M G06
VS = ±5V
VCM = 0V
Open-Loop Gain
Common Mode Rejection Ratio
TOTAL DOSE KRAD (Si)
1
70
68
66
64
62
60
58
56
10
100
1000
RH1814M G07
VS = ±5V
RL = 10k
VOUT = ±3V
TOTAL DOSE KRAD (Si)
1
100
95
90
85
80
75
70
65
10
100
1000
RH1814M G08
VS = ±5V
1.5V ≤ VCM ≤ 3.5V
Power Supply Rejection Ratio
Gain-Bandwidth Product
TOTAL DOSE KRAD (Si)
1
105
100
95
90
85
80
75
70
10
100
1000
RH1814M G09
VS = ±2V TO ±5.5V
TOTAL DOSE KRAD (Si)
1
120
110
100
90
80
10
100
1000
RH1814M G11
VS = ±5V
RL = 10k


Similar Part No. - RH1814M_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH1814M LINER-RH1814M Datasheet
88Kb / 8P
   Quad 3mA, 100MHz, 750V/關s Operational Amplifier
More results

Similar Description - RH1814M_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH1814M LINER-RH1814M Datasheet
88Kb / 8P
   Quad 3mA, 100MHz, 750V/關s Operational Amplifier
LT1813 LINER-LT1813_15 Datasheet
250Kb / 16P
   Dual/Quad 3mA, 100MHz, 750V/s Operational Amplifiers
LT1814 LINER-LT1814_15 Datasheet
250Kb / 16P
   Dual/Quad 3mA, 100MHz, 750V/s Operational Amplifiers
LT1813 LINER-LT1813 Datasheet
204Kb / 12P
   Dual 3mA, 100MHz, 750V/us Operational Amplifier
LT1813 LINER-LT1813_1 Datasheet
244Kb / 16P
   Dual/Quad 3mA, 100MHz, 750V/짰 Operational Amplifiers
RH1814 LINER-RH1814_15 Datasheet
130Kb / 2P
   Dual 3mA, 100MHz, 750V/s Operational Amplifi er
LT1812 LINER-LT1812_1 Datasheet
230Kb / 16P
   3mA, 100MHz, 750V/ms Operational Amplifier with Shutdown
LT1812 LINER-LT1812 Datasheet
202Kb / 12P
   3mA, 100MHz, 750V/us Operational Amplifier with Shutdown
RH1814 LINER-RH1814 Datasheet
120Kb / 2P
   Dual 3mA, 100MHz, 750V/關s Operational Amplifi er
LT1812 LINER-LT1812_15 Datasheet
250Kb / 16P
   3mA, 100MHz, 750V/s Operational Amplifi er with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com