Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KIA78D06 Datasheet(PDF) 4 Page - KEC(Korea Electronics)

Part # KIA78D06
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT (3 TERMINAL LOW DROP OUTPUT VOLTAGE REGULATOR)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78D06 Datasheet(HTML) 4 Page - KEC(Korea Electronics)

  KIA78D06 Datasheet HTML 1Page - KEC(Korea Electronics) KIA78D06 Datasheet HTML 2Page - KEC(Korea Electronics) KIA78D06 Datasheet HTML 3Page - KEC(Korea Electronics) KIA78D06 Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2002. 9. 24
4/4
KIA78D25F~78D15F
Revision No : 3
V
- T
OUT
V
- V
V
- l
OUT
D
P
- Ta
0
OUTPUT CURRENT l
(A)
AMBIENT TEMPERATURE Ta ( C)
0
0
INPUT VOLTAGE V
(V)
0
25
JUNCTION TEMPERATURE T
( C)
CC
CC
KIA78D05F
OUT
j
j
0
OUT
OUT
0
KIA78D05F
V
=10V
CC
0
(1)INFINITE HEAT SINK
(2)1.3
(1)13
(2)IC ALONE
25
50
75
100
125
150
2
4
6
8
10
12
14
16
ΘJ-C=12.5( CW)
ΘJ-C=125.0( CW)
50
75
100
125
150
175
200
1
2
3
4
5
6
V
=10V
l
=0
KIA78D05F
CC
OUT
1.0
2.0
2
4
6
8
10
10
20
30
40
50
1
2
3
4
5
6
Fig 3. Power Dissipation Characteristics.
Fig 4. Thermal Catt Circuit Characteristics.
Over Voltage Protection Characteristics.
Fig 5. Current limt Characteristics.


Similar Part No. - KIA78D06

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA78D06 KEC-KIA78D06 Datasheet
67Kb / 6P
   SEMICONDUCTOR
KIA78D06 KEC-KIA78D06 Datasheet
893Kb / 6P
   SEMICONDUCTOR
KIA78D06F KEC-KIA78D06F Datasheet
67Kb / 6P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78D06F/PI KEC-KIA78D06F/PI Datasheet
67Kb / 6P
   SEMICONDUCTOR
KIA78D06F/PI KEC-KIA78D06F/PI Datasheet
893Kb / 6P
   SEMICONDUCTOR
More results

Similar Description - KIA78D06

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA378R05PI KEC-KIA378R05PI Datasheet
118Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 3A OUTPUT LOW DROP VOLTAGE REGULATOR)
KIA378R25PI KEC-KIA378R25PI Datasheet
97Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 3A OUTPUT LOW DROP VOLTAGE REGULATOR)
KIA278R05PI KEC-KIA278R05PI Datasheet
118Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 2A OUTPUT LOW DROP VOLTAGE REGULATOR)
KIA278R25PI KEC-KIA278R25PI Datasheet
97Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 2A OUTPUT LOW DROP VOLTAGE REGULATOR)
KIA78R05API KEC-KIA78R05API Datasheet
1Mb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL LOW DROP VOLTAGE REGULATOR)
KIA78R05F KEC-KIA78R05F Datasheet
122Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (5 TERMINAL LOW DROP VOLTAGE REGULATOR)
KIA78R25API KEC-KIA78R25API Datasheet
105Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL LOW DROP VOLTAGE REGULATOR)
KIA78R05PI KEC-KIA78R05PI Datasheet
129Kb / 6P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL LOW DROP VOLTAGE REGULATOR)
KIA78R25F KEC-KIA78R25F Datasheet
103Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (5 TERMINAL LOW DROP VOLTAGE REGULATOR)
KIA78L05BP KEC-KIA78L05BP Datasheet
350Kb / 16P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATOR)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com