Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4243 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN4243
Description  The L6230 DMOS driver for three-phase brushless DC motor
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4243 Datasheet(HTML) 1 Page - STMicroelectronics

  AN4243 Datasheet HTML 1Page - STMicroelectronics AN4243 Datasheet HTML 2Page - STMicroelectronics AN4243 Datasheet HTML 3Page - STMicroelectronics AN4243 Datasheet HTML 4Page - STMicroelectronics AN4243 Datasheet HTML 5Page - STMicroelectronics AN4243 Datasheet HTML 6Page - STMicroelectronics AN4243 Datasheet HTML 7Page - STMicroelectronics AN4243 Datasheet HTML 8Page - STMicroelectronics AN4243 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
January 2013
Doc ID 024199 Rev 1
1/29
AN4243
Application note
The L6230 DMOS driver for three-phase brushless DC motor
By Cristiana Scaramel
Introduction
Modern motion control applications need more flexibility that can be only addressed with
specialized ICs products. The L6230 is a DMOS fully integrated three-phase BLDC motor
driver optimized for field oriented control (FOC) application thanks to the independent
current senses. The device integrates six DMOS power transistors with CMOS and bipolar
circuits on the same chip including overcurrent protection for safe operation and flexibility.
An uncommitted comparator with open-drain output for optional function is available.
www.st.com


Similar Part No. - AN4243

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4240 STMICROELECTRONICS-AN4240 Datasheet
1Mb / 30P
   This application note provides an easy introduction to the usage
AN4241 STMICROELECTRONICS-AN4241 Datasheet
286Kb / 18P
   The L6470 and L6472 are fully integrated motor drivers providing
AN4242 STMICROELECTRONICS-AN4242 Datasheet
2Mb / 26P
   New generation of 650 V SiC diodes
AN4246 STMICROELECTRONICS-AN4246 Datasheet
290Kb / 11P
   Proprietary Code Read Out Protection on STM32L1 microcontrollers
AN4248 STMICROELECTRONICS-AN4248 Datasheet
3Mb / 46P
   60 W PSU design details for water purifier system
More results

Similar Description - AN4243

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6229 STMICROELECTRONICS-L6229 Datasheet
582Kb / 25P
   DMOS DRIVER FOR THREE-PHASE BRUSHLESS DC MOTOR
L6235 STMICROELECTRONICS-L6235 Datasheet
434Kb / 25P
   DMOS DRIVER FOR THREE-PHASE BRUSHLESS DC MOTOR
L6229Q STMICROELECTRONICS-L6229Q Datasheet
527Kb / 28P
   DMOS driver for three-phase brushless DC motor
L6230 STMICROELECTRONICS-L6230 Datasheet
583Kb / 24P
   DMOS driver for three-phase brushless DC motor
X-NUCLEO-IHM07M1 STMICROELECTRONICS-X-NUCLEO-IHM07M1 Datasheet
6Mb / 7P
   Three-phase brushless DC motor driver expansion board based on L6230 for STM32 Nucleo
Rev 2 - July 2021
L6235PD013TR STMICROELECTRONICS-L6235PD013TR Datasheet
690Kb / 35P
   DMOS driver for 3-phase brushless DC motor
March 2014 Rev 2
logo
Hitachi Semiconductor
HA13441 HITACHI-HA13441 Datasheet
143Kb / 6P
   THREE PHASE BRUSHLESS DC MOTOR DRIVER
logo
Texas Instruments
DRV10970 TI1-DRV10970 Datasheet
672Kb / 38P
[Old version datasheet]   Three-Phase Brushless DC Motor Driver
logo
Hitachi Semiconductor
HA13565F HITACHI-HA13565F Datasheet
62Kb / 17P
   Three-Phase Brushless DC Motor Driver IC
logo
STMicroelectronics
AN1625 STMICROELECTRONICS-AN1625 Datasheet
1Mb / 39P
   L6235 THREE PHASE BRUSHLESS DC MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com