Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4324 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4324
Description  STC3115 system integration
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4324 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4324 Datasheet HTML 7Page - STMicroelectronics AN4324 Datasheet HTML 8Page - STMicroelectronics AN4324 Datasheet HTML 9Page - STMicroelectronics AN4324 Datasheet HTML 10Page - STMicroelectronics AN4324 Datasheet HTML 11Page - STMicroelectronics AN4324 Datasheet HTML 12Page - STMicroelectronics AN4324 Datasheet HTML 13Page - STMicroelectronics AN4324 Datasheet HTML 14Page - STMicroelectronics AN4324 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
AN4324
Schematic guidelines
DocID024963 Rev 2.0
11/31
4.1.4
Sense resistor deviation over temperature range (TCR)
The sense resistor impedance value depends on ambient temperature. The generated
error from temperature deviation has to be limited in order to ensure that the impact of
temperature on current measurement accuracy is minimized. A 0.3 % impedance value
deviation at maximum temperature deviation is acceptable as it does not impact the current
measurement accuracy over the temperature range too much.
Example for a 75 ppm TCR sense of 10
mΩ, with a 40 °C maximum temperature deviation
from typical temperature:
MaxError: ((TCR x Rsense x d) / Rsense) x 100 = ((0.000075 x 0.01 x 40) / 0.01) x 100 =
0.3 %
Where d = temperature in ˚C.
4.1.5
Sense resistor selection proposal
Table 4: Proposed sense resistor references
Product reference
Manufacturer
Impedance
Accuracy
Power
dissipation
Sense resistor
deviation over
temperature
range (TCR)
Package
ERJM03NF10MV
PANASONIC
10 mΩ
±1 %
250 mW
±100 ppm/°C
0603
WSL0603R0100FEA
VISHAY
DALE
±1 %
100 mW
±75 ppm/°C
4.2
BatD pin system integration
The BatD pin detects battery removal events: either the third battery pin is an ID pin or a
thermal information pin. The following three situations describe several application cases
where the battery is removed and how the STC3115 detects such an event:
1.
Battery is removed during a low consumption stage: At this time, the application
consumption is low and the Vbat voltage can take time to decrease (application
capacitor discharging period). At the same time, the third battery pin is disconnected
and the BatD pin voltage is fixed by the pull-up voltage value. Battery removal is
detected rapidly by the BatD feature.
2.
Battery is removed during a high consumption stage: At this time the application
consumption is high and the Vbat voltage decreases rapidly. The STC3115 detects
battery removal and in this case the BatD pin is not used.
3.
Battery is removed if the charger is already connected: At this time, Vbat voltage
maintains the same value or increases slightly. The BatD pin is used to detect battery
removal as the battery voltage information cannot be used.
During battery removal, the BatD pull-up voltage should be ON and higher than 1.61 V
internal threshold.
For most applications, the pull-up voltage should always be available and above the
threshold. The best voltage to use is the Vbat voltage itself.


Similar Part No. - AN4324

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN432 STMICROELECTRONICS-AN432 Datasheet
393Kb / 12P
   All members of the ST62 Series of Microcontrollers
AN4325 STMICROELECTRONICS-AN4325 Datasheet
473Kb / 27P
   Getting started with STM32F030xx hardware development
AN4326 STMICROELECTRONICS-AN4326 Datasheet
517Kb / 17P
   Increasing the M24LRXXE-R family ESD robustness on antenna using an external ESD protection
More results

Similar Description - AN4324

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATDH40M ATMEL-ATDH40M Datasheet
507Kb / 13P
   Programmable System Level Integration Prototyping System
logo
Intel Corporation
P4304XXMUXX INTEL-P4304XXMUXX Datasheet
12Mb / 107P
   System Integration and Service Guide
Revision 1.3 May 2017
logo
Unisonic Technologies
UTCAN5151 UTC-UTCAN5151 Datasheet
62Kb / 4P
   TV VIF & SIF & DEFLECTION SYSTEM FOR TV LARGE INTEGRATION
logo
Samsung semiconductor
KA2915 SAMSUNG-KA2915 Datasheet
250Kb / 6P
   TV VIF & SIF & DEFLECTION SYSTEM (IC FOR TV LARGE INTEGRATION)
logo
Laird Tech Smart Techno...
SDC-MSD30AG LSTD-SDC-MSD30AG Datasheet
1Mb / 26P
   HARDWARE INTEGRATION GUIDE
logo
STMicroelectronics
UM1836 STMICROELECTRONICS-UM1836 Datasheet
165Kb / 16P
   STSW-BAT001 open source driver for the STC3115
logo
Hitachi Semiconductor
HD64180R1P6 HITACHI-HD64180R1P6 Datasheet
1Mb / 18P
   HIGH INTEGRATION CMOS MICROCONTROLLERS
logo
Advantech Co., Ltd.
UNO-FPM21 ADVANTECH-UNO-FPM21 Datasheet
83Kb / 1P
   UNO & FPM integration kit
logo
Taoglas antenna solutio...
CBD02.07.0100C TAOGLAS-CBD02.07.0100C Datasheet
6Mb / 20P
   Flexible for easy integration
logo
Chip Integration Techno...
MBRF20100CT-T CITC-MBRF20100CT-T Datasheet
521Kb / 3P
   Chip Integration Technology Corporation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com