Electronic Components Datasheet Search |
|
KIA78S20P Datasheet(PDF) 9 Page - KEC(Korea Electronics) |
|
KIA78S20P Datasheet(HTML) 9 Page - KEC(Korea Electronics) |
9 / 16 page 2011. 4. 5 9/15 KIA78S05P~KIA78S24P Revision No : 3 ELECTRICAL CHARACTERISTICS KIA78S18P (Unless otherwise specified, VIN=27V, IOUT=40mA, CIN=0.33μF, COUT=0.1μF, 0℃≦Tj≦125℃) CHARACTERISTIC SYMBOL TEST CIRCUIT TEST CONDITION MIN. TYP. MAX. UNIT Output Voltage VOUT 1 Tj=25℃ 17.3 18 18.7 V Input Regulation Reg line 1 Tj=25℃ 21.4V ≦VIN≦33V - 32 325 mV 22V ≦VIN≦33V - 27 275 Load Regulation Reg load 1 Tj=25℃ 1.0mA ≦IOUT≦100mA - 30 170 mV 1.0mA ≦IOUT≦40mA - 15 75 Output Voltage VOUT 1 21.4V ≦VIN≦33V 1.0mA ≦IOUT≦40mA 17.1 - 18.9 V VIN=27V, 1.0mA≦IOUT≦70mA 17.1 - 18.9 Quiescent Current IB 1 Tj=25℃ - 3.3 6.5 mA Tj=125℃ - - 6.0 Quiescent Current Change ΔIB 1 22V ≦VIN≦33V - - 1.5 mA 1.0mA ≦IOUT≦40mA - - 0.1 Output Noise Voltage VNO 1 Ta=25 ℃, 10Hz≦f≦100kHz - 150 - μVrms Long Term Stability ΔVOUT/Δt 1 - 45 - mV/ 1.0kHrs Ripple Rejection Ratio RR 2 f=120Hz, 23V ≦VIN≦33V, Tj=25℃ 32 38 - dB Dropout Voltage |VIN-VOUT| 1 Tj=25℃ - 1.7 - V Average Temperature Coefficient of Output Voltage TCVO 1 IOUT=5mA - -1.5 - mV/ ℃ |
Similar Part No. - KIA78S20P |
|
Similar Description - KIA78S20P |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |