Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4355 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4355
Description  The L6480 and L6482 devices are motor controllers providing
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4355 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4355 Datasheet HTML 4Page - STMicroelectronics AN4355 Datasheet HTML 5Page - STMicroelectronics AN4355 Datasheet HTML 6Page - STMicroelectronics AN4355 Datasheet HTML 7Page - STMicroelectronics AN4355 Datasheet HTML 8Page - STMicroelectronics AN4355 Datasheet HTML 9Page - STMicroelectronics AN4355 Datasheet HTML 10Page - STMicroelectronics AN4355 Datasheet HTML 11Page - STMicroelectronics AN4355 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Motion engine control
AN4355
8/25
DocID025240 Rev 2
2.2
Positioning commands
The motion engine, integrated into the devices, allows the position of the motor in a target
position based on integrated ABS_POS register.
The ABS_POS register traces all the motion performed by the motor adding a unit to each
microstep completed in forward direction and subtracting a unit when the microstep is
performed in reverse direction.
The target positioning can be directly imposed indicating the ABS_POS register value
(absolute position) or the distance between the current position and the target one (relative
position).
The relative positioning command is Move. The motion engine executes this command only
when the motor is stopped in order to avoid unexpected behaviors (e.g.: the target of
number of steps is not enough to allow the speed profile compliance).
Figure 4. Relative positioning command example
The absolute positioning commands are GoTo and GoTo_DIR. The former moves the motor
to the position target choosing the rotation direction according to a minimum path algorithm
(i.e.: the lower number of microsteps is executed) whereas the latter imposes the direction
directly.
Figure 5. Absolute positioning command example
0
h200000
h3FFFFF
h1FFFFF
h000001
0
h200000
h3FFFFF
h1FFFFF
h000001
Starting position
Starting position
Final position
Move(Reverse)
Move(Forward)
Final position
AM16590v1
0
h200000
h3FFFFF
h1FFFFF
h000001
0
h200000
h3FFFFF
h1FFFFF
h000001
Starting position
Starting position
Target position
Target position
GoTo
GoTo_DIR(Forward)
AM16591v1


Similar Part No. - AN4355

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4350 STMICROELECTRONICS-AN4350 Datasheet
1Mb / 34P
   High power factor LED driver with constant voltage regulation based on HVLED815PF
AN4351 STMICROELECTRONICS-AN4351 Datasheet
219Kb / 10P
   STMicroelectronics has developed micro battery products
AN4354 STMICROELECTRONICS-AN4354 Datasheet
274Kb / 14P
   This document describes the operation of the gate driving circuitry which
AN4356 STMICROELECTRONICS-AN4356 Datasheet
1Mb / 14P
   Antenna desense on handheld equipment
More results

Similar Description - AN4355

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4241 STMICROELECTRONICS-AN4241 Datasheet
286Kb / 18P
   The L6470 and L6472 are fully integrated motor drivers providing
logo
Toshiba Semiconductor
TB6519AF TOSHIBA-TB6519AF Datasheet
1Mb / 33P
   VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
TB6513AF TOSHIBA-TB6513AF Datasheet
1Mb / 32P
   VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
logo
TRINAMIC Motion Control...
QSH2818 TRINAMIC-QSH2818_11 Datasheet
348Kb / 14P
   motor controllers and drivers
logo
Toshiba Semiconductor
TB6518F TOSHIBA-TB6518F Datasheet
1,001Kb / 30P
   VIDEO CAMERA CYLINDER MOTOR CONTROLLERS AND CAPSTAN MOTOR CONTROLLERS
logo
List of Unclassifed Man...
AN321 ETC-AN321 Datasheet
15Kb / 2P
   AND / NOR circuit providing the logical function
HBLDS6SSAC ETC2-HBLDS6SSAC Datasheet
891Kb / 12P
   Manual Motor Controllers and Disconnects
OA22 ETC1-OA22 Datasheet
11Kb / 1P
   OR / AND circuit providing the logical function Q
logo
ams AG
AO331 AMSCO-AO331 Datasheet
15Kb / 2P
   AND / OR circuit providing the logical function Q
logo
OSA Opto Light GmbH
OCU-400UB365 OSA-OCU-400UB365 Datasheet
4Mb / 8P
   devices are ROHS and REACH conform
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com