Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4374 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4374
Description  The LED1642GW and ALED1642GW start-up guide
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4374 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4374 Datasheet HTML 7Page - STMicroelectronics AN4374 Datasheet HTML 8Page - STMicroelectronics AN4374 Datasheet HTML 9Page - STMicroelectronics AN4374 Datasheet HTML 10Page - STMicroelectronics AN4374 Datasheet HTML 11Page - STMicroelectronics AN4374 Datasheet HTML 12Page - STMicroelectronics AN4374 Datasheet HTML 13Page - STMicroelectronics AN4374 Datasheet HTML 14Page - STMicroelectronics AN4374 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
DocID025366 Rev 2
11/25
AN4374
LED power-on at maximum current and 50% duty cycle
25
Figure 11. LED1642GW and ALED1642GW brightness register: first word example
Figure 12. LED1642GW and ALED1642GW brightness register: last word example
As last pattern, the output switch power-on has to be sent. SDI=1 on switch register
has to be sent 16 times (see previous example) to have all 16 outputs ON.
The result of the above eighteen 16-bit words is the LED power-on at ILED=36 mA and 50%
duty cycle.
Clk
SDI
LE
15 14 13 12 11 10 09 08 07 06 05 04 03 02 01 00
first bit
last bit
Brightness register : BRT output 15 (*) = 0x0800 – BRT outputs 14 to 0 (*) = TBD
(BRT reg. output 15 = 0x0800)
(*) We are assuming that this is the last 16 -bit data word in the 16 word data stream needed to load correctly the brightness register.
Global Latch
Key
AM16861v1
Clk
SDI
LE
15 14 13 12 11 10 09 08 07 06 05 04 03 02 01 00
first bit
last bit
Brightness register : BRT Output 0 (*) = 0x0800 – BRT outputs 15 to 1(*) = already defined
(BRT reg. output 0 = 0x0800)
(*) We are assuming that this is the last 16 -bit data word in the 16 word data stream needed to load correctly the brightness register.
Global Latch
Key
AM16860v1


Similar Part No. - AN4374

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN437 STMICROELECTRONICS-AN437 Datasheet
593Kb / 18P
   RC snubber circuit design for TRIACs
AN4370 STMICROELECTRONICS-AN4370 Datasheet
701Kb / 23P
   L99ASC03 PMBLDC sensorless 3-phase motor driver
AN4371 STMICROELECTRONICS-AN4371 Datasheet
368Kb / 29P
   In automotive more and more often comes in foreground
AN4373 STMICROELECTRONICS-AN4373 Datasheet
1Mb / 14P
   Galvanically-isolated 8 channel high-side driver based on the ISO8200B
AN4376 STMICROELECTRONICS-AN4376 Datasheet
3Mb / 37P
   10 W wide range non-isolated high power factor LED driver using HVLED815PF
More results

Similar Description - AN4374

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AN11308 NXP-AN11308 Datasheet
2Mb / 40P
   Quick Start Up Guide PNEV512B Board
Rev. 2.4-26 June 2018
AN11281 NXP-AN11281 Datasheet
1Mb / 37P
   Quick Start Up Guide PREV601 Demo Board
Rev. 1.5-10 November 2013
logo
Silicon Laboratories
CP2105-EK SILABS-CP2105-EK Datasheet
261Kb / 10P
   Quick Start Guide
CP2104-EK SILABS-CP2104-EK Datasheet
218Kb / 8P
   Quick Start Guide
CP2110-EK SILABS-CP2110-EK Datasheet
287Kb / 10P
   Quick Start Guide
logo
Zilog, Inc.
QS0075 ZILOG-QS0075 Datasheet
1Mb / 19P
   Quick Start Guide
QS0086 ZILOG-QS0086 Datasheet
291Kb / 18P
   Quick Start Guide
logo
NXP Semiconductors
MPC830X-TLCD NXP-MPC830X-TLCD Datasheet
934Kb / 4P
   Quick Start Guide
11/3/11
logo
Silicon Laboratories
CP2112-EK SILABS-CP2112-EK Datasheet
434Kb / 14P
   Quick Start Guide
logo
Maxim Integrated Produc...
MAXREFDES143 MAXIM-MAXREFDES143 Datasheet
3Mb / 15P
   Quick Start Guide
UG6296 ; Rev 0; 6/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com