Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4395 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4395
Description  Autonomous wireless multi-sensor node powered by PV cells
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4395 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4395 Datasheet HTML 4Page - STMicroelectronics AN4395 Datasheet HTML 5Page - STMicroelectronics AN4395 Datasheet HTML 6Page - STMicroelectronics AN4395 Datasheet HTML 7Page - STMicroelectronics AN4395 Datasheet HTML 8Page - STMicroelectronics AN4395 Datasheet HTML 9Page - STMicroelectronics AN4395 Datasheet HTML 10Page - STMicroelectronics AN4395 Datasheet HTML 11Page - STMicroelectronics AN4395 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Transmitter board schematics and bill of material
AN4395
8/24
DocID025513 Rev 1
35
6
J3, J4, J5, J6, J7, J9
STRIP1X3-M-SMD
ST_19_STRIP3_100M_V_
36
1
J8
SAM-SMH10802GD
Header 8X2
37
1
JP1
SAM-TMM10302GD
STRIP2X3
38
1
L1
INDLQM21FN100M70
10
H
39
1
L2
IND0402CS-27N
27 nH
40
1
L3
INDLQG15HSR10J02
100 nH
41
1
L4
DNM
42
1
L5
INDLQG15HN3N6S02
3.6 nH
43
1
L6
INDLQG15HN5N1S02
5.1 nH
44
1
L7
RESMD000-0402
0
45
1
L8
INDLQG15HN18NJ02
18 nH
46
2
L9, L10
INDLQG15HN15NJ02
15 nH
47
1
L11
INDSMD4,7UH82464
Antenna
48
1
L12
IND-LPS4018223ML
22
H
49
1
P1
STRIP40PMD90
STRIP 8 POLI
50
13
R1, R2, R3, R4, R5, R16, R17, R18, R19,
R20, R26, R27, R28
RESMD101-0402
100
51
2
R6, R7
RESMD100-0402
10
52
2
R8, R9
RESMD104-0402
100 K
53
4
R10, R11, R12, R13
RESMD103-0402
10 K
54
1
R14
RESMD561-0402
560
55
1
R15
RESMD000-0402
0
56
2
R21, R29
RESMD754-0603
750 K
57
1
R22
RESMD244-0603
240 K
58
1
R23
RESMD124-0603
120 K
59
1
R24
RESMD104-0603
100 K
60
1
R25
RESMD4223-0603
422 K
61
1
R30
RESMD823-0603
82 K
62
1
R31
RESMD105-0603
1 M
63
1
R32
RESMD125-0603
1.2 M
64
1
R33
RESMD562-0603
5.6 M
65
1
R34
RESMD185-0603
1.8 M
66
2
R35, R38
RESMD305-0603
3 M
67
1
R36
RESMD106-0603
10 M
68
1
R37
RESMD684-0603
680 K
Table 1. Transmitter board - bill of material (continued)
Item Qty.
Designator
SCI part number
Value


Similar Part No. - AN4395

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN439 STMICROELECTRONICS-AN439 Datasheet
464Kb / 16P
   The use of TRIACs is limited by their switching behavior
AN4390 STMICROELECTRONICS-AN4390 Datasheet
1Mb / 14P
   The UPS is gaining ever increasing importance
AN4391 STMICROELECTRONICS-AN4391 Datasheet
1Mb / 19P
   New P-channel trench technology from ST for low power
AN4392 STMICROELECTRONICS-AN4392 Datasheet
1Mb / 17P
   The BlueNRG is a very low power Bluetooth low energy
AN4394 STMICROELECTRONICS-AN4394 Datasheet
538Kb / 18P
   Evaluation board for SPV1050 ULP harvester
More results

Similar Description - AN4395

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SN90RC-4 MURATA-SN90RC-4 Datasheet
830Kb / 5P
   4 Analog Channel, Battery Powered Wireless Sensor Node
logo
Advantech Co., Ltd.
ADAM-2632Z ADVANTECH-ADAM-2632Z Datasheet
1Mb / 1P
   Wireless Temperature & Humidity Sensor Node
logo
Maxim Integrated Produc...
MAX17710GB20EVKIT MAXIM-MAX17710GB20EVKIT Datasheet
1Mb / 8P
   Self-Powered by On-Board Solar Cells
Rev 0; 3/12
logo
Advantech Co., Ltd.
ADAM-2031Z ADVANTECH-ADAM-2031Z Datasheet
1Mb / 1P
   Wireless Temperature & Humidity Sensor Node
logo
Cypress Semiconductor
S6AE102A CYPRESS-S6AE102A Datasheet
2Mb / 36P
   Energy Harvesting PMIC for Wireless Sensor Node
logo
Advantech Co., Ltd.
WISE-1021 ADVANTECH-WISE-1021 Datasheet
457Kb / 2P
   Wireless IoT Node
logo
List of Unclassifed Man...
V-LINK-200 ETC1-V-LINK-200 Datasheet
715Kb / 2P
   Wireless 8 Channel Analog Input Sensor Node
logo
Cypress Semiconductor
S6AE101A CYPRESS-S6AE101A Datasheet
910Kb / 23P
   Energy Harvesting PMIC for Wireless Sensor Node
logo
List of Unclassifed Man...
V-LINK-200CEVERSION ETC1-V-LINK-200CEVERSION Datasheet
12Mb / 97P
   Wireless 8 Channel Analog Input Sensor Node
I
logo
Advantech Co., Ltd.
ADAM-2510Z ADVANTECH-ADAM-2510Z Datasheet
980Kb / 1P
   Wireless Router Node
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com