Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4509 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN4509
Description  Tilt measurement using a low-g 3-axis accelerometer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4509 Datasheet(HTML) 4 Page - STMicroelectronics

  AN4509 Datasheet HTML 1Page - STMicroelectronics AN4509 Datasheet HTML 2Page - STMicroelectronics AN4509 Datasheet HTML 3Page - STMicroelectronics AN4509 Datasheet HTML 4Page - STMicroelectronics AN4509 Datasheet HTML 5Page - STMicroelectronics AN4509 Datasheet HTML 6Page - STMicroelectronics AN4509 Datasheet HTML 7Page - STMicroelectronics AN4509 Datasheet HTML 8Page - STMicroelectronics AN4509 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Calculating tilt angles
AN4509
4/10
DocID026445 Rev 1
1
Calculating tilt angles
Low-g MEMS accelerometers are widely used for tilt sensing in consumer electronics and
industrial applications, such as screen rotation and automobile security alert systems.
Another popular application for low-g accelerometers is tilt-compensated electronic
compasses for map rotation and personal navigation devices. This application note
describes how to obtain accurate tilt measurements with respect to local Earth horizontal
plane, by compensating for a few non idealities that may cause angular tilt calculation error.
For detailed information and device specifications, refer to the respective accelerometer
datasheet available at http://www.st.com. In general, 3-axis analog or digital accelerometers
may also be used, in accordance with their respective specifications.
1.1
Theory of operation
Figure 1 shows the single sensing axis of the accelerometer for tilt measurement.
Figure 1. Tilt measurement using a single axis of the accelerometer
The accelerometer measures the projection of the gravity vector on the sensing axis. The
amplitude of the sensed acceleration changes according to the sine of the angle
 between
the sensing axis and the horizontal plane.
Equation 1
Using Equation 1, it is possible to estimate the tilt angle,
Equation 2
where:
A = acceleration measured
g = Earth’s gravity vector


Similar Part No. - AN4509

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4501 STMICROELECTRONICS-AN4501 Datasheet
958Kb / 48P
   Design of a boost LED driver using L99LD01
AN4503 STMICROELECTRONICS-AN4503 Datasheet
334Kb / 26P
   This application note provides guidelines for successfully integrating
AN4504 STMICROELECTRONICS-AN4504 Datasheet
797Kb / 41P
   This document is intended to provide usage information
logo
Dynex Semiconductor
AN4505 DYNEX-AN4505 Datasheet
116Kb / 5P
   Power Assemblies
logo
STMicroelectronics
AN4505 STMICROELECTRONICS-AN4505 Datasheet
984Kb / 43P
   This document is intended to provide usage information
More results

Similar Description - AN4509

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FXLS8967AF NXP-FXLS8967AF Datasheet
1Mb / 98P
   3-Axis Low-g Accelerometer
Rev. 1-27 April 2021
FXLS8964AF NXP-FXLS8964AF_V01 Datasheet
1Mb / 98P
   3-Axis Low-g Accelerometer
Rev. 3.4 - 7 December 2021
FXLS8967AF NXP-FXLS8967AF_V01 Datasheet
1Mb / 98P
   3-Axis Low-g Accelerometer
Rev. 1.3 - 22 October 2021
FXLS8974CF NXP-FXLS8974CF_V01 Datasheet
1Mb / 96P
   3-Axis Low-g Accelerometer
Rev. 1.5 - 11 March 2022
FXLS8964AF NXP-FXLS8964AF Datasheet
2Mb / 98P
   3-Axis Low-g Accelerometer
FXLS8974CF NXP-FXLS8974CF Datasheet
1Mb / 96P
   3-Axis Low-g Accelerometer
Rev. 1-27 April 2021
logo
STMicroelectronics
AN4508 STMICROELECTRONICS-AN4508 Datasheet
309Kb / 13P
   Parameters and calibration of a low-g 3-axis accelerometer
logo
Analog Devices
ADXL330 AD-ADXL330_15 Datasheet
490Kb / 16P
   Small, Low Power, 3-Axis 3 g iMEMS Accelerometer
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
   Small, Low Power, 3-Axis 200 g Accelerometer
REV. 0
ADXL335 AD-ADXL335_10 Datasheet
430Kb / 16P
   Small, Low Power, 3-Axis 짹3 g Accelerometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com