Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM285-1.2 Datasheet(PDF) 3 Page - Linear Technology

Part # LM285-1.2
Description  Micropower Voltage Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LM285-1.2 Datasheet(HTML) 3 Page - Linear Technology

  LM285-1.2_15 Datasheet HTML 1Page - Linear Technology LM285-1.2_15 Datasheet HTML 2Page - Linear Technology LM285-1.2_15 Datasheet HTML 3Page - Linear Technology LM285-1.2_15 Datasheet HTML 4Page - Linear Technology LM285-1.2_15 Datasheet HTML 5Page - Linear Technology LM285-1.2_15 Datasheet HTML 6Page - Linear Technology LM285-1.2_15 Datasheet HTML 7Page - Linear Technology LM285-1.2_15 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LM185-1.2/
LM285-1.2/LM385-1.2
3
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Selected devices with guaranteed maximum temperature
coefficient are available upon request.
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. For the LM185-1.2 TMIN = –55°C and TMAX = 125°C. For LM285-1.2
TMIN = –40°C and TMAX = 85°C.For LM385-1.2 TMIN = 0°C and TMAX = 70°C. For MIL-STD components, please refer to LTC883C data
sheet for test listing and parameters.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VZ
Reverse Breakdown Voltage
TA = 25°C, IMIN ≤ IR ≤ 20mA
LM185-1.2
1.223
1.235
1.247
V
LM385-1.2
1.205
1.235
1.260
V
LM385B-1.2 (Note 3)
1.223
1.235
1.247
V
∆VZ
Average Temperature Coefficient
IMIN ≤ IR ≤ 20mA (Notes 2, 3)
20
20
ppm/
°C
∆Temp
IMIN
Minimum Operating Current
TMIN ≤ TA ≤ TMAX
q
810
8
15
µA
∆VZ
Reverse Breakdown Voltage
IMIN ≤ IR ≤ 1mA
∆IR
Change with Current
TA = 25°C1
1
mV
TMIN ≤ TA ≤ TMAX
q
1.5
1.5
mV
1mA
≤ IR ≤ 20mA
TA = 25°C10
10
mV
TMIN ≤ TA ≤ TMAX
q
20
25
mV
rZ
Reverse Dynamic Impedance
IR = 100µA
TA =25°C
0.2
0.6
0.4
1.0
TMIN ≤ TA ≤ TMAX
q
1.5
1.5
en
Wideband Noise (RMS)
IR = 100µA, 10Hz ≤ f ≤ 10kHz
60
60
µV
∆VZ
Long Term Stability
IR = 100µA, TA = 25°C ± 0.1°C
20
20
ppm/kHr
∆Time
LM385-1.2/LM385B-1.2
Note 3: For applications requiring low initial tolerance guaranteed over
temperature consult the LT1004 data sheet.
LM185-1.2/LM285-1.2


Similar Part No. - LM285-1.2_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM285-1.2 TI1-LM285-1.2_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
More results

Similar Description - LM285-1.2_15

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX385-2.5 SIPEX-SPX385-2.5 Datasheet
140Kb / 9P
   Micropower Voltage Reference
logo
Linear Technology
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100A-2.5 ADMOS-AMS3100A-2.5 Datasheet
45Kb / 4P
   MICROPOWER VOLTAGE REFERENCE
AMS1004-1.2 ADMOS-AMS1004-1.2_05 Datasheet
71Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
logo
Renesas Technology Corp
ISL21010 RENESAS-ISL21010 Datasheet
3Mb / 37P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS1004-12 ADMOS-AMS1004-12 Datasheet
76Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-12 ADMOS-AMS3100-12 Datasheet
68Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-25 ADMOS-AMS3100-25 Datasheet
61Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
logo
Intersil Corporation
ISL21010_1112 INTERSIL-ISL21010_1112 Datasheet
1Mb / 20P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100-2.5 ADMOS-AMS3100-2.5_08 Datasheet
64Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
logo
Unisonic Technologies
M385 UTC-M385_11 Datasheet
175Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com