Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1152 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1152
Description  Rail-to-Rail Input Rail-to-Rail Output Zero-Drift Op Amp
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1152 Datasheet(HTML) 4 Page - Linear Technology

  LT1152 Datasheet HTML 1Page - Linear Technology LT1152 Datasheet HTML 2Page - Linear Technology LT1152 Datasheet HTML 3Page - Linear Technology LT1152 Datasheet HTML 4Page - Linear Technology LT1152 Datasheet HTML 5Page - Linear Technology LT1152 Datasheet HTML 6Page - Linear Technology LT1152 Datasheet HTML 7Page - Linear Technology LT1152 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LTC1152
TYPICAL PERFORMANCE CHARACTERISTICS
POWER SUPPLY VOLTAGE (
±V)
12
35
4
6
7
1152 G01
8
6
4
2
0
–2
–4
–6
–8
Common-Mode Range vs
Supply Voltage
TOTAL SUPPLY VOLTAGE (V)
02
3.0
2.5
2.0
1.5
1.0
4
68
10
1152 G02
12
14
TA = 25°C
Supply Current vs Supply Voltage
TEMPERATURE (
°C)
–50
–25
2.0
1.9
1.8
1.7
1.6
1.5
1.4
025
50
1152 G03
75
100
VS = 5V
Output Swing vs Load Resistance
LOAD RESISTANCE (k
Ω)
0.2
1
5
10
200
1152 G04
0.5
2
20
50 100
6
5
4
3
2
1
0
TA = 25°C
VS = SINGLE 5V
VS = SINGLE 3V
VS = ±2.5V
VS = ±1.5V
TOTAL SUPPLY VOLTAGE (V)
2
40
30
20
10
0
46
8
10
1152 G05
12
14
SOURCE
SINK
TA = 25°C
Output Short-Circuit Current vs
Supply Voltage
TOTAL SUPPLY VOLTAGE (V)
2
300
250
200
150
100
46
8
10
1152 G06
12
14
TA = 25°C
Open-Loop Output Resistance vs
Supply Voltage
Charge Pump Voltage vs
Supply Voltage
Charge Pump Voltage vs
Load Current
Input Bias Current vs Temperature
TEMPERATURE (
°C)
–50
1000
100
10
25
–25
0
50
75
100
1152 G09
VS = 5V
Supply Current vs Temperature
TOTAL SUPPLY VOLTAGE (V)
2
3
2
1
0
4
68
10
1152 G07
12
14
TA = 25°C
LOAD CURRENT (
µA)
0
40
60
100
20
80
120 140
160
1152 G08
3
2
1
0
TA = 25°C
VS = 5V


Similar Part No. - LT1152

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1158 LINER-LT1158 Datasheet
426Kb / 20P
   Half Bridge N-Channel Power MOSFET Driver
logo
Linear Dimensions Semic...
LT1158 LINEAR_DIMENSIONS-LT1158 Datasheet
250Kb / 22P
   Half Bridge N-Channel Power MOSFET Driver
logo
Linear Technology
LT1158C LINER-LT1158C Datasheet
426Kb / 20P
   Half Bridge N-Channel Power MOSFET Driver
LT1158CN LINER-LT1158CN Datasheet
426Kb / 20P
   Half Bridge N-Channel Power MOSFET Driver
LT1158CS LINER-LT1158CS Datasheet
426Kb / 20P
   Half Bridge N-Channel Power MOSFET Driver
More results

Similar Description - LT1152

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1152 LINER-LTC1152 Datasheet
240Kb / 8P
   Rail-to-Rail Input Rail-to-Rail Output Zero-Drift Op Amp
logo
Analog Devices
ADA4051-2 AD-ADA4051-2 Datasheet
611Kb / 20P
   1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amp
REV. 0
ADA4051-1 AD-ADA4051-1 Datasheet
620Kb / 20P
   1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amp
REV. B
logo
Intersil Corporation
ISL28190_0808 INTERSIL-ISL28190_0808 Datasheet
1Mb / 16P
   Rail-to-Rail Output, Op Amp
logo
Analog Devices
AD8675 AD-AD8675_15 Datasheet
303Kb / 12P
   Rail-to-Rail Output Op Amp
Rev. E
logo
Intersil Corporation
EL5412 INTERSIL-EL5412 Datasheet
199Kb / 8P
   40MHz Rail-to-Rail Input-Output Op Amp
EL5211A INTERSIL-EL5211A Datasheet
204Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
logo
Analog Devices
ADA4051-1 AD-ADA4051-1_16 Datasheet
669Kb / 22P
   1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amps
logo
Intersil Corporation
EL5211A INTERSIL-EL5211A_07 Datasheet
203Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amp
logo
Renesas Technology Corp
EL5412 RENESAS-EL5412 Datasheet
423Kb / 8P
   40MHz Rail-to-Rail Input-Output Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com