Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1217 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1217
Description  Low Power 10MHz Current Feedback Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1217 Datasheet(HTML) 1 Page - Linear Technology

  LT1217 Datasheet HTML 1Page - Linear Technology LT1217 Datasheet HTML 2Page - Linear Technology LT1217 Datasheet HTML 3Page - Linear Technology LT1217 Datasheet HTML 4Page - Linear Technology LT1217 Datasheet HTML 5Page - Linear Technology LT1217 Datasheet HTML 6Page - Linear Technology LT1217 Datasheet HTML 7Page - Linear Technology LT1217 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LT1217
Low Power 10MHz
Current Feedback Amplifier
DESCRIPTIO
S
FEATURE
S
APPLICATI
The LT1217 is a 10MHz current feedback amplifier with DC
characteristics better than many voltage feedback ampli-
fiers. This versatile amplifier is fast, 280ns settling to 0.1%
for a 10V step thanks to its 500V/
µs slew rate. The LT1217
is manufactured on Linear Technology’s proprietary
complementary bipolar process resulting in a low 1mA
quiescent current. To reduce power dissipation further,
the LT1217 can be turned off, eliminating the load current
and dropping the supply current to 350
µA.
The LT1217 is excellent for driving cables and other low
impedance loads thanks to a minimum output drive cur-
rent of 50mA. Operating on any supplies from
±5Vto ±15V
allows the LT1217 to be used in almost any system. Like
other current feedback amplifiers, the LT1217 has high
gain bandwidth at high gains. The bandwidth is over 1MHz
at a gain of 100.
The LT1217 comes in the industry standard pinout and
can upgrade the performance of many older products.
s
1mA Quiescent Current
s
50mA Output Current (Minimum)
s
10MHz Bandwidth
s
500V/
µs Slew Rate
s
280ns Settling Time to 0.1%
s
Wide Supply Range,
±5V to ±15V
s
1mV Input Offset Voltage
s
100nA Input Bias Current
s
100M
Ω Input Resistance
s
Video Amplifiers
s
Buffers
s
IF and RF Amplification
s
Cable Drivers
s
8, 10, 12-Bit Data Acquisition Systems
APPLICATI
TYPICAL
Cable Driver
Voltage Gain vs Frequency
FREQUENCY (Hz)
100k
–20
10
40
50
60
1M
10M
100M
LT1217 • TA02
–10
0
20
30
RG = 30Ω
RG = 100Ω
RG = 330Ω
RG = 1.3k
RG = ∞
VS = ±15V
RF = 3k
RL = 100Ω
VIN
VOUT
RG
3k
RF
3k
75
75
CABLE
75
LT1217
LT1217 • TA01
AV = 1 +
RF
RG
AT AMPLIFIER OUTPUT.
6dB LESS AT VOUT.
+


Similar Part No. - LT1217

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1217 LINER-LT1217 Datasheet
239Kb / 8P
   Low Power 10MHz Current Feedback Amplifier
LT1217CN8 LINER-LT1217CN8 Datasheet
239Kb / 8P
   Low Power 10MHz Current Feedback Amplifier
LT1217CS8 LINER-LT1217CS8 Datasheet
239Kb / 8P
   Low Power 10MHz Current Feedback Amplifier
More results

Similar Description - LT1217

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1217 LINER-LT1217 Datasheet
239Kb / 8P
   Low Power 10MHz Current Feedback Amplifier
logo
Intersil Corporation
EL5462 INTERSIL-EL5462 Datasheet
416Kb / 9P
   500MHz Low Power Current Feedback Amplifier
EL5462IS-T7 INTERSIL-EL5462IS-T7 Datasheet
419Kb / 9P
   500MHz Low Power Current Feedback Amplifier
February 14, 2005
logo
Texas Instruments
OPA684 TI1-OPA684_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Power, Current Feedback OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
EL5462 RENESAS-EL5462 Datasheet
561Kb / 9P
   500MHz Low Power Current Feedback Amplifier
logo
Burr-Brown (TI)
OPA658 BURR-BROWN-OPA658 Datasheet
215Kb / 13P
   Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA694IDBVRG4 TI1-OPA694IDBVRG4 Datasheet
1Mb / 28P
[Old version datasheet]   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA658 TI1-OPA658 Datasheet
384Kb / 18P
[Old version datasheet]   Wideband, Low-Power, Current-Feedback Operational Amplifier
OPA4684 TI1-OPA4684 Datasheet
1Mb / 33P
[Old version datasheet]   Quad, Low-Power, Current-Feedback Operational Amplifier
logo
Zarlink Semiconductor I...
ZL40120 ZARLINK-ZL40120 Datasheet
298Kb / 16P
   Low Power, Current Feedback Quad Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com