Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2064 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2064
Description  Compliance of series/parallel protections for Telecom CO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2064 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2064 Datasheet HTML 2Page - STMicroelectronics AN2064 Datasheet HTML 3Page - STMicroelectronics AN2064 Datasheet HTML 4Page - STMicroelectronics AN2064 Datasheet HTML 5Page - STMicroelectronics AN2064 Datasheet HTML 6Page - STMicroelectronics AN2064 Datasheet HTML 7Page - STMicroelectronics AN2064 Datasheet HTML 8Page - STMicroelectronics AN2064 Datasheet HTML 9Page - STMicroelectronics AN2064 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
AN2064 - APPLICATION NOTE
6/14
4. Example of series / TRISIL protection combination
For this example we will focus on US market applications where low series resistance is an issue. As men-
tioned earlier, TRISIL characteristics are the following:
. Minimum breakdown voltage
> 270V
. Maximum leakage current
< few µA
. Current capability
> 100A 10/1000µs
. Current capability
> 500A 2/10µs
The TRISIL which respects these requirements is the SMP100MC-270 from STMicroelectronics (see figure 5).
Table 3: SMP100MC series datasheet electrical parameters from STMicroelectronics
Figure 5: TRISIL choice
Types
IRM @ VRM
IR @ VR
Dynamic
VBO
Static
VBO @ IBO
IH
CC
max.
max.
max.
max.
max.
min.
typ.
typ.
note1
note 2
note 3
note 4 note 5 note 6
µAVµAV
V
V
mA
mA
pF
pF
SMP100MC-120*
2
108
5
120
155
150
800
150
25
50
SMP100MC-140*
126
140
180
175
25
50
SMP100MC-160
144
160
205
200
25
50
SMP100MC-200
180
200
255
250
20
45
SMP100MC-230
207
230
295
285
20
40
SMP100MC-270
2
243
5
270
345
335
800
150
20
40
Note 1: IR measured at VR guarantee VBR min VR
Note 2: see functional test circuit 1
Note 3: see test circuit 2
Note 4: see functional holding current test circuit 3
Note 5: VR = 50V bias, VRMS=1V, F=1MHz
Note 6: VR = 2V bias, VRMS=1V, F=1MHz
* in development
Line side
Series element
TRISIL
Protected side
SMP100MC-270


Similar Part No. - AN2064

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AN206 VISHAY-AN206 Datasheet
25Kb / 3P
   DG406 Multiplexer Optimizes Medical Simulator
10-Aug-99
logo
STMicroelectronics
AN2061 STMICROELECTRONICS-AN2061 Datasheet
189Kb / 15P
   External EEPROMs are often used in automotive applications
AN2063 STMICROELECTRONICS-AN2063 Datasheet
397Kb / 15P
   The new regulation on the power supply standby consumption for the battery charger
AN2067 STMICROELECTRONICS-AN2067 Datasheet
712Kb / 25P
   LED manufacturers propose white LEDs inside a monolithic chip
More results

Similar Description - AN2064

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5502776-7 MACOM-5502776-7 Datasheet
104Kb / 1P
   Statement of Compliance
917978-6 MACOM-917978-6 Datasheet
105Kb / 1P
   Statement of Compliance
170023-1 MACOM-170023-1 Datasheet
108Kb / 1P
   Statement of Compliance
6473418-1 MACOM-6473418-1 Datasheet
30Kb / 1P
   Statement of Compliance
1-174955-1 MACOM-1-174955-1 Datasheet
105Kb / 1P
   Statement of Compliance
1-965421-1 MACOM-1-965421-1 Datasheet
108Kb / 1P
   Statement of Compliance
logo
RMT Ltd.
1MDL06068 RMT-1MDL06068 Datasheet
537Kb / 5P
   1MDL06 Series of Miniature Thermoelectric Coolers for telecom applications.
1MDL06050 RMT-1MDL06050 Datasheet
544Kb / 5P
   1MDL06 Series of Miniature Thermoelectric Coolers for telecom applications.
1MDL06042 RMT-1MDL06042 Datasheet
540Kb / 5P
   1MDL06 Series of Miniature Thermoelectric Coolers for telecom applications.
1MDL06052 RMT-1MDL06052 Datasheet
533Kb / 5P
   1MDL06 Series of Miniature Thermoelectric Coolers for telecom applications.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com