Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2064 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2064
Description  Compliance of series/parallel protections for Telecom CO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2064 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2064 Datasheet HTML 1Page - STMicroelectronics AN2064 Datasheet HTML 2Page - STMicroelectronics AN2064 Datasheet HTML 3Page - STMicroelectronics AN2064 Datasheet HTML 4Page - STMicroelectronics AN2064 Datasheet HTML 5Page - STMicroelectronics AN2064 Datasheet HTML 6Page - STMicroelectronics AN2064 Datasheet HTML 7Page - STMicroelectronics AN2064 Datasheet HTML 8Page - STMicroelectronics AN2064 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AN2064 - APPLICATION NOTE
4/14
Figure 3 shows the classical protection topology used to protect one section of an analog subscriber line
card. A first stage uses both series overcurrent protection devices (fuses or PTCs) and TRISIL protectors
(TRISIL 1, threshold voltage = +/- 270V for US) allowing the ring relay to be protected against full lightning
and power contact surges. A second level (TRISIL 2, threshold voltage = 0/-Vbat) allows the SLIC to be
fine tuned protected. The presence of longitudinal series resistors makes the current capability rate of this
TRISIL to be adjusted.
Figure 4 shows the protection topology generally used to protect the ADSL modem (or line cards when
use of a line transformer). This modem is connected to the analog line card by means of a splitter stage
and then receives the same operating voltages. Please note that series resistors are generally not per-
mitted in such an application. Protection is provided by the TRISIL (TRISIL 1, threshold voltage = +/-
270V), which assumes the full lightning current while the series overcurrent protection devices (fuses or
PTCs) allow the module to be well protected against 50/60Hz power contact.
3. Series protection
As previously mentioned, the use of series overcurrent protection devices is mandatory to protect sub-
scriber line cards against 50/60Hz power contacts. As far as power contact is concerned, standards re-
quire the equipment to withstand several tests with different acceptance criteria. First level criterion for
US standards (or A criterion for European requirements) requires the equipment to be fully operational
after tests while second level (or B criterion) allows the system to be out of order but no fire or smoke is
permitted. Table 2 shows AC power fault requirements of the US Telcordia GR1089 standard.
Figure 4: CO ADSL modem protection circuit
Tip
Ring
TRISIL 1
TRISIL 1
C
TRISIL 2
Transformer
Fuse or PTC
Fuse or PTC
ADSL CO Modem
Secondary protection Fuse or PTC and TRANSIL 1
Fuse or PTC


Similar Part No. - AN2064

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AN206 VISHAY-AN206 Datasheet
25Kb / 3P
   DG406 Multiplexer Optimizes Medical Simulator
10-Aug-99
logo
STMicroelectronics
AN2061 STMICROELECTRONICS-AN2061 Datasheet
189Kb / 15P
   External EEPROMs are often used in automotive applications
AN2063 STMICROELECTRONICS-AN2063 Datasheet
397Kb / 15P
   The new regulation on the power supply standby consumption for the battery charger
AN2067 STMICROELECTRONICS-AN2067 Datasheet
712Kb / 25P
   LED manufacturers propose white LEDs inside a monolithic chip
More results

Similar Description - AN2064

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5502776-7 MACOM-5502776-7 Datasheet
104Kb / 1P
   Statement of Compliance
917978-6 MACOM-917978-6 Datasheet
105Kb / 1P
   Statement of Compliance
170023-1 MACOM-170023-1 Datasheet
108Kb / 1P
   Statement of Compliance
6473418-1 MACOM-6473418-1 Datasheet
30Kb / 1P
   Statement of Compliance
1-174955-1 MACOM-1-174955-1 Datasheet
105Kb / 1P
   Statement of Compliance
1-965421-1 MACOM-1-965421-1 Datasheet
108Kb / 1P
   Statement of Compliance
logo
RMT Ltd.
1MDL06068 RMT-1MDL06068 Datasheet
537Kb / 5P
   1MDL06 Series of Miniature Thermoelectric Coolers for telecom applications.
1MDL06050 RMT-1MDL06050 Datasheet
544Kb / 5P
   1MDL06 Series of Miniature Thermoelectric Coolers for telecom applications.
1MDL06042 RMT-1MDL06042 Datasheet
540Kb / 5P
   1MDL06 Series of Miniature Thermoelectric Coolers for telecom applications.
1MDL06052 RMT-1MDL06052 Datasheet
533Kb / 5P
   1MDL06 Series of Miniature Thermoelectric Coolers for telecom applications.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com