Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2386 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2386
Description  How to achieve the threshold voltage thermal coefficient
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2386 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2386 Datasheet HTML 1Page - STMicroelectronics AN2386 Datasheet HTML 2Page - STMicroelectronics AN2386 Datasheet HTML 3Page - STMicroelectronics AN2386 Datasheet HTML 4Page - STMicroelectronics AN2386 Datasheet HTML 5Page - STMicroelectronics AN2386 Datasheet HTML 6Page - STMicroelectronics AN2386 Datasheet HTML 7Page - STMicroelectronics AN2386 Datasheet HTML 8Page - STMicroelectronics AN2386 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
June 2006
Rev 1
1/30
AN2386
Application note
How to achieve the threshold voltage thermal coefficient
of the MOSFET acting on design parameters
Introduction
Today, the MOSFET devices are used mainly as switches in electronic circuits. In such
operational conditions, the MOSFET device works in switch on and switch off modes.
However, in some applications, as in audio amplifiers or air conditioning, the MOSFET
works in a linear zone. The MOSFET works in a linear zone when either it is subject to a
high voltage, or a high current passes through the device. As it is well known in literature,
during the linear zone operation mode the MOSFET could fail if a thermal run-away occurs.
The failure conditions depend on either of the internal structure of MOSFET or of the
package used. The threshold voltage thermal coefficient (TVTC) is one of the big elements
that could bring the MOSFET to fail. TVTC is achieved deriving the MOSFET threshold
voltage against the temperature. TVTC is a negative coefficient because of when the
temperature increases the threshold voltage decreases. When TVTC increases in absolute
value, the MOSFET becomes thermally instable and a failure could occur. Therefore, in
order to understand if a MOSFET device can be used in an application working in linear
zone in safety conditions, a device with a low TVTC value must be considered and, thus, it is
important to achieve a theoretical expression for it.
www.st.com


Similar Part No. - AN2386

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AN238 MICROCHIP-AN238 Datasheet
459Kb / 12P
   Tire Pressure Monitoring (TPM) System
2004
logo
STMicroelectronics
AN2381 STMICROELECTRONICS-AN2381 Datasheet
736Kb / 47P
   low voltage linear accelerometer
AN2383 STMICROELECTRONICS-AN2383 Datasheet
1Mb / 39P
   A single plate induction cooker with the ST7FLITE09Y0
AN2384 STMICROELECTRONICS-AN2384 Datasheet
88Kb / 10P
   How to size the resonant tank of the Induction Cooking Evaluation Board
AN2385 STMICROELECTRONICS-AN2385 Datasheet
632Kb / 14P
   Power dissipation and its linear derating factor
More results

Similar Description - AN2386

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
AN-2001 NSC-AN-2001 Datasheet
148Kb / 6P
   The following sections will demonstrate how to achieve
logo
STMicroelectronics
UM0457 STMICROELECTRONICS-UM0457 Datasheet
382Kb / 9P
   How to use the BT_HTS_RX_R2
logo
Silicon Laboratories
AN746 SILABS-AN746 Datasheet
1Mb / 30P
   How to configure the Si4012
logo
STMicroelectronics
AN1828 STMICROELECTRONICS-AN1828 Datasheet
225Kb / 17P
   The document explains how to design
AN934 STMICROELECTRONICS-AN934 Datasheet
129Kb / 14P
   How to use the digital calibration feature
PM0064 STMICROELECTRONICS-PM0064 Datasheet
130Kb / 13P
   How to program the STM8T141 OTP options
AN1014 STMICROELECTRONICS-AN1014 Datasheet
258Kb / 25P
   HOW TO MINIMIZE THE ST7 POWER CONSUMPTION
AN2669 STMICROELECTRONICS-AN2669 Datasheet
103Kb / 8P
   How to configure the STM8A microcontroller clocks
logo
Freescale Semiconductor...
XPC8240RZU250E FREESCALE-XPC8240RZU250E Datasheet
1Mb / 8P
   Modified voltage specifications to achieve 250 MHz
logo
STMicroelectronics
AN3140 STMICROELECTRONICS-AN3140 Datasheet
272Kb / 14P
   How to configure the SPEAr3xx general purpose timers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com