Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2842 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2842
Description  Paralleling of power MOSFETs in PFC topology
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2842 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2842 Datasheet HTML 1Page - STMicroelectronics AN2842 Datasheet HTML 2Page - STMicroelectronics AN2842 Datasheet HTML 3Page - STMicroelectronics AN2842 Datasheet HTML 4Page - STMicroelectronics AN2842 Datasheet HTML 5Page - STMicroelectronics AN2842 Datasheet HTML 6Page - STMicroelectronics AN2842 Datasheet HTML 7Page - STMicroelectronics AN2842 Datasheet HTML 8Page - STMicroelectronics AN2842 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
AN2842
Approach to the study
Doc ID 15110 Rev 1
5/22
2
Approach to the study
To better understand the factors that cause current imbalance, it is important to divide the
analysis into two different areas: in the first, we study the influence of the parameters around
the power device, while in the second we analyze the impact of the intrinsic parameters of
the power MOSFET. The parameters analyzed in the first approach are:
differences between the power circuit components
gate circuitry
influence of the boost diode in the current imbalance
temperature imbalance between devices
In the second part, we analyze the parameters linked directly to the power MOSFET, and in
particular:
differences in the VGS(th)
differences of RDS(on)
influence of the gfs parameter
2.1
Differences between the power circuit components
The primary contributors to current imbalance in power circuits are different drain or branch
inductance and common source inductance. These "parasitic" inductances (labeled as Lp in
Figure 4) are mainly generated by interconnection wiring and discrete components and
have different effects depending on where they are situated. Thus the variation between
branches is a function of layout symmetry and production tolerance. If we analyze a system
that uses devices with similar electrical characteristics, the different device behaviors are
linked to external parameters.
Figure 4.
Parasitic inductance in a circuit
The impact due to the inductance in series to the gate terminal during the turn-on operation
is a delay of the event. In fact, when the signal coming to the driver is applied to the gate, the
inductance Lp in series generates an extra voltage that decreases the real voltage on the
gate pin and consequently causes a delay of the operation. The same delay effects during
turn-on are caused by the parasitic inductances on the drain and source pins. Also during
turn-off operation, the impact due to the parasitic inductances is to generate a delay of the
commutations. In the following figure, we can see how an external inductance introduced on
the gate pin generates a delay on the drain current.


Similar Part No. - AN2842

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2840 STMICROELECTRONICS-AN2840 Datasheet
657Kb / 19P
   charger demonstration board based on the VIPER17HN
AN2841 STMICROELECTRONICS-AN2841 Datasheet
788Kb / 31P
   This application note deals with the general principles of LED dimming
AN2844 STMICROELECTRONICS-AN2844 Datasheet
1Mb / 37P
   15 W wide range SMPS for metering
AN2846 STMICROELECTRONICS-AN2846 Datasheet
1Mb / 35P
   The serial current limited termination device
AN2847 STMICROELECTRONICS-AN2847 Datasheet
407Kb / 31P
   This document provides application information for the low-voltage 3-axis digital output
More results

Similar Description - AN2842

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
VP2450 MICROCHIP-VP2450 Datasheet
575Kb / 14P
   Ease of Paralleling
06/23/16
logo
IXYS Corporation
FMD40-06KC IXYS-FMD40-06KC Datasheet
50Kb / 2P
   HiPerFET Power MOSFETs -Boost Chopper Topology in ISOPLUS i4-PAC
logo
Micross Components
ASJE1200R063 MICROSS-ASJE1200R063 Datasheet
222Kb / 7P
   Positive Temperature Coeffi cient for Ease of Paralleling
logo
IXYS Corporation
FMP36-015P IXYS-FMP36-015P Datasheet
107Kb / 4P
   Polar P & N-Channel Power MOSFETs Common Drain Topology
logo
Tyco Electronics
WSYN MACOM-WSYN Datasheet
68Kb / 1P
   Paralleling Relays
logo
Fairchild Semiconductor
AN-5233 FAIRCHILD-AN-5233 Datasheet
702Kb / 4P
   Consideration of Power MOSFETs
logo
Micross Components
ASJD1200R045 MICROSS-ASJD1200R045 Datasheet
148Kb / 4P
   Positive Temperature Coeffi cient for Ease of Paralleling
ASJD1200R085 MICROSS-ASJD1200R085 Datasheet
223Kb / 7P
   Positive Temperature Coeffi cient for Ease of Paralleling
logo
Fairchild Semiconductor
7004 FAIRCHILD-7004 Datasheet
85Kb / 12P
   Power Converter Topology
logo
STMicroelectronics
STGW80H65FB-4 STMICROELECTRONICS-STGW80H65FB-4 Datasheet
772Kb / 14P
   Safe paralleling
April 2017 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com