Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3994 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN3994
Description  One of the bigger challenges
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3994 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN3994 Datasheet HTML 3Page - STMicroelectronics AN3994 Datasheet HTML 4Page - STMicroelectronics AN3994 Datasheet HTML 5Page - STMicroelectronics AN3994 Datasheet HTML 6Page - STMicroelectronics AN3994 Datasheet HTML 7Page - STMicroelectronics AN3994 Datasheet HTML 8Page - STMicroelectronics AN3994 Datasheet HTML 9Page - STMicroelectronics AN3994 Datasheet HTML 10Page - STMicroelectronics AN3994 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
AN3994
ST multidrain technology evolution
Doc ID 022380 Rev 1
7/53
Figure 4.
ST’s HV technology evolution
The MD II generation has already optimized the RDS(on) * area of about 40% compared to
the first MD version, with an average value of about 30 m
Ω*cm2.
The excellent achievement of the MD II enabled STMicroelectronics to establish a new
milestone in the power switch arena with the last MD V generation.
Thanks to a proprietary ST technology, an extremely low value of p-column distance has
been reached, therefore overcoming the physical limit imposed by the diffusion process.
Additionally, the geometry of the p-columns was also optimized by a more effective diffusion
process which enabled up to 40% reduction of RDS(on) * area if compared to the previous
MD II generation.


Similar Part No. - AN3994

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3991 STMICROELECTRONICS-AN3991 Datasheet
585Kb / 15P
   How to drive multiple stepper motors with the L6470 motor driver
AN3992 STMICROELECTRONICS-AN3992 Datasheet
850Kb / 22P
   Using an STM8L162M8 AES hardware accelerator with a CR95HF to encrypt contactless tag data memory
AN3995 STMICROELECTRONICS-AN3995 Datasheet
372Kb / 49P
   Getting started tutorial
AN3997 STMICROELECTRONICS-AN3997 Datasheet
174Kb / 15P
   Audio playback and recording using the STM32F4DISCOVERY
AN3998 STMICROELECTRONICS-AN3998 Datasheet
96Kb / 10P
   PDM audio software decoding on STM32 microcontrollers
More results

Similar Description - AN3994

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
AN1690.0 INTERSIL-AN1690.0 Datasheet
268Kb / 3P
   Electronics Meets the Challenges of Patient Monitors
logo
Vincotech
A2100-A VINCOTECH-A2100-A Datasheet
438Kb / 2P
   The Answer to All Challenges
logo
Apacer Technology Inc.
SDM5-7P180D-LP APACER-SDM5-7P180D-LP Datasheet
1Mb / 4P
   one of the smallest SSDs in the market
logo
Panasonic Semiconductor
AV4424 PANASONIC-AV4424 Datasheet
120Kb / 5P
   ONE OF THE SMALLEST SNAP-ACTION SWITCHES
logo
Amphenol Corporation
T8031 AMPHENOL-T8031 Datasheet
54Kb / 2P
   One of the smallest in-duct CO2 transmitters on the market
logo
DB Lectro Inc
12E-1A DBLECTRO-12E-1A Datasheet
579Kb / 2P
   The 12E Series is one of the Sanyu 30 Watt SMT
logo
Laird Tech Smart Techno...
BISM2 LSTD-BISM2 Datasheet
1Mb / 31P
   The BISM2 Bluetooth Serial Module is one of the most compact complete
logo
Protech Systems Co., Lt...
POS-3120 PROTECHSYSTEMS-POS-3120 Datasheet
926Kb / 2P
   The One Of a Kind High Intergrated 10.4 Pos Terminal
PA-6822 PROTECHSYSTEMS-PA-6822 Datasheet
1Mb / 2P
   The One-of-a-kind Highly Integrated 15 POS Terminal
POS-6620 PROTECHSYSTEMS-POS-6620 Datasheet
998Kb / 2P
   The One-of-a-kind Highly Integrated 10.4 POS Termianal
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com