Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAS0815LA2R3185 Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # PAS0815LA2R3185
Description  Cylinder Type Polyacene Capacitors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

PAS0815LA2R3185 Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  PAS0815LA2R3185 Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
ENERGY DEVICE (SUPER CAPACITORS)
Cylinder Type Polyacene Capacitors
PAS0815LA2R3185
Features
Item Summary
2.3V, 1.8F±20%, Less than 1.0Ω
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Bulk 200pcs
Products characteristics table
Temperature Range
-25 to +60℃
Maximum Usable Voltage
2.3V
Nominal Capacity
1.8F
Internal Resistance
Initial Capacitance
1.8F±20%
Initial Internal Resistance
Less than 1.0Ω
RoHS Compliance
Yes
Soldering Method
Wave
2015.06.01
1 / 1


Similar Part No. - PAS0815LA2R3185

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
PAS0815LA2R3105 TAIYO-YUDEN-PAS0815LA2R3105 Datasheet
127Kb / 4P
   CYLINDER TYPE PAS CAPACITOR
More results

Similar Description - PAS0815LA2R3185

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
PAS0815LS2R5105 TAIYO-YUDEN-PAS0815LS2R5105 Datasheet
142Kb / 1P
   Cylinder Type Polyacene Capacitors
PAS1020LA2R3475 TAIYO-YUDEN-PAS1020LA2R3475 Datasheet
142Kb / 1P
   Cylinder Type Polyacene Capacitors
PAS1016LS2R5205 TAIYO-YUDEN-PAS1016LS2R5205 Datasheet
142Kb / 1P
   Cylinder Type Polyacene Capacitors
PAS1220LA3R0905 TAIYO-YUDEN-PAS1220LA3R0905 Datasheet
142Kb / 1P
   Cylinder Type Polyacene Capacitors
PAS1235LA3R0206 TAIYO-YUDEN-PAS1235LA3R0206 Datasheet
142Kb / 1P
   Cylinder Type Polyacene Capacitors
PAS1840LA3R0506 TAIYO-YUDEN-PAS1840LA3R0506 Datasheet
142Kb / 1P
   Cylinder Type Polyacene Capacitors
PAS1020LA3R0405 TAIYO-YUDEN-PAS1020LA3R0405 Datasheet
142Kb / 1P
   Cylinder Type Polyacene Capacitors
PAS3225P3R3113 TAIYO-YUDEN-PAS3225P3R3113 Datasheet
479Kb / 8P
   CERAMIC TYPE POLYACENE CAPACITORS
PAS614L-VL3 TAIYO-YUDEN-PAS614L-VL3 Datasheet
147Kb / 1P
   Coin Type Polyacene Capacitors
PAS2026FR2R5504 TAIYO-YUDEN-PAS2026FR2R5504 Datasheet
138Kb / 1P
   Thin Film Type Polyacene Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com