Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4160 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4160
Description  TVS devices for power line communication applications
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4160 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4160 Datasheet HTML 5Page - STMicroelectronics AN4160 Datasheet HTML 6Page - STMicroelectronics AN4160 Datasheet HTML 7Page - STMicroelectronics AN4160 Datasheet HTML 8Page - STMicroelectronics AN4160 Datasheet HTML 9Page - STMicroelectronics AN4160 Datasheet HTML 10Page - STMicroelectronics AN4160 Datasheet HTML 11Page - STMicroelectronics AN4160 Datasheet HTML 12Page - STMicroelectronics AN4160 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
DocID023640 Rev 2
9/14
AN4160
Surge tests
14
Figure 9. PA_OUT waveform with SM6T15CA
Figure 10. PA_OUT waveform with SMAJ13CA
Figure 11. RX_IN waveform with SM6T6V8CA
5 V/div
50 µs/div
C4 max = 25.2 V
C4 min = -15.6 V
5 V/div
50 µs/div
C4 max = 29.4 V
C4 min = -11.4 V
5 V/div
50 µs/div
C4 max = 25.2 V
C4 min = -15.6 V


Similar Part No. - AN4160

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4163 STMICROELECTRONICS-AN4163 Datasheet
3Mb / 33P
   This application note describes the demonstration board EVL4984-350W
AN4164 STMICROELECTRONICS-AN4164 Datasheet
5Mb / 38P
   This document describes a 12 V-350 mA power supply set in non-isolated flyback topology
AN4165 STMICROELECTRONICS-AN4165 Datasheet
3Mb / 37P
   This document describes a 12 V - 1 A power supply set in non-isolated flyback topology
AN4169 STMICROELECTRONICS-AN4169 Datasheet
536Kb / 14P
   PCB design guidelines for the SPIRIT1 transceiver
More results

Similar Description - AN4160

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IPP001V2 STMICROELECTRONICS-STEVAL-IPP001V2 Datasheet
517Kb / 16P
   Complete solution for power line communication in metering applications
October 2011 Rev 1
logo
Microchip Technology
ATPL360 MICROCHIP-ATPL360 Datasheet
297Kb / 2P
   Multi-Protocol Modem for Power Line Communication
8/17
logo
EPCOS
B84131-PLC EPCOS-B84131-PLC Datasheet
121Kb / 4P
   Customer-Specific Filters for Power Line Communication
logo
STMicroelectronics
STEVAL-IHP007V1 STMICROELECTRONICS-STEVAL-IHP007V1 Datasheet
539Kb / 8P
   Power line communication module for street lighting
September 2016 Rev 4
logo
ON Semiconductor
NCN49597MNG ONSEMI-NCN49597MNG Datasheet
293Kb / 29P
   Power Line Communication Modem
May, 2014 ??Rev. 1
NCN49597 ONSEMI-NCN49597_17 Datasheet
297Kb / 30P
   Power Line Communication Modem
January, 2017 ??Rev. 4
logo
Intersil Corporation
ISL1572 INTERSIL-ISL1572 Datasheet
37Kb / 2P
   Power Line Communication PLC
logo
ON Semiconductor
NCN49599 ONSEMI-NCN49599_15 Datasheet
451Kb / 35P
   Power Line Communication Modem
August, 2015 ??Rev. P3
logo
Renesas Technology Corp
ISL1572 RENESAS-ISL1572 Datasheet
181Kb / 2P
   Power Line Communication (PLC)
ISL1571 RENESAS-ISL1571 Datasheet
624Kb / 14P
   Power Line Communication (PLC)
Nov.7.19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com