Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1156 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1156
Description  Quad High Side Micropower MOSFET Driver with Internal Charge Pump
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1156 Datasheet(HTML) 2 Page - Linear Technology

  LTC1156_15 Datasheet HTML 1Page - Linear Technology LTC1156_15 Datasheet HTML 2Page - Linear Technology LTC1156_15 Datasheet HTML 3Page - Linear Technology LTC1156_15 Datasheet HTML 4Page - Linear Technology LTC1156_15 Datasheet HTML 5Page - Linear Technology LTC1156_15 Datasheet HTML 6Page - Linear Technology LTC1156_15 Datasheet HTML 7Page - Linear Technology LTC1156_15 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
LTC1156
A
G
A
U
A
R
BSOLUTEXI
TI
S
ORDER PART
NUMBER
LTC1156CN
ORDER PART
NUMBER
LTC1156CS
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
GND
IN1
VS
IN2
IN3
GND
IN4
VS
G1
DS1
G2
DS2
DS3
G3
DS4
G4
N PACKAGE
16-LEAD PLASTIC DIP
TOP VIEW
S PACKAGE
16-LEAD PLASTIC SOL
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
GND
IN1
VS
IN2
IN3
GND
IN4
VS
G1
DS1
G2
DS2
DS3
G3
DS4
G4
TJMAX = 110°C, θJA = 120°C/W
TJMAX = 110°C, θJA = 130°C/W
Consult factory for Industrial and Military grade parts.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VS
Supply Voltage
(Note 1)
q
4.5
18
V
IQ
Quiescent Current OFF
VS = 5V, VIN = 0V (Note 2)
16
40
µA
IQ
Quiescent Current ON
VS = 5V, VIN = 5V (Note 3)
95
125
µA
IQ
Quiescent Current ON
VS = 12V, VIN = 5V (Note 3)
180
400
µA
VINH
Input High Voltage
q
2.0
V
VINL
Input Low Voltage
q
0.8
V
IIN
Input Current
0V < VIN < VS
q
±1.0
µA
CIN
Input Capacitance
5pF
VSEN
Drain Sense Threshold
80
100
120
mV
Voltage
q
75
100
125
mV
ISEN
Drain Sense Input Current
0V < VSEN < VS
q
±0.1
µA
VGATE – VS Gate Voltage Above Supply
VS = 5V
q
6.0
7.0
9.0
V
VS = 6V
q
7.5
8.3
15.0
V
VS = 12V
q
15
18
25
V
tON
Turn-ON Time
VS = 5V, CGATE = 1000pF
Time for VGATE > VS + 2V
50
250
750
µs
Time for VGATE > VS + 5V
200
1100
2000
µs
VS = 12V, CGATE = 1000pF
Time for VGATE > VS + 5V
50
180
500
µs
Time for VGATE > VS + 10V
120
450
1200
µs
Supply Voltage ....................................................... 22V
Input Voltage ..................... (VS + 0.3V) to (GND – 0.3V)
Gate Voltage ....................... (VS + 24V) to (GND – 0.3V)
Current (Any Pin) ................................................. 50mA
Operating Temperature Range
LTC1156C ............................................. 0
°C to 70°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec.) ................. 300
°C
ELECTRICAL C
C
HARA TERISTICS V
S = 4.5V to 18V, TA = 25°C, unless otherwise noted.
PACKAGE/ORDER I FOR ATIO


Similar Part No. - LTC1156_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1156C LINER-LTC1156C Datasheet
231Kb / 8P
   Quad High Side Micropower MOSFET Driver with Internal Charge Pump
LTC1156CN LINER-LTC1156CN Datasheet
231Kb / 8P
   Quad High Side Micropower MOSFET Driver with Internal Charge Pump
LTC1156CS LINER-LTC1156CS Datasheet
231Kb / 8P
   Quad High Side Micropower MOSFET Driver with Internal Charge Pump
More results

Similar Description - LTC1156_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1156 LINER-LTC1156 Datasheet
231Kb / 8P
   Quad High Side Micropower MOSFET Driver with Internal Charge Pump
logo
Microchip Technology
MIC5021 MICROCHIP-MIC5021 Datasheet
1Mb / 24P
   High-Speed, High-Side MOSFET Driver with Charge Pump and Overcurrent Limit
09/14/21
logo
Micrel Semiconductor
MIC5019 MICREL-MIC5019 Datasheet
386Kb / 12P
   Ultra-Small High-Side N-Channel MOSFET Driver with Integrated Charge Pump
MIC5019_EB MICREL-MIC5019_EB Datasheet
271Kb / 5P
   Ultra-Small High-Side N-Channel MOSFET Driver with Integrated Charge Pump
logo
SG Micro Corp
SGM3110 SGMICRO-SGM3110 Datasheet
424Kb / 7P
   MicroPower Regulated Charge Pump
logo
Advanced Analog Technol...
AAT3111 AAT-AAT3111 Datasheet
351Kb / 16P
   MicroPower??Regulated Charge Pump
logo
Advanced Analogic Techn...
AAT3110 ANALOGICTECH-AAT3110 Datasheet
510Kb / 18P
   MicroPower??Regulated Charge Pump
logo
Aimtron Technology
AT1310 AIMTRON-AT1310 Datasheet
690Kb / 11P
   MicroPower Charge Pump Converter
logo
Advanced Analogic Techn...
AAT3111 ANALOGICTECH-AAT3111 Datasheet
543Kb / 16P
   MicroPower??Regulated Charge Pump
logo
Linear Technology
LTC3221-5 LINER-LTC3221-5_15 Datasheet
500Kb / 12P
   Micropower, Regulated Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com