Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1157 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1157
Description  3.3V Dual Micropower High-Side/Low-Side MOSFET Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1157 Datasheet(HTML) 8 Page - Linear Technology

  LTC1157 Datasheet HTML 1Page - Linear Technology LTC1157 Datasheet HTML 2Page - Linear Technology LTC1157 Datasheet HTML 3Page - Linear Technology LTC1157 Datasheet HTML 4Page - Linear Technology LTC1157 Datasheet HTML 5Page - Linear Technology LTC1157 Datasheet HTML 6Page - Linear Technology LTC1157 Datasheet HTML 7Page - Linear Technology LTC1157 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
LTC1157
© LINEAR TECHNOLOGY CORPORATION 1993
LT/GP 0193 10K REV 0
TYPICAL APPLICATIO S
S Package
8-Lead SOIC
0.010 – 0.020
(0.254 – 0.508)
0.016 – 0.050
0.406 – 1.270
× 45°
0°– 8° TYP
0.008 – 0.010
(0.203 – 0.254)
1
2
3
4
0.150 – 0.157
(3.810 – 3.988)
8
7
6
5
0.189 – 0.197
(4.801 – 5.004)
0.228 – 0.244
(5.791 – 6.197)
SO8 0392
0.053 – 0.069
(1.346 – 1.752)
0.014 – 0.019
(0.355 – 0.483)
0.004 – 0.010
(0.101 – 0.254)
0.050
(1.270)
BSC
PACKAGE DESCRIPTIO
Dimensions in inches (millimeters) unless otherwise noted.
N Package
8-Lead Plastic DIP
N8 0392
0.045 ± 0.015
(1.143 ± 0.381)
0.100 ± 0.010
(2.540 ± 0.254)
0.065
(1.651)
TYP
0.045 – 0.065
(1.143 – 1.651)
0.130 ± 0.005
(3.302 ± 0.127)
0.020
(0.508)
MIN
0.018 ± 0.003
(0.457 ± 0.076)
0.125
(3.175)
MIN
12
3
4
87
6
5
0.250 ± 0.010
(6.350 ± 0.254)
0.400
(10.160)
MAX
0.009 – 0.015
(0.229 – 0.381)
0.300 – 0.320
(7.620 – 8.128)
0.325
+0.025
–0.015
+0.635
–0.381
8.255
()
3.3V Ultra Low Voltage Drop Regulator with Optional Reverse
Battery Protection and 3
µA Standby Current
+
VS
GND
G2
G1
IN2
IN1
LTC1157
CONTROL
LOGIC
OR
µP
C1
10
µF
LTC1157 • TA08
+
3 TO 4
CELL
BATTERY
PACK
R1
300
Ω*
R5
100k
Q1
IRLR024*
LT1431
R2
680
C2
330pF
R3
3.3k
+
C3
220
µF
3.3V/1A
Q2
IRLR024
13
8
6
5
R4
10k
*OPTIONAL REVERSE BATTERY PROTECTION. ADD R1 IN SERIES WITH THE
GROUND LEAD AND ADD Q1 IN SERIES WITH THE BATTERY AS SHOWN.
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7487
(408) 432-1900 q FAX: (408) 434-0507 q TELEX: 499-3977


Similar Part No. - LTC1157

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1157 LINER-LTC1157 Datasheet
221Kb / 8P
   3.3V Dual Micropower High-Side/Low-Side MOSFET Driver
LTC1157 LINER-LTC1157 Datasheet
247Kb / 20P
   High Speed Single/Dual N-Channel MOSFET Drivers
LTC1157C LINER-LTC1157C Datasheet
221Kb / 8P
   3.3V Dual Micropower High-Side/Low-Side MOSFET Driver
LTC1157CN8 LINER-LTC1157CN8 Datasheet
221Kb / 8P
   3.3V Dual Micropower High-Side/Low-Side MOSFET Driver
LTC1157CS8 LINER-LTC1157CS8 Datasheet
221Kb / 8P
   3.3V Dual Micropower High-Side/Low-Side MOSFET Driver
More results

Similar Description - LTC1157

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1157 LINER-LTC1157 Datasheet
221Kb / 8P
   3.3V Dual Micropower High-Side/Low-Side MOSFET Driver
LTC1155 LINER-LTC1155_15 Datasheet
245Kb / 16P
   Dual High Side Micropower MOSFET Driver
LTC1155 LINER-LTC1155 Datasheet
340Kb / 16P
   Dual High Side Micropower MOSFET Driver
LTC1154 LINER-LTC1154_15 Datasheet
199Kb / 18P
   High Side Micropower MOSFET Driver
LTC1154 LINER-LTC1154 Datasheet
334Kb / 16P
   High-Side Micropower MOSFET Driver
logo
Tripath Technology Inc.
TP2150B TRIPATH-TP2150B Datasheet
377Kb / 18P
   DUAL HIGH SIDE AND LOW SIDE MOSFET DRIVER
logo
International Rectifier
IRS21952SPBF IRF-IRS21952SPBF_15 Datasheet
209Kb / 17P
   HIGH SIDE & DUAL LOW SIDE DRIVER IC
IRS21953SPBF IRF-IRS21953SPBF_15 Datasheet
188Kb / 17P
   HIGH SIDE & DUAL LOW SIDE DRIVER IC
IRS21952SPBF IRF-IRS21952SPBF Datasheet
194Kb / 17P
   HIGH SIDE & DUAL LOW SIDE DRIVER IC
IRS21953SPBF IRF-IRS21953SPBF Datasheet
173Kb / 17P
   HIGH SIDE & DUAL LOW SIDE DRIVER IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com