Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1314 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1314
Description  PCMCIA Switching Matrix with Built-In N-Channel VCC Switch Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1314 Datasheet(HTML) 5 Page - Linear Technology

  LTC1314_15 Datasheet HTML 1Page - Linear Technology LTC1314_15 Datasheet HTML 2Page - Linear Technology LTC1314_15 Datasheet HTML 3Page - Linear Technology LTC1314_15 Datasheet HTML 4Page - Linear Technology LTC1314_15 Datasheet HTML 5Page - Linear Technology LTC1314_15 Datasheet HTML 6Page - Linear Technology LTC1314_15 Datasheet HTML 7Page - Linear Technology LTC1314_15 Datasheet HTML 8Page - Linear Technology LTC1314_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC1314/LTC1315
PIN FUNCTIONS
LTC1315
VPPIN (Pins 1, 7): 12V Power Inputs.
SHDN (Pins 2, 8): Shutdown Outputs. When the output is
high, the external 12V regulator can be shut down to
conserve power consumption.
EN0, EN1 (Pins 3, 4, 9, 10): Logic inputs that control the
voltage output on VPPOUT. The input thresholds are
compatible with TTL/CMOS levels. Refer to the Truth
Table.
VCC0 (Pins 5, 11): Logic inputs that control the state of the
MOSFET gate driver DRV3. ESD protection device limits
input excursions to 0.6V below ground.
VCC1 (Pins 6, 12): Logic inputs that control the state of the
MOSFET gate driver DRV5. ESD protection device limits
input excursions to 0.6V below ground.
DRV5, DRV3 (Pins 13, 14, 19, 20): Gate driver outputs
that control the external MOSFETs that switch the VCC pin
of card slot to Hi-Z, 3.3V, or 5V.
VDD (Pins 15, 21): Positive Supplies, 4.5V ≤ VDD ≤ 5.5V.
These pins supply the power to the control logic and the
charge pumps and must be continuously powered.
GND (Pins 16, 22): Ground Connections.
VPPOUT (Pins 17, 23): Switched outputs that provide 0V,
3.3V, 5V, 12V, or Hi-Z to the VPP pin of the card slot. Refer
to the Truth Table.
VCCIN (Pins 18, 24): 5V or 3.3V Power Inputs.
GATE CHARGE
AND DISCHARGE
CONTROL LOGIC
OSCILLATOR
AND BIAS
CHARGE
PUMP
CHARGE
PUMP
BREAK-BEFORE-
MAKE SWITCHES
TTL TO CMOS
CONVERTER
TTL TO CMOS
CONVERTER
GATE CHARGE
AND DISCHARGE
CONTROL LOGIC
GATE CHARGE
CONTROL LOGIC
OSCILLATOR AND
CHARGE PUMP
OUTPUT
SWITCHES
TTL TO CMOS
CONVERTER
TTL TO CMOS
CONVERTER
+
SHDN
VPPIN
VPPIN
VCC0
VCC1
10V
EN1
EN0
VCCIN
VPPOUT
GND
DRV3
DRV5
LTC1314 • BD
GATE CHARGE
AND DISCHARGE
CONTROL LOGIC
BLOCK DIAGRAM
LTC1314 or 1/2 LTC1315


Similar Part No. - LTC1314_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1314CS LINER-LTC1314CS Datasheet
275Kb / 12P
   PCMCIA Switching Matrix with Built-In N-Channel VCC Switch Drivers
More results

Similar Description - LTC1314_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1314 LINER-LTC1314 Datasheet
275Kb / 12P
   PCMCIA Switching Matrix with Built-In N-Channel VCC Switch Drivers
LTC1472 LINER-LTC1472_1 Datasheet
199Kb / 16P
   Protected PCMCIA VCC and VPP Switching Matrix
LTC1472 LINER-LTC1472 Datasheet
300Kb / 16P
   Protected PCMCIA VCC and VPP Switching Matrix
LTC1472 LINER-LTC1472_15 Datasheet
205Kb / 16P
   Protected PCMCIA VCC and VPP Switching Matrix
logo
Micrel Semiconductor
MIC2561 MICREL-MIC2561 Datasheet
50Kb / 8P
   PCMCIA Card Socket VCC & VPP Switching Matrix
MIC2561 MICREL-MIC2561_05 Datasheet
474Kb / 12P
   PCMCIA Card Socket VCC and VPP Switching Matrix
MIC2560 MICREL-MIC2560 Datasheet
58Kb / 12P
   PCMCIA Card Socket VCC and VPP Switching Matrix
MIC2560 MICREL-MIC2560_06 Datasheet
198Kb / 8P
   PCMCIA Card Socket VCC and VPP Switching Matrix
logo
Maxim Integrated Produc...
MAX157 MAXIM-MAX157 Datasheet
169Kb / 12P
   Dual-Channel CardBus and PCMCIA VCC/VPP Power-Switching Networks
19-1388; Rev 0; 11/98
MAX1602 MAXIM-MAX1602 Datasheet
130Kb / 12P
   Single-Channel CardBus and PCMCIA VCC/VPP Power-Switching Network
19-1125; Rev 0; 9/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com