Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1320 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1320
Description  AppleTalk Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1320 Datasheet(HTML) 1 Page - Linear Technology

  LTC1320_15 Datasheet HTML 1Page - Linear Technology LTC1320_15 Datasheet HTML 2Page - Linear Technology LTC1320_15 Datasheet HTML 3Page - Linear Technology LTC1320_15 Datasheet HTML 4Page - Linear Technology LTC1320_15 Datasheet HTML 5Page - Linear Technology LTC1320_15 Datasheet HTML 6Page - Linear Technology LTC1320_15 Datasheet HTML 7Page - Linear Technology LTC1320_15 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LTC1320
DESCRIPTIO
S
FEATURE
AppleTalk© Transceiver
I
Single Chip Provides Complete
LocalTalk©/AppleTalk© Port
I
Low Power: ICC = 1.2mA Typ
I
Shutdown Pin Reduces ICC to 30µA Typ
I
Drivers Maintain High Impedance in Three-State
or with Power Off
I
30ns Driver Propagation Delay Typ
I
5ns Driver Skew Typ
I
Thermal Shutdown Protection
I
Drivers are Short-Circuit Protected
The LTC1320 is an RS422/RS562 line transceiver de-
signed to operate on LocalTalk networks. It provides one
differential RS422 driver, one single-ended RS562 driver,
two single-ended RS562 receivers, and one differential
RS422 receiver. The LTC1320 draws only 1.2mA quies-
cent current when active and 30
µA in shutdown, making
it ideal for use in battery-powered devices and other
systems where power consumption is a primary concern.
The LTC1320 drivers are specified to drive
±2V into 100Ω.
Additionally, the driver outputs three-state when disabled,
during shutdown, or when the power is off; they maintain
high impedance even with output common-mode volt-
ages beyond the power supply rails. Both the driver
outputs and receiver inputs are protected against ESD
damage to beyond 5kV.
The LTC1320 is available in the 18-pin SOL package.
S
APPLICATI
I
LocalTalk Peripherals
I
Notebook/Palmtop Computers
I
Battery-Powered Systems
Typical LocalTalk Connection
Output Waveforms
2V/DIV
2V/DIV
5V/DIV
5V/DIV
DATA IN
SIGNALS
ON LINE
DATA OUT
(REMOTE
RECEIVER)
50ns/DIV
APPLICATI
TYPICAL
17 22Ω
100pF
22
16 22Ω
22
11
10
1
3
8
18
5V
–5V
9
14
LTC1320
#1
LTC1320 • TA01
100pF
120
LocalTalk
TRANSFORMER
DATA IN
5
4
22
22
22
100pF
22
100pF
1k
1k
DATA OUT
SHUTDOWN
TX ENABLE
RX ENABLE
AppleTalk and LocalTalk are registered trademarks of Apple Computer, Inc.
FOR INFORMATION PURPOSES ONLY
OBSOLETE:
Contact Linear Technology for Potential Replacement


Similar Part No. - LTC1320_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1320CS LINER-LTC1320CS Datasheet
213Kb / 8P
   AppleTalk Transceiver
More results

Similar Description - LTC1320_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1320 LINER-LTC1320 Datasheet
213Kb / 8P
   AppleTalk Transceiver
LTC1323 LINER-LTC1323 Datasheet
284Kb / 12P
   Single 5V AppleTalk Transceiver
LTC1323 LINER-LTC1323_15 Datasheet
250Kb / 12P
   Single 5V AppleTalk Transceiver
logo
Maxim Integrated Produc...
MAX216 MAXIM-MAX216 Datasheet
212Kb / 8P
   Low-Power AppleTalk Interface Transceiver
19-0112; Rev 0; 3/93
logo
Sipex Corporation
SP303 SIPEX-SP303 Datasheet
75Kb / 8P
   RS232/AppleTalk TM Serial Transceiver
SP333 SIPEX-SP333 Datasheet
175Kb / 13P
   5V Only RS-232/AppleTalk Programmable Transceiver
SP333 SIPEX-SP333_07 Datasheet
113Kb / 13P
   5V Only RS-232/AppleTalk??Programmable Transceiver
logo
Linear Technology
LTC1318 LINER-LTC1318 Datasheet
211Kb / 8P
   Single 5V RS232/RS422/AppleTalk DCE Transceiver
logo
ON Semiconductor
NCN5121 ONSEMI-NCN5121 Datasheet
1Mb / 57P
   Transceiver
October, 2015 ??Rev. 0
logo
OPLINK Communications I...
TPP1XGDS0XG OPLINK-TPP1XGDS0XG Datasheet
265Kb / 6P
   Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com