Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1320 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1320
Description  AppleTalk Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1320 Datasheet(HTML) 6 Page - Linear Technology

  LTC1320_15 Datasheet HTML 1Page - Linear Technology LTC1320_15 Datasheet HTML 2Page - Linear Technology LTC1320_15 Datasheet HTML 3Page - Linear Technology LTC1320_15 Datasheet HTML 4Page - Linear Technology LTC1320_15 Datasheet HTML 5Page - Linear Technology LTC1320_15 Datasheet HTML 6Page - Linear Technology LTC1320_15 Datasheet HTML 7Page - Linear Technology LTC1320_15 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
LTC1320
S
APPLICATI
I FOR ATIO
Thermal Shutdown Protection
The LTC1320 includes a thermal shutdown circuit which
protects the part against prolonged shorts at the driver
outputs. If any driver output is shorted to another output
or to the power supply, the current will be initially limited
to 450mA max. The die temperature will rise to about
150
°C, at which point the thermal shutdown circuit turns
off the driver outputs. When the die cools to about 130
°C,
the outputs re-enable. If the shorted condition still exists,
the part will heat again and the cycle will repeat. When the
short is removed, the part will return to normal operation.
This oscillation occurs at about 10Hz and prevents the part
from being damaged by excessive power dissipation.
Power Shutdown
The power shutdown feature of the LTC1320 is designed
primarily for battery-powered systems. When SD (pin 4)
is forced high, the part enters shutdown mode. In shut-
down, the supply current drops from 1.2mA to 30
µA typ.
The driver outputs are three-stated and the power to the
receivers is removed. The receiver outputs are not auto-
matically three-stated in shutdown, and can toggle errone-
ously due to feedthrough from the inputs. This can be
prevented by pulling RXEN high along with SD; this will
three-state the receiver outputs and prevent the genera-
tion of spurious data.
Supply Bypassing
The LTC1320 requires that both VDD and VSS are well
bypassed; data errors can result from inadequate bypass-
ing. Bypass capacitor values of 0.1
µF to 1µF from VDD to
ground and from VSS to ground are adequate. Lead lengths
and trace lengths between the capacitors and the chip
should be short to minimize lead inductance.
S
APPLICATI
TYPICAL
Single 5V Supply
RS422 to RS562/RS562 to RS422 Converter
17
1
18
0.1
µF
5V
914
0.1
µF
DRIVER I/O
LTC1320 • TA03
16
2
15
3
13
4
12
5
11
6
10
7
8
LTC1320
100
µF
LTC1046
LT1054
*
+
8
5
+
2
4
10
µF
2
µF
3
LOGIC I/O
5V
*LTC1046 GIVES 300
µA QUIESCENT
CURRENT WHEN LTC1320 IS SHUT DOWN
LT1054 PROVIDES HIGHER OUTPUT DRIVE
1N5817
15
11
18
0.1
µF
5V
914
LTC1320 • TA04
6
10
13
8
16
2
17
12
3
7
4
1
LTC1320
0.1
µF
5
–5V
RS562 OUT
NC
NC
+
RS422 OUT
+
RS562 IN
RS422 IN
TXO
TXD+
TXD
RXI
RXO
SD
RXEN
TXDEN
RXD
RXDO
TXI
RXO
TXD
RXD+
RXI
VDD
VSS
GND


Similar Part No. - LTC1320_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1320CS LINER-LTC1320CS Datasheet
213Kb / 8P
   AppleTalk Transceiver
More results

Similar Description - LTC1320_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1320 LINER-LTC1320 Datasheet
213Kb / 8P
   AppleTalk Transceiver
LTC1323 LINER-LTC1323 Datasheet
284Kb / 12P
   Single 5V AppleTalk Transceiver
LTC1323 LINER-LTC1323_15 Datasheet
250Kb / 12P
   Single 5V AppleTalk Transceiver
logo
Maxim Integrated Produc...
MAX216 MAXIM-MAX216 Datasheet
212Kb / 8P
   Low-Power AppleTalk Interface Transceiver
19-0112; Rev 0; 3/93
logo
Sipex Corporation
SP303 SIPEX-SP303 Datasheet
75Kb / 8P
   RS232/AppleTalk TM Serial Transceiver
SP333 SIPEX-SP333 Datasheet
175Kb / 13P
   5V Only RS-232/AppleTalk Programmable Transceiver
SP333 SIPEX-SP333_07 Datasheet
113Kb / 13P
   5V Only RS-232/AppleTalk??Programmable Transceiver
logo
Linear Technology
LTC1318 LINER-LTC1318 Datasheet
211Kb / 8P
   Single 5V RS232/RS422/AppleTalk DCE Transceiver
logo
ON Semiconductor
NCN5121 ONSEMI-NCN5121 Datasheet
1Mb / 57P
   Transceiver
October, 2015 ??Rev. 0
logo
OPLINK Communications I...
TPP1XGDS0XG OPLINK-TPP1XGDS0XG Datasheet
265Kb / 6P
   Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com