Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1338 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1338
Description  5V Low Power RS232 5-Driver/3-Receiver Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1338 Datasheet(HTML) 3 Page - Linear Technology

  LTC1338_15 Datasheet HTML 1Page - Linear Technology LTC1338_15 Datasheet HTML 2Page - Linear Technology LTC1338_15 Datasheet HTML 3Page - Linear Technology LTC1338_15 Datasheet HTML 4Page - Linear Technology LTC1338_15 Datasheet HTML 5Page - Linear Technology LTC1338_15 Datasheet HTML 6Page - Linear Technology LTC1338_15 Datasheet HTML 7Page - Linear Technology LTC1338_15 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
LTC1338
VCC = 5V, C1 = C2 = C3 = C4 = 0.1µF, unless otherwise noted.
ELECTRICAL C
C
HARA TERISTICS
C
D
CC
HARA TERISTICS
AC
Note 3: Supply current and leakage current measurements in SHUTDOWN
are performed with VDRIVER ENABLE and VRECEIVER ENABLE = 0V.
Note 4: Supply current measurement in RECEIVER ALIVE mode is
performed with VDRIVER ENABLE = 0V and VRECEIVER ENABLE = VCC.
The q denotes specifications which apply over the operating temperature
range of 0
°C to 70°C or –40°C to 85°C.
Note 1: Absolute maximum ratings are those values beyond which the life
of the device may be impaired.
Note 2: Supply current is measured with driver and receiver outputs
unloaded. The VDRIVER ENABLE and VRECEIVER ENABLE = VCC.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Slew Rate
RL = 3k, CL = 51pF
8
30
V/
µs
RL = 3k, CL = 2500pF
3
5
V/
µs
Driver Propagation Delay
tHLD (Figure 1)
q
2
3.5
µs
(TTL to RS232)
tLHD (Figure 1)
q
2
3.5
µs
Receiver Propagation Delay
tHLR (Figure 2)
q
0.3
0.8
µs
(RS232 to TTL)
tLHR (Figure 2)
q
0.2
0.8
µs
VCC = 5V, C1 = C2 = C3 = C4 = 0.1µF, unless otherwise noted.
TYPICAL PERFOR A CE CHARACTERISTICS
DATA RATE (k BAUD)
0
40
50
60
60
100
LTC1338 • TPC03
30
20
20
40
80
120
140
10
0
VCC = 5V
RL = 3k
CL = 2500pF
5 DRIVERS ACTIVE
TEMPERATURE (˚C)
–40
1.8
2.0
2.2
20
60
LTC1338 • TPC02
1.6
1.4
–20
0
40
80
100
1.2
1.0
VTH
VTL
TEMPERATURE (°C)
–40
–8
–6
–2
0
2
40
10
LTC1338 • TPC01
–4
080
4
6
8
–20
60
20
100
RL = 3k
OUTPUT HIGH
VCC = 5V
VCC = 4.5V
OUTPUT LOW
VCC = 4.5V
VCC = 5V
Driver Output Voltage
Receiver Input Thresholds
Supply Current vs Data Rate
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply
VCC Supply Current
No Load (All Driver VIN = VCC)(Note 2) 0°C ≤ TA ≤ 70°C
0.5
1.0
mA
No Load (All Driver VIN = 0V)(Note 2) 0°C ≤ TA ≤ 70°C
1.0
1.5
mA
No Load (All Driver VIN = VCC)(Note 2) – 40°C ≤ TA ≤ 85°C
0.5
1.5
mA
No Load (All Driver VIN = 0V)(Note 2) – 40°C ≤ TA ≤ 85°C
1.0
2.0
mA
RECEIVER ALIVE Mode (Note 4)
q
50
80
µA
Supply Leakage Current (VCC)
SHUTDOWN (Note 3)
q
0.2
10
µA
Driver/Receiver Enable Threshold Low
q
1.4
0.8
V
Driver/Receiver Enable Threshold High
q
2.0
1.4
V


Similar Part No. - LTC1338_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1338C LINER-LTC1338C Datasheet
222Kb / 8P
   5V Low Power RS232 5-Driver/3-Receiver Transceiver
LTC1338CG LINER-LTC1338CG Datasheet
222Kb / 8P
   5V Low Power RS232 5-Driver/3-Receiver Transceiver
LTC1338CN LINER-LTC1338CN Datasheet
222Kb / 8P
   5V Low Power RS232 5-Driver/3-Receiver Transceiver
LTC1338CS LINER-LTC1338CS Datasheet
222Kb / 8P
   5V Low Power RS232 5-Driver/3-Receiver Transceiver
LTC1338I LINER-LTC1338I Datasheet
222Kb / 8P
   5V Low Power RS232 5-Driver/3-Receiver Transceiver
More results

Similar Description - LTC1338_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1338 LINER-LTC1338 Datasheet
222Kb / 8P
   5V Low Power RS232 5-Driver/3-Receiver Transceiver
LTC1337 LINER-LTC1337 Datasheet
233Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver
LTC1337 LINER-LTC1337_15 Datasheet
133Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver
LTC1337 LINER-LTC1337_1 Datasheet
128Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver
LTC1348 LINER-LTC1348 Datasheet
243Kb / 8P
   3.3V/5V Low Power RS232 3-Driver/5-Receiver Transceiver
LTC1348 LINER-LTC1348_15 Datasheet
229Kb / 8P
   3.3V/5V Low Power RS232 3-Driver/5-Receiver Transceiver
LTC1347 LINER-LTC1347 Datasheet
221Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver with 5 Receivers Active in Shutdown
LTC1347 LINER-LTC1347_1 Datasheet
119Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver with 5 Receivers Active in Shutdown
LTC1347 LINER-LTC1347_15 Datasheet
125Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver with 5 Receivers Active in Shutdown
LTC1349 LINER-LTC1349 Datasheet
221Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver with 2 Receivers Active in SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com