Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4093 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SC4093
Description  NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 4-PIN MINIMOLD
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4093 Datasheet(HTML) 6 Page - Renesas Technology Corp

  2SC4093_15 Datasheet HTML 1Page - Renesas Technology Corp 2SC4093_15 Datasheet HTML 2Page - Renesas Technology Corp 2SC4093_15 Datasheet HTML 3Page - Renesas Technology Corp 2SC4093_15 Datasheet HTML 4Page - Renesas Technology Corp 2SC4093_15 Datasheet HTML 5Page - Renesas Technology Corp 2SC4093_15 Datasheet HTML 6Page - Renesas Technology Corp 2SC4093_15 Datasheet HTML 7Page - Renesas Technology Corp 2SC4093_15 Datasheet HTML 8Page - Renesas Technology Corp 2SC4093_15 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Collector Current IC (mA)
NOISE FIGURE vs.
COLLECTOR CURRENT
0
2
1
5
4
3
7
6
0.5
1
5
10
50 70
VCE = 10 V
f = 1.0 GHz
20
Remark The graph indicates nominal characteristics.
S-PARAMETERS
S-parameters/Noise parameters are provided on the NEC Compound Semiconductor Devices Web site in a form
(S2P) that enables direct import to a microwave circuit simulator without keyboard input.
Click here to download S-parameters.
[RF and Microwave]
→ [Device Parameters]
URL http://www.ncsd.necel.com/
Data Sheet PU10519EJ01V0DS
4
2SC4093


Similar Part No. - 2SC4093_15

ManufacturerPart #DatasheetDescription
logo
NEC
2SC4093-T1 NEC-2SC4093-T1 Datasheet
70Kb / 8P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC4093-T2 NEC-2SC4093-T2 Datasheet
70Kb / 8P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
More results

Similar Description - 2SC4093_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC4957 RENESAS-2SC4957_15 Datasheet
189Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 4-PIN MINIMOLD
2SC5012 RENESAS-2SC5012_15 Datasheet
190Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 4-PIN SUPER MINIMOLD
logo
California Eastern Labs
NE68539 CEL-NE68539 Datasheet
727Kb / 5P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 4-PIN SUPER MINIMOLD
logo
Renesas Technology Corp
2SC5011 RENESAS-2SC5011_15 Datasheet
190Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 4-PIN SUPER MINIMOLD
logo
California Eastern Labs
NE68718 CEL-NE68718 Datasheet
306Kb / 5P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 4-PIN SUPER MINIMOLD
logo
Renesas Technology Corp
2SC4227 RENESAS-2SC4227_15 Datasheet
202Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 3-PIN MINIMOLD
2SC5015 RENESAS-2SC5015_15 Datasheet
182Kb / 10P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 4-PIN SUPER MINIMOLD (18)
2SC4536 RENESAS-2SC4536_15 Datasheet
181Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 3-PIN POWER MINIMOLD
2SC3357 RENESAS-2SC3357 Datasheet
218Kb / 10P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 3-PIN POWER MINIMOLD
2SC4228 RENESAS-2SC4228_15 Datasheet
202Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 3-PIN SUPER MINIMOLD
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com