Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

88527-2302 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 88527-2302
Description  FC-to-ST, Multimode, 62.5/125m, Duplex, 2.00mm, Standard Fiber Optic Cable Assembly, 3.0m
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

88527-2302 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  88527-2302 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 05/06/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
88527-2302
Status:
Active
Overview:
Optical Connectivity
Description:
FC-to-ST, Multimode, 62.5/125µm, Duplex, 2.00mm, Standard Fiber Optic Cable
Assembly, 3.0m
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Fiber Optic Assemblies
Series
88527
Boot Type
N/A
Connector to Connector
FC-to-ST
Mode
Multimode
Overview
Optical Connectivity
Product Name
FC, ST
UPC
756054897591
Physical
Cable Length
3.0m
Cable Size
2.00mm
Fiber (Core/Cladding)
62.5/125µm
Single Ended
No
Wire/Cable Type
Duplex
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-88527-023
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
88527Series
This document was generated on 05/06/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 88527-2302

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
88527-2300 MOLEX11-88527-2300 Datasheet
27Kb / 1P
   FC-to-ST, Multimode, 62.5/125m, Duplex, 2.00mm, Standard Fiber Optic Cable Assembly, 1.0m
88527-2301 MOLEX11-88527-2301 Datasheet
27Kb / 1P
   FC-to-ST, Multimode, 62.5/125m, Duplex, 2.00mm, Standard Fiber Optic Cable Assembly, 2.0m
88527-2303 MOLEX11-88527-2303 Datasheet
27Kb / 1P
   FC-to-ST, Multimode, 62.5/125m, Duplex, 2.00mm, Standard Fiber Optic Cable Assembly, 5.0m
88527-2304 MOLEX11-88527-2304 Datasheet
27Kb / 1P
   FC-to-ST, Multimode, 62.5/125m, Duplex, 2.00mm, Standard Fiber Optic Cable Assembly, 10.0m
More results

Similar Description - 88527-2302

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
88527-1602 MOLEX11-88527-1602 Datasheet
27Kb / 1P
   FC-to-FC, Multimode, 62.5/125m, Duplex, 2.00mm, Standard Fiber Optic Cable Assembly, 3.0m
88526-1602 MOLEX11-88526-1602 Datasheet
31Kb / 1P
   ST-to-ST, Multimode, 62.5/125m, Duplex, 2.00mm, Standard Fiber Optic Cable Assembly, 3.0m
88527-3502 MOLEX11-88527-3502 Datasheet
27Kb / 1P
   FC-to-ST, Multimode, 62.5/125m, Duplex, 3.00mm, Standard Fiber Optic Cable Assembly, 3.0m
88527-1902 MOLEX11-88527-1902 Datasheet
27Kb / 1P
   FC-to-SC, Multimode, 62.5/125m, Duplex, 2.00mm, Standard Fiber Optic Cable Assembly, 3.0m
88527-2602 MOLEX11-88527-2602 Datasheet
27Kb / 1P
   FC-to-LC, Multimode, 62.5/125m, Duplex, 2.00mm, Standard Fiber Optic Cable Assembly, 3.0m
88527-2300 MOLEX11-88527-2300 Datasheet
27Kb / 1P
   FC-to-ST, Multimode, 62.5/125m, Duplex, 2.00mm, Standard Fiber Optic Cable Assembly, 1.0m
88526-2202 MOLEX11-88526-2202 Datasheet
31Kb / 1P
   LC-to-ST, Multimode, 62.5/125m, Duplex, 2.00mm, Standard Fiber Optic Cable Assembly, 3.0m
88527-2301 MOLEX11-88527-2301 Datasheet
27Kb / 1P
   FC-to-ST, Multimode, 62.5/125m, Duplex, 2.00mm, Standard Fiber Optic Cable Assembly, 2.0m
88527-2303 MOLEX11-88527-2303 Datasheet
27Kb / 1P
   FC-to-ST, Multimode, 62.5/125m, Duplex, 2.00mm, Standard Fiber Optic Cable Assembly, 5.0m
88527-2304 MOLEX11-88527-2304 Datasheet
27Kb / 1P
   FC-to-ST, Multimode, 62.5/125m, Duplex, 2.00mm, Standard Fiber Optic Cable Assembly, 10.0m
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com