Electronic Components Datasheet Search |
|
67-22SURSYGC Datasheet(PDF) 2 Page - A-BRIGHT Inc |
|
67-22SURSYGC Datasheet(HTML) 2 Page - A-BRIGHT Inc |
2 / 5 page 2009/2/20 A A A---B B BR R RIIIG G GH H HT TT A-BRIGHT INDUSTRIAL CO., LTD. SURFACE MOUNT CHIP LED LAMPS Part Number: 67-22SURSYGC ELECTRO-OPTICAL CHARACTERISTICS (TA=25℃) Value Parameter Emitted Color Test Condition Symbol MIN. TYP. MAX. Unit SUR − 2.0 2.4 Forward voltage SYG IF=20mA VF − 2.0 2.4 V SUR − 60 − Luminous intensity SYG IF=20mA IV − 25 − mcd SUR − 630 − SYG IF=20mA λp − 575 − SUR − 625 − Wavelength SYG IF=20mA λd − 570 − nm SUR − 20 − Spectral Line Half-Width SYG IF=20mA △ λ − 20 − nm SUR 160 Peak pulsing current (1/10 duty f=1kHz) SYG IFP 160 mA SUR 60 Power Dissipation SYG PD 60 mW SUR Reverse current SYG VR=5V IR 10 μA SUR Electrostatic Discharge SYG ESD 2000 mA Absolute maximum ratings (TA=25℃) Parameter Symbol Value Unit Viewing angle at 50% IV 2θ1/2 120 Deg Forward current IF 20 mA Reverse voltage VR 5 V Operating temperature range Top -40 ~+85 ℃ Storage temperature range Tstg -40 ~+90 ℃ |
Similar Part No. - 67-22SURSYGC_15 |
|
Similar Description - 67-22SURSYGC_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |