Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA-483HD-502S Datasheet(PDF) 3 Page - A-BRIGHT Inc

Part # AA-483HD-502S
Description  LED Assembly
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

AA-483HD-502S Datasheet(HTML) 3 Page - A-BRIGHT Inc

  AA-483HD-502S_15 Datasheet HTML 1Page - A-BRIGHT Inc AA-483HD-502S_15 Datasheet HTML 2Page - A-BRIGHT Inc AA-483HD-502S_15 Datasheet HTML 3Page - A-BRIGHT Inc AA-483HD-502S_15 Datasheet HTML 4Page - A-BRIGHT Inc AA-483HD-502S_15 Datasheet HTML 5Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
Part No.
AA-483HD/502
Diff No. 004
4.8 mm
LED Assembly
Type : 502
2009/2/27
3
Reliability test items and conditions︰
NO
Item
Test Conditions
Test
Hours/Cycle
Sample Size Ac/Re
1
Solder Heat
TEMP︰260℃ ±5℃
5 SEC
76 PCS
0/1
2
Temperature Cycle
H︰+85℃ 30min
∫ 5min
L︰-55℃ 30min
50 CYCLES
76 PCS
0/1
3
Thermal Shock
H︰+100℃ 5min
∫ 10set
L︰-10℃ 5min
50 CYCLES
76 PCS
0/1
4
High Temperature
Storage
TEMP︰100℃
1000 HRS
76 PCS
0/1
5 Low Temperature Storage
TEMP︰-55℃
1000 HRS
76 PCS
0/1
6
DC Operating Life
TEMP︰25℃
IF=20mA
1000 HRS
76 PCS
0/1
7
High Temperature /
High Humidity
85℃ / 85%RH
1000 HRS
76 PCS
0/1


Similar Part No. - AA-483HD-502S_15

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AA-483HD-502S A-BRIGHT-AA-483HD-502S Datasheet
318Kb / 5P
   LED Assembly
2009/2/27
AA-483HD-502S A-BRIGHT-AA-483HD-502S Datasheet
242Kb / 5P
   LED Assembly
2009/2/27
More results

Similar Description - AA-483HD-502S_15

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AA-3A4-2G-306B A-BRIGHT-AA-3A4-2G-306B_15 Datasheet
238Kb / 5P
   LED Assembly
2009/2/27
AA-3A4-2G-306B A-BRIGHT-AA-3A4-2G-306B Datasheet
310Kb / 5P
   LED Assembly
2009/2/27
AA-519EGW-C-501 A-BRIGHT-AA-519EGW-C-501 Datasheet
239Kb / 5P
   LED Assembly
2009/2/27
AA-3A4-4G-KLH340 A-BRIGHT-AA-3A4-4G-KLH340_15 Datasheet
239Kb / 5P
   LED Assembly
2009/2/27
AA-3A4GD-301A A-BRIGHT-AA-3A4GD-301A_15 Datasheet
238Kb / 5P
   LED Assembly
2009/2/27
AA-3A4-3G-KLH330 A-BRIGHT-AA-3A4-3G-KLH330_15 Datasheet
238Kb / 5P
   LED Assembly
2009/2/27
AA-519EGW-C-501 A-BRIGHT-AA-519EGW-C-501_15 Datasheet
239Kb / 5P
   LED Assembly
2009/2/27
AA-3A4-4G-KLH340 A-BRIGHT-AA-3A4-4G-KLH340 Datasheet
314Kb / 5P
   LED Assembly
2009/2/27
AA-3A4-2G-306B A-BRIGHT-AA-3A4-2G-306B Datasheet
238Kb / 5P
   LED Assembly
2009/2/27
AA-3A4GD-301A A-BRIGHT-AA-3A4GD-301A Datasheet
238Kb / 5P
   LED Assembly
2009/2/27
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com